Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9119TV14IZ-2.7 Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9119TV14IZ-2.7
Description  Single Digitally-Controlled (XDCP?? Potentiometer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9119TV14IZ-2.7 Datasheet(HTML) 5 Page - Intersil Corporation

  X9119TV14IZ-2.7 Datasheet HTML 1Page - Intersil Corporation X9119TV14IZ-2.7 Datasheet HTML 2Page - Intersil Corporation X9119TV14IZ-2.7 Datasheet HTML 3Page - Intersil Corporation X9119TV14IZ-2.7 Datasheet HTML 4Page - Intersil Corporation X9119TV14IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X9119TV14IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X9119TV14IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X9119TV14IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X9119TV14IZ-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
FN8162.4
July 9, 2008
STOP CONDITION
All communications must be terminated by a stop condition,
which is a LOW to HIGH transition of SDA while SCL is
HIGH (see Figure 3).
ACKNOWLEDGE
Acknowledge is a software convention used to provide a
positive handshake between the master and slave devices
on the bus to indicate the successful receipt of data. The
transmitting device, either the master or the slave, will
release the SDA bus after transmitting eight bits. The master
generates a ninth clock cycle and during this period the
receiver pulls the SDA line LOW to acknowledge that it
successfully received the eight bits of data.
The X9119 will respond with an acknowledge after
recognition of a start condition and its slave address and
once again after successful receipt of the command byte. If
the command is followed by a data byte the X9119 will
respond with a final acknowledge (see Figure 2).
ACKNOWLEDGE POLLING
The disabling of the inputs, during the internal nonvolatile
write operation, can be used to take advantage of the typical
5ms EEPROM write cycle time. Once the stop condition is
issued to indicate the end of the nonvolatile write command
the X9119 initiates the internal write cycle. ACK polling,
Flow 1, can be initiated immediately. This involves issuing
the start condition followed by the device slave address. If
the X9119 is still busy with the write operation, no ACK will
be returned. If the X9119 has completed the write operation,
an ACK will be returned and the master can then proceed
with the next operation.
FLOW 1. ACK Polling Sequence
SCL FROM
MASTER
DATA OUTPUT
FROM TRANSMITTER
1
89
ST AR T
ACKNOWLEDGE
DATA OUTPUT
FROM RECEIVER
FIGURE 2. ACKNOWLEDGE RESPONSE FROM RECEIVER
NONVOLATILE WRITE
COMMAND COMPLETED
ENTERACK POLLING
ISSUE
START
ISSUE SLAVE
ADDRESS
ACK
RETURNED?
FURTHER
OPERATION?
ISSUE
INSTRUCTION
ISSUE STOP
NO
YES
YES
PROCEED
ISSUE STOP
NO
PROCEED
X9119


Similar Part No. - X9119TV14IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9119TV14IZ-2.7 INTERSIL-X9119TV14IZ-2.7 Datasheet
332Kb / 18P
   Single Supply/Low Power/1024-Tap/2-Wire Bus
X9119TV14IZ-2.7 INTERSIL-X9119TV14IZ-2.7 Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
logo
Renesas Technology Corp
X9119TV14IZ-2.7 RENESAS-X9119TV14IZ-2.7 Datasheet
771Kb / 18P
   1024 Tap, Low Power, 2-Wire Interface, Digitally Controlled (XDCP?? Potentiometer
More results

Similar Description - X9119TV14IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com