Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9271TV14 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9271TV14
Description  Single, Digitally Controlled (XDCP?? Potentiometer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9271TV14 Datasheet(HTML) 1 Page - Intersil Corporation

  X9271TV14 Datasheet HTML 1Page - Intersil Corporation X9271TV14 Datasheet HTML 2Page - Intersil Corporation X9271TV14 Datasheet HTML 3Page - Intersil Corporation X9271TV14 Datasheet HTML 4Page - Intersil Corporation X9271TV14 Datasheet HTML 5Page - Intersil Corporation X9271TV14 Datasheet HTML 6Page - Intersil Corporation X9271TV14 Datasheet HTML 7Page - Intersil Corporation X9271TV14 Datasheet HTML 8Page - Intersil Corporation X9271TV14 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
FN8174.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2005, 2011. All Rights Reserved
XDCP is a trademark of Intersil Americas Inc. Intersil (and design) is a trademark owned by Intersil Corporation
or one of its subsidiaries. All other trademarks mentioned are the property of their respective owners.
X9271
Single Supply/Low Power/256-Tap/SPI Bus
Single, Digitally Controlled (XDCP™)
Potentiometer
FEATURES
• 256 Resistor Taps
• SPI Serial Interface for Write, Read, and Transfer
Operations of Potentiometer
• Wiper Resistance, 100
Ω typical @ VCC = 5V
• 16 Nonvolatile Data Registers
• Nonvolatile Storage of Multiple Wiper Positions
• Power-on Recall; Loads Saved Wiper Position
on Power-up
• Standby Current < 3µA Max
•VCC = 2.7V to 5.5V Operation
•50k
Ω, 100kΩ Versions of End-to-End Resistance
• 100-yr Data Retention
• Endurance: 100,000 Data Changes per Bit per
Register
• 14-Lead TSSOP
• Low-power CMOS
• Pb-free Plus Anneal Available (RoHS Compliant)
DESCRIPTION
The X9271 integrates a single, digitally controlled
potentiometer (XDCP™) on a monolithic CMOS
integrated circuit.
The digitally controlled potentiometer is implemented by
using 255 resistive elements in a series array. Between
each element are tap points connected to the wiper
terminal through switches. The position of the wiper on
the array is controlled by the user through the SPI bus
interface. The potentiometer has associated with it a
volatile Wiper Counter Register (WCR) and four
nonvolatile data registers that can be directly written to
and read by the user. The contents of the WCR control
the position of the wiper on the resistor array though the
switches. Power-up recalls the contents of the default
data register (DR0) to the WCR.
The XDCP can be used as a three-terminal
potentiometer or as a two-terminal variable resistor in
a wide variety of applications. including control,
parameter adjustments, and signal processing.
FUNCTIONAL DIAGRAM
50k
Ω and 100kΩ
RH
RL
RW
POT
VCC
VSS
SPI
Bus
Power-on Recall
Wiper Counter
Register (WCR)
Data Registers
16 Bytes
Interface
Bus
Interface
and Control
Address
Data
Status
Write
Read
Transfer
Inc/Dec
Control
256 Taps
Data Sheet
June 23, 2011


Similar Part No. - X9271TV14

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9271TV XICOR-X9271TV Datasheet
403Kb / 23P
   Single Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9271TV INTERSIL-X9271TV Datasheet
373Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
logo
Xicor Inc.
X9271TV-2.7 XICOR-X9271TV-2.7 Datasheet
403Kb / 23P
   Single Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9271TV-2.7 INTERSIL-X9271TV-2.7 Datasheet
373Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
logo
Xicor Inc.
X9271TVI XICOR-X9271TVI Datasheet
403Kb / 23P
   Single Digitally-Controlled (XDCP) Potentiometer
More results

Similar Description - X9271TV14

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com