Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28HC64P-12 Datasheet(PDF) 7 Page - Intersil Corporation

Part # X28HC64P-12
Description  5 Volt, Byte Alterable EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HC64P-12 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X28HC64P-12 Datasheet HTML 3Page - Intersil Corporation X28HC64P-12 Datasheet HTML 4Page - Intersil Corporation X28HC64P-12 Datasheet HTML 5Page - Intersil Corporation X28HC64P-12 Datasheet HTML 6Page - Intersil Corporation X28HC64P-12 Datasheet HTML 7Page - Intersil Corporation X28HC64P-12 Datasheet HTML 8Page - Intersil Corporation X28HC64P-12 Datasheet HTML 9Page - Intersil Corporation X28HC64P-12 Datasheet HTML 10Page - Intersil Corporation X28HC64P-12 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
FN8109.2
August 28, 2009
Resetting Software Data Protection
In the event the user wants to deactivate the software data
protection feature for testing or reprogramming in an
EEPROM programmer, the following six step algorithm will
reset the internal protection circuit. After tWC, the X28HC64
will be in standard operating mode.
Note: Once initiated, the sequence of write operations
should not be interrupted.
CE
WE
STANDARD
OPERATING
MODE
VCC
DATA
ADDR
AAA
1555
55
0AAA
80
1555
≥tWC
AA
1555
55
0AAA
20
1555
FIGURE 8. RESET SOFTWARE DATA PROTECTION TIMING SEQUENCE
WRITE DATA 55
TO ADDRESS
0AAA
WRITE DATA 55
TO ADDRESS
0AAA
WRITE DATA 80
TO ADDRESS
1555
WRITE DATA AA
ADDRESS
1555
WRITE DATA 20
TO ADDRESS
1555
WRITE DATA AA
TO ADDRESS
1555
FIGURE 9. SOFTWARE SEQUENCE TO DEACTIVATE
SOFTWARE
X28HC64


Similar Part No. - X28HC64P-12

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28HC64P-12 XICOR-X28HC64P-12 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results

Similar Description - X28HC64P-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_06 Datasheet
257Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
   128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
logo
Xicor Inc.
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com