Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9271UV14Z Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9271UV14Z
Description  Single, Digitally Controlled (XDCP?? Potentiometer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9271UV14Z Datasheet(HTML) 4 Page - Intersil Corporation

  X9271UV14Z Datasheet HTML 1Page - Intersil Corporation X9271UV14Z Datasheet HTML 2Page - Intersil Corporation X9271UV14Z Datasheet HTML 3Page - Intersil Corporation X9271UV14Z Datasheet HTML 4Page - Intersil Corporation X9271UV14Z Datasheet HTML 5Page - Intersil Corporation X9271UV14Z Datasheet HTML 6Page - Intersil Corporation X9271UV14Z Datasheet HTML 7Page - Intersil Corporation X9271UV14Z Datasheet HTML 8Page - Intersil Corporation X9271UV14Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
FN8174.3
June 23, 2011
PIN CONFIGURATION
PIN ASSIGNMENTS
VCC
RL
VSS
1
2
3
4
5
6
78
14
13
12
11
10
9
A0
RW
SCK
CS
TSSOP
RH
X9271
S0
NC
SI
HOLD
WP
A1
TSSOP
Symbol
Function
1
SO
Serial Data Output
2
A0
Device Address
3
NC
No Connect
4CS
Chip Select
5
SCK
Serial Clock
6
SI
Serial Data Input
7VSS
System Ground
8WP
Hardware Write Protect
9
A1
Device Address
10
HOLD
Device Select. Pause the serial bus.
11
RW
Wiper Terminal of Potentiometer
12
RH
High Terminal of Potentiometer
13
RL
Low Terminal of Potentiometer
14
VCC
System Supply Voltage
X9271


Similar Part No. - X9271UV14Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9271UV14Z INTERSIL-X9271UV14Z Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
logo
Renesas Technology Corp
X9271UV14Z RENESAS-X9271UV14Z Datasheet
791Kb / 19P
   Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9271UV14Z-2.7 INTERSIL-X9271UV14Z-2.7 Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
logo
Renesas Technology Corp
X9271UV14Z-2.7 RENESAS-X9271UV14Z-2.7 Datasheet
791Kb / 19P
   Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9271UV14Z-2.7T1 INTERSIL-X9271UV14Z-2.7T1 Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
More results

Similar Description - X9271UV14Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com