Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28HC64JZ-12 Datasheet(PDF) 9 Page - Intersil Corporation

Part # X28HC64JZ-12
Description  5 Volt, Byte Alterable EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HC64JZ-12 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X28HC64JZ-12 Datasheet HTML 5Page - Intersil Corporation X28HC64JZ-12 Datasheet HTML 6Page - Intersil Corporation X28HC64JZ-12 Datasheet HTML 7Page - Intersil Corporation X28HC64JZ-12 Datasheet HTML 8Page - Intersil Corporation X28HC64JZ-12 Datasheet HTML 9Page - Intersil Corporation X28HC64JZ-12 Datasheet HTML 10Page - Intersil Corporation X28HC64JZ-12 Datasheet HTML 11Page - Intersil Corporation X28HC64JZ-12 Datasheet HTML 12Page - Intersil Corporation X28HC64JZ-12 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
FN8109.2
August 28, 2009
Absolute Maximum Ratings
Thermal Information
Temperature Under Bias
X28HC64 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-10°C to +85°C
X28HC64I. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +135°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on any Pin with Respect to Vss . . . . . . . . . . . . . . -1V to +7V
DC Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
*Pb-free PDIPs can be used for through hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.
Recommended Operating Conditions
Commercial Temperature Range. . . . . . . . . . . . . . . . . 0°C to +70°C
Industrial Temperature Range . . . . . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage Range
X28HC64 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V ±10%
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
DC Electrical Specifications
Over recommended operating conditions, unless otherwise specified. Parameters with MIN and/or MAX
limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
(Note 3)
MAX
UNIT
VCC Current (active) (TTL Inputs)
ICC
CE = OE = VIL, WE = VIH, All I/O’s = open, address
inputs = TTL levels @ f = 10 MHz
15
40
mA
VCC Current (Standby) (TTL Inputs)
ISB1
CE = VIH, OE = VIL All I/O’s = open, other inputs = VIH
12
mA
VCC Current (Standby) (CMOS Inputs)
ISB2
CE = VCC - 0.3V, OE = GND, All I/O’s = open, other
inputs = VCC - 0.3V
100
200
µA
Input Leakage Current
ILI
VIN = VSS to VCC
±10
µA
Output Leakage Current
ILO
VOUT = VSS to VCC, CE = VIH
±10
µA
Input LOW Voltage (Note 4)
VlL
-1
0.8
V
Input HIGH Voltage (Note 4)
VIH
2VCC + 1
V
Output LOW Voltage
VOL
IOL = 5mA
0.4
V
Output HIGH Voltage
VOH
IOH = -5mA
2.4
V
NOTES:
3. Typical values are for TA = +25°C and nominal supply voltage
4. VIL min. and VIH max. are for reference only and are not tested.
Endurance and Data Retention
Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified.
Temperature limits established by characterization and are not production tested.
PARAMETER
MIN
MAX
UNIT
Minimum Endurance
100,000
Cycles
Data Retention
100
Years
X28HC64


Similar Part No. - X28HC64JZ-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC64JZ-12 INTERSIL-X28HC64JZ-12 Datasheet
396Kb / 18P
   5 Volt, Byte Alterable EEPR
August 18, 2015
logo
Renesas Technology Corp
X28HC64JZ-12 RENESAS-X28HC64JZ-12 Datasheet
784Kb / 18P
   64k, 8k x 8-Bit 5 Volt, Byte Alterable EEPROM
More results

Similar Description - X28HC64JZ-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_06 Datasheet
257Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
   128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
logo
Xicor Inc.
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com