Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9C303V8I Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9C303V8I
Description  Logarithmic Digitally Controlled Potentiometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C303V8I Datasheet(HTML) 4 Page - Intersil Corporation

  X9C303V8I Datasheet HTML 1Page - Intersil Corporation X9C303V8I Datasheet HTML 2Page - Intersil Corporation X9C303V8I Datasheet HTML 3Page - Intersil Corporation X9C303V8I Datasheet HTML 4Page - Intersil Corporation X9C303V8I Datasheet HTML 5Page - Intersil Corporation X9C303V8I Datasheet HTML 6Page - Intersil Corporation X9C303V8I Datasheet HTML 7Page - Intersil Corporation X9C303V8I Datasheet HTML 8Page - Intersil Corporation X9C303V8I Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FN8223.2
January 30, 2009
Symbol Table
Typical Electrical Taper
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from Low to
High
Will change
from Low to
High
May change
from High to
Low
Will change
from High to
Low
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
100
90
80
70
60
50
40
30
20
10
0
TAP
R(VH - VW)
R(VW - VL)
Test Circuit #1
TEST POINT
VW
VH
VL
VS
Test Circuit #2
FORCE
VL
VW
VH
TEST POINT
CURRENT
Circuit #3 SPICE Macro Model
CW
RTOTAL
RH
RL
CH
RW
10pF
CL
10pF
25pF
X9C303


Similar Part No. - X9C303V8I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9C303V8I XICOR-X9C303V8I Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C303V8I INTERSIL-X9C303V8I Datasheet
272Kb / 10P
   Digitally Controlled Potentiomet (XDCP)
X9C303V8I INTERSIL-X9C303V8I Datasheet
261Kb / 10P
   Logarithmic Digitally Controlled Potentiometer
X9C303V8I INTERSIL-X9C303V8I Datasheet
255Kb / 10P
   Terminal Voltage ±5V, 100 Taps, Log Taper
January 30, 2009
logo
Renesas Technology Corp
X9C303V8I RENESAS-X9C303V8I Datasheet
534Kb / 10P
   Logarithmic Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹5V, 100 Taps, Log Taper
More results

Similar Description - X9C303V8I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C303 INTERSIL-X9C303_07 Datasheet
261Kb / 10P
   Logarithmic Digitally Controlled Potentiometer
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com