Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9110 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9110
Description  Dual Supply/Low Power/1024-Tap/SPI Bus
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9110 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9110_08 Datasheet HTML 7Page - Intersil Corporation X9110_08 Datasheet HTML 8Page - Intersil Corporation X9110_08 Datasheet HTML 9Page - Intersil Corporation X9110_08 Datasheet HTML 10Page - Intersil Corporation X9110_08 Datasheet HTML 11Page - Intersil Corporation X9110_08 Datasheet HTML 12Page - Intersil Corporation X9110_08 Datasheet HTML 13Page - Intersil Corporation X9110_08 Datasheet HTML 14Page - Intersil Corporation X9110_08 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
FN8158.3
February 13, 2008
D.C. Operating Specifications Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 13)
TYP
MAX
(Note 13)
UNITS
ICC1
VCC Supply Current
(active)
fSCK = 2.5 MHz, SO = Open, VCC = 5.5V
Other Inputs = VSS
400
µA
ICC2
VCC Supply Current
(nonvolatile write)
fSCK = 2.5MHz, SO = Open, VCC = 5.5V
Other Inputs = VSS
15
mA
ISB
VCC Current (standby)
SCK = SI = VSS, Addr. = VSS,
CS = VCC = 5.5V
3µA
ILI
Input Leakage Current
VIN = VSS to VCC
10
µA
ILO
Output Leakage Current
VOUT = VSS to VCC
10
µA
VIH
Input HIGH Voltage
VCC x 0.7
VCC + 1
V
VIL
Input LOW Voltage
-1
VCC x 0.3
V
VOL
Output LOW Voltage
IOL = 3mA
0.4
V
VOH
Output HIGH Voltage
IOH = -1mA, VCC ≥ +3V
VCC - 0.8
V
VOH
Output HIGH Voltage
IOH = -0.4mA, VCC ≤ +3V
VCC - 0.4
V
Endurance and Data Retention
PARAMETER
MIN
UNITS
Minimum Endurance
100,000
Data changes per bit per register
Data Retention
100
years
Capacitance
SYMBOL
TEST
TEST CONDITIONS
MAX
UNITS
CIN/OUT (Notes 8, 10)
Input/Output Capacitance (SI)
VOUT = 0V
8
pF
COUT (Note 10)
Output Capacitance (SO)
VOUT = 0V
8
pF
CIN (Note 10)
Input Capacitance (A0, CS, WP, HOLD, and SCK)
VIN = 0V
6
pF
Power-up Timing
SYMBOL
PARAMETER
MIN
MAX
UNITS
tr VCC (Note 10)
VCC Power-up Rate
0.2
50
V/ms
tPUR (Notes 10, 11)
Power-up to Initiation of Read Operation
1
ms
tPUW (Note 11)
Power-up to Initiation of Write Operation
50
ms
NOTES:
10. Limits established by characterization and are not production tested.
11. tPUR and tPUW are the delays required from the time the (last) power supply (VCC-) is stable until the specific instruction can be issued.
12. ESD Rating on RH, RL, RW pins is 1.5kV (HBM, 1.0µA leakage maximum), ESD rating on all other pins is 2.0kV.
13. Parts are 100% tested at +25°C. Over-temperature limits established by characterization and are not production tested.
A.C. Test Conditions
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and Fall Times
10ns
Input and Output Timing Level
VCC x 0.5
X9110


Similar Part No. - X9110_08

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9110TV14 XICOR-X9110TV14 Datasheet
133Kb / 21P
   Single Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9110TV14 INTERSIL-X9110TV14 Datasheet
369Kb / 18P
   Single Digitally-Controlled (XDCP) Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
logo
Xicor Inc.
X9110TV14-2.7 XICOR-X9110TV14-2.7 Datasheet
133Kb / 21P
   Single Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9110TV14-2.7 INTERSIL-X9110TV14-2.7 Datasheet
369Kb / 18P
   Single Digitally-Controlled (XDCP) Potentiometer
More results

Similar Description - X9110_08

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9111 INTERSIL-X9111 Datasheet
359Kb / 18P
   Single Supply/Low Power/1024-Tap/SPI Bus
logo
Renesas Technology Corp
X9110 RENESAS-X9110 Datasheet
774Kb / 18P
   Dual Supply/Low Power/1024-Tap/SPI Bus, Single Digitally-Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9260 INTERSIL-X9260 Datasheet
407Kb / 25P
   Dual Supply/Low Power/256-Tap/SPI bus
logo
Renesas Technology Corp
X9260 RENESAS-X9260 Datasheet
434Kb / 23P
   Dual Supply/Low Power/256-Tap/SPI bus
August 29, 2006
X9111 RENESAS-X9111 Datasheet
805Kb / 19P
   Single Supply/Low Power/1024-Tap/SPI Bus/Single Digitally-Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9119 INTERSIL-X9119 Datasheet
332Kb / 18P
   Single Supply/Low Power/1024-Tap/2-Wire Bus
X9261 INTERSIL-X9261 Datasheet
393Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251 INTERSIL-X9251 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9271 INTERSIL-X9271 Datasheet
373Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
logo
Renesas Technology Corp
X9261 RENESAS-X9261 Datasheet
442Kb / 20P
   Single Supply/Low Power/256-Tap/SPI Bus
October 12, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com