Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GL8PR2 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GL8PR2
Description  2.5X5.0mm, Arch Type, Colored Diffusion LED Lams for Indicator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL8PR2 Datasheet(HTML) 3 Page - Sharp Corporation

  GL8PR2 Datasheet HTML 1Page - Sharp Corporation GL8PR2 Datasheet HTML 2Page - Sharp Corporation GL8PR2 Datasheet HTML 3Page - Sharp Corporation GL8PR2 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LED Lamp Characteristics Diagrams
Note)Characteristics shown in diagrams are typical values. (not assurance value)
HS series
HY series
0.5
2
1
3
5
10
20
50
100
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
Forward Current vs. Forward Voltage(Note)
Forward voltage VF(V)
(Ta=25˚C)
10
20
50
200
100
500
1000
-20
0
20
40
60
100
80
Luminous Intensity vs. Ambient Temperature(Note)
Ambient temperature Ta(˚C)
(IF=20mA)
1
2
5
200
100
20
50
10
500
0.1
0.2
0.5
1
2
5
10
20
50
Luminous Intensity vs. Forward Current(Note)
Forward current IF(mA)
(Ta=25˚C)
5
10
30
50
100
300
500
1/50
1/20
1/10
1/5
1/2
1
Duty Ratio vs. Peak Forward Current
Duty ratio DR
(Ta=25˚C)
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Peak Forward Current Derating Curve
Ambient temperature Ta(˚C)
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Peak Forward Current Derating Curve
Ambient temperature Ta(˚C)
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Forward Current Derating Curve
Ambient temperature Ta(˚C)
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Forward Current Derating Curve
Ambient temperature Ta(˚C)
0.1
0.5
1.0
5.0
10
50
100
1.0
1.2
1.4
1.6
1.8
2.0
2.4
2.6
2.2
Forward Current vs. Forward Voltage(Note)
Forward voltage VF(V)
(Ta=25˚C)
1.0
5.0
10
50
100
500
1000
-20
0
20
40
60
80
120
100
Luminous Intensity vs. Ambient Temperature(Note)
Ambient temperature Ta(˚C)
(Ta=25˚C)
1.0
5.0
2.0
10
20
50
100
200
500
1000
0.1
0.2
0.5
1
2
5
10
20
50
Luminous Intensity vs. Forward Current(Note)
Forward current IF(mA)
(Ta=25˚C)
1.0
5.0
2.0
10
20
50
100
200
500
1/50
1/20 1/10
1/5
1/2
1
Duty Ratio vs. Peak Forward Current
Duty ratio DR
(Ta=25˚C)
119
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)


Similar Part No. - GL8PR2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL8PR21 ETC1-GL8PR21 Datasheet
1Mb / 11P
   HIGH-LUMINOSITY LED LAMP
logo
Sharp Corporation
GL8PR22 SHARP-GL8PR22 Datasheet
78Kb / 4P
   5.0X5.0mm, Square Type, Colored Diffusion LED Lamps for Indicator
logo
List of Unclassifed Man...
GL8PR22 ETC-GL8PR22 Datasheet
87Kb / 4P
   LED LAMP
GL8PR22 ETC1-GL8PR22 Datasheet
1Mb / 11P
   HIGH-LUMINOSITY LED LAMP
logo
Sharp Corporation
GL8PR25 SHARP-GL8PR25 Datasheet
83Kb / 4P
   2.0X3.2mm, Rectangle Type, Colored Transparency LED Lamps for Backlight/Indicator
More results

Similar Description - GL8PR2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL2HD6 ETC-GL2HD6 Datasheet
100Kb / 4P
   Convex Type, Colored Diffusion LED Lamps for Indicator
logo
Sharp Corporation
GL8PR42 SHARP-GL8PR42 Datasheet
80Kb / 4P
   2.0X4.0mm, Rectangle Type, Colored Diffusion LED Lamps for Indicator
GL2PR6 SHARP-GL2PR6 Datasheet
91Kb / 4P
   첩2mm, Convex Type, Colored Diffusion LED Lamps for Indicator
GL8PR22 SHARP-GL8PR22 Datasheet
78Kb / 4P
   5.0X5.0mm, Square Type, Colored Diffusion LED Lamps for Indicator
GL8HD23 SHARP-GL8HD23 Datasheet
95Kb / 4P
   2.0X4.5mm, Rectangle Type, Colored Diffusion LED Lamps for Indicator
GL8HD48 SHARP-GL8HD48 Datasheet
100Kb / 4P
   3.0X3.0mm, Square Type, Colored Diffusion LED Lamps for Indicator
GL8PR29 SHARP-GL8PR29 Datasheet
86Kb / 4P
   2.0X3.2mm, Rectangle Type, Colored Diffusion LED Lamps for Indicator
GL4PR8 SHARP-GL4PR8 Datasheet
81Kb / 4P
   첩4mm, Cylinder Type, Colored Diffusion LED Lamps for Indicator
GL4HY8 SHARP-GL4HY8 Datasheet
121Kb / 6P
   4mm, CYLINDER TYPE, COLORED DIFFUSION LED LAMPS FOR INDICATOR
GL8PR26 SHARP-GL8PR26 Datasheet
79Kb / 4P
   2.0X5.0mm, Rectangle Type(Flangeless), Colored Diffusion LED Lamps for Indicator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com