Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9C102 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9C102
Description  Digitally Controlled Potentiometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C102 Datasheet(HTML) 4 Page - Intersil Corporation

  X9C102_09 Datasheet HTML 1Page - Intersil Corporation X9C102_09 Datasheet HTML 2Page - Intersil Corporation X9C102_09 Datasheet HTML 3Page - Intersil Corporation X9C102_09 Datasheet HTML 4Page - Intersil Corporation X9C102_09 Datasheet HTML 5Page - Intersil Corporation X9C102_09 Datasheet HTML 6Page - Intersil Corporation X9C102_09 Datasheet HTML 7Page - Intersil Corporation X9C102_09 Datasheet HTML 8Page - Intersil Corporation X9C102_09 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FN8222.3
July 20, 2009
Absolute Maximum Ratings
Thermal Information
Voltage on CS, INC, U/D and VCC with Respect to VSS . -1V to +7V
Voltage on VH/RH and VL/RL Referenced to VSS. . . . . . . -8V to +8V
ΔV = |V
H/RH - VL/RL|
X9C102 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4V
X9C103, X9C104, and X9C503 . . . . . . . . . . . . . . . . . . . . . . . .10V
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .8.8mA
Power Rating
X9C102 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .16mW
X9C103 X0C104, and X9C503 . . . . . . . . . . . . . . . . . . . . . .10mW
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . -65°C to +135°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
*Pb-free PDIPs can be used for through-hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.
Recommended Operating Conditions
Commercial Temperature Range. . . . . . . . . . . . . . . . . 0°C to +70°C
Industrial Temperature Range . . . . . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage Range (VCC) . . . . . . . . . . . . . . . . . . . . . . . 5V ±10%
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
Electrical Specifications
Over recommended operating conditions unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP
(Note 6)
MAX
POTENTIOMETER CHARACTERISTICS
RTOTAL
End-to-End Resistance Variation
-20
+20
%
VVH/RH
VH Terminal Voltage
-5
+5
V
VVL/RL
VL Terminal Voltage
-5
+5
V
IW
Wiper Current
-4.4
4.4
mA
RW
Wiper Resistance
Wiper Current = ±1mA
40
100
Ω
Resistor Noise (Note 7)
Ref 1kHz
-120
dBV
Charge Pump Noise (Note 7)
@ 850kHz
20
mVRMS
Resolution
1%
Absolute Linearity (Note 3)
VW(n)(actual) - VW(n)(EXPECTED)
-1
+1
MI (Note 5)
Relative Linearity (Note 4)
VW(n + 1)(ACTUAL) - [VW(n) + MI]
-0.2
+0.2
MI (Note 5)
RTOTAL Temperature Coefficient
X9C103, X9C503, X9C104
±300 (Note 7)
ppm/°C
RTOTAL Temperature Coefficient
X9C102
±600 (Note 7)
ppm/°C
Ratiometric Temperature Coefficient
±20
ppm/°C
CH/CL/CW
(Note 7)
Potentiometer Capacitances
See “Circuit #3 SPICE Macro
Model” on page 5.
10/10/25
pF
DC OPERATING CHARACTERISTICS
ICC
VCC Active Current
CS = VIL, U/D = VIL or VIH and
INC = 0.4V to 2.4V at Max tCYC
13
mA
ISB
Standby Supply Current
CS = VCC - 0.3V, U/D and
INC =VSS or VCC -0.3V
200
750
µA
ILI
CS, INC, U/D Input Leakage Current
VIN = VSS to VCC
±10
µA
VIH
CS, INC, U/D input HIGH Voltage
2
V
VIL
CS, INC, U/D input LOW Voltage
0.8
V
CIN
CS, INC, U/D Input Capacitance (Note 7)
VCC = 5V, VIN = VSS, TA = +25°C,
f = 1MHz
10
pF
X9C102, X9C103, X9C104, X9C503


Similar Part No. - X9C102_09

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C102 INTERSIL-X9C102_06 Datasheet
248Kb / 11P
   Digitally Controlled Potentiometer
More results

Similar Description - X9C102_09

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
X9315WMZ INTERSIL-X9315WMZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com