Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA3259HFP Datasheet(PDF) 6 Page - Rohm

Part # BA3259HFP
Description  Secondary Dual-Output (Fixed/Variable) LDO Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3259HFP Datasheet(HTML) 6 Page - Rohm

Back Button BA3259HFP Datasheet HTML 2Page - Rohm BA3259HFP Datasheet HTML 3Page - Rohm BA3259HFP Datasheet HTML 4Page - Rohm BA3259HFP Datasheet HTML 5Page - Rohm BA3259HFP Datasheet HTML 6Page - Rohm BA3259HFP Datasheet HTML 7Page - Rohm BA3259HFP Datasheet HTML 8Page - Rohm BA3259HFP Datasheet HTML 9Page - Rohm BA3259HFP Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Technical Note
6/10
www.rohm.com
2011.03 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BA3259HFP,BA30E00WHFP
Block Diagrams / Standard Example Application Circuits
Fig.25 BA3259HFP Block Diagram
Fig.26 BA30E00WHFP Block Diagram
Pin
No.
Pin
name
Function
1
Vcc
Power supply pin
2
ADJ
Variable output voltage detection pin
3
GND
GND pin
4
Vo2
Variable output pin
5
Vo1
3.3 V output pin
FIN
GND
GND pin
Pin
No.
Pin
name
Function
1
EN
Output on/off control pin: High active
2
Vcc2
Power supply pin 2
3
Vcc1
Power supply pin 1
4
GND
GND pin
5
Vo1
Power supply pin for 3.3 V output
6
Vo2
Variable output voltage detection pin
(0.8 V to 3.3 V)
7
ADJ
Variable output voltage detection pin
FIN
GND
GND pin
PIN
External capacitor
setting range
Vcc (1Pin)
Approximately 3.3µF
Vo1 (5Pin)
1 µF to 1000 µF
Vo2 (4Pin)
1 µF to 1000 µF
TOP VIEW
PIN
External capacitor
setting range
Vcc1 (3Pin)
Approximately 1 µF
Vcc2 (2Pin)
Approximately 1 µF
Vo1 (5Pin)
47 µF to 1000 µF
Vo2 (6Pin)
47 µF to 1000 µF
TOP VIEW
HRP5
HRP7
Setting the Output Voltage Vo2
The following output voltage setting method applies to the variable output pin.
Vo2=VADJ
 ( 1 +
R2
) - R2
 IADJ
R1
VADJ: Output feedback reference voltage
(0.8 V typ.)
IADJ: ADJ pin source current
(0.05µA typ.: BA3259HFP)
(0.2µA typ.: BA30E00WHFP)
Note:Connect R1 and R2 to make output voltage settings as shown in Fig.25 and Fig.26. Keep in mind that the offset
voltage caused by the current (IADJ) flowing out of the ADJ pin will become high if higher resistance is used.
R1
BA3259HFP: 1 kΩ to 10 kΩ
BA30E00HFP: 1 kΩ to 5 kΩ
The above is recommended.
1 2 3 4 5 6 7
Vo2
ADJ
IADJ
VADJ
R2
R1
1
2
3
4
5
VREF
Current
Limit
Thermal
Shutdown
Current
Limit
VO1
VO2
GND
3.3V
1μF
1.5V
1μF
3.3μF
VIN
CO1
CO2
CIN
1
5
4
FIN
2
ADJ
Vcc
R1
R2
3
GND
EN
Current
Limit
Sat.
Prevention
Current
Limit
Sat.
Prevention
Thermal
Shut Down
GND(Fin)
Vcc1
Vcc1
Vcc2
Vcc2
Vcc1
ADJ
GND
Vo2
Vo1
Vcc2
Reference
Voltage
R1
R2
47μF
47μF
1μF
1μF
1
2
3
4
5
6
7


Similar Part No. - BA3259HFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3259HFP ROHM-BA3259HFP Datasheet
191Kb / 6P
   Dual Low-Dropout Voltage Regulator
BA3259HFP ROHM-BA3259HFP Datasheet
383Kb / 10P
   Dual-output Secondary Fixed/Variable Output LDO Regulators for Local Power Supplies
BA3259HFP ROHM-BA3259HFP Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BA3259HFP-TR ROHM-BA3259HFP-TR Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BA3259HFP ROHM-BA3259HFP_09 Datasheet
383Kb / 10P
   Dual-output Secondary Fixed/Variable Output LDO Regulators for Local Power Supplies
More results

Similar Description - BA3259HFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_12 Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BA33E00WHFP-TR ROHM-BA33E00WHFP-TR Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BA15JC5WT ROHM-BA15JC5WT Datasheet
351Kb / 11P
   Secondary Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_09 Datasheet
383Kb / 10P
   Dual-output Secondary Fixed/Variable Output LDO Regulators for Local Power Supplies
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
   1.5A Variable Fixed Output LDO Regulators
BD00HC5WEFJ ROHM-BD00HC5WEFJ_13 Datasheet
494Kb / 22P
   1.5A Variable / Fixed Output LDO Regulators
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
   300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com