Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA2902YFV-C Datasheet(PDF) 11 Page - Rohm

Part # BA2902YFV-C
Description  Automotive Operational Amplifiers: Ground Sense
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2902YFV-C Datasheet(HTML) 11 Page - Rohm

Back Button BA2902YFV-C Datasheet HTML 7Page - Rohm BA2902YFV-C Datasheet HTML 8Page - Rohm BA2902YFV-C Datasheet HTML 9Page - Rohm BA2902YFV-C Datasheet HTML 10Page - Rohm BA2902YFV-C Datasheet HTML 11Page - Rohm BA2902YFV-C Datasheet HTML 12Page - Rohm BA2902YFV-C Datasheet HTML 13Page - Rohm BA2902YFV-C Datasheet HTML 14Page - Rohm BA2902YFV-C Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Technical Note
11/16
BA2904YF-C,BA2904YFVM-C,BA2902YF-C,BA2902YFV-C
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
0
200
400
600
800
1000
0
25
50
75
100
125
150
AMBIENT TEMPERATURE [℃]
0
200
400
600
800
1000
0
25
50
75
100
125
150
AMBIENT TEMPERATURE [℃]
Derating curves
Power dissipation(total loss) indicates the power that can be consumed by IC at Ta=25℃(normal temperature). IC is heated
when it consumed power, and the temperature of IC chip becomes higher than ambient temperature. The temperature that
can be accepted by IC chip depends on circuit configuration, manufacturing process, and consumable power is limited.
Power dissipation is determined by the temperature allowed in IC chip(maximum junction temperature) and thermal
resistance of package(heat dissipation capability). The maximum junction temperature is typically equal to the maximum
value in the storage temperature range. Heat generated by consumed power of IC radiates from the mold resin or lead frame
of the package. The parameter which indicatesthis heat dissipation capability(hardness of heat release)is called thermal
resistance, represented by the symbol θja[℃/W].The temperature of IC inside the package can be estimated by this thermal
resistance. Fig.54(a) shows the model of thermal resistance of the package. Thermal resistance θja, ambient temperature Ta,
junction temperature Tj, and power dissipation Pd can be calculated by the equation below:
θja = (Tj-Ta) / Pd
[℃/W]
・・・・・
(Ⅰ)
Derating curve in Fig.54(b) indicates power that can be consumed by IC with reference to ambient temperature.Power that
can be consumed by IC begins to attenuate at certain ambient temperature. This gradient iis determined by thermal
resistance θja. Thermal resistance θja depends on chip size, power consumption, package,ambient temperature, package
condition, wind velocity, etc even when the same of package is used.
Thermal reduction curve indicates a reference value measured at a specified condition. Fig.55(c),(d) show a derating curve
for an example of BA2904Y, BA2902Y.
(*6)
(*7)
(*8)
(*9)
Unit
6.2
4.8
7.0
4.9
[mW/℃]
When using the unit above Ta=25[℃], subtract the value above per degree [℃].
Permissible dissipation is the value when FR4 glass epoxy board 70[mm]×70[mm]×1.6[mm](cooper foil area below 3[%]) is mounted.
Fig. 55
Derating curve
(a) Thermal resistance
(b) Derating curve
Fig. 54 Thermal resistance and derating
θja = ( Tj ーTa ) / Pd [℃/W]
0
50
75
100
125
150
25
P1
P2
Pd (max)
LSIの消費電力 [W]
θ' ja2
θ' ja1
Tj ' (max)
θja2 < θja1
周囲 温度 Ta [℃ ]
θ ja2
θ ja1
Tj (max)
周囲温度 Ta [℃]
チップ 表面温度 Tj [℃]
消費電力 P [W]
Ambient temperature
Chip surface temperature
Power dissipation Pd[W]
Power dissipation of LSI
Ambient temperature
(c) BA2904Y family
(d) BA2902Y family
BA2904YF-C
BA2904YFVM-C
BA2902YFV-C
BA2902YF-C
780mW(*6)
590mW(*7)
870mW(*8)
610mW(*9)


Similar Part No. - BA2902YFV-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2902YFV-CE2 ROHM-BA2902YFV-CE2 Datasheet
471Kb / 30P
   Automotive Ground Sense Operational Amplifiers
More results

Similar Description - BA2902YFV-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2904YF-M ROHM-BA2904YF-M Datasheet
565Kb / 29P
   Automotive Ground Sense Operational Amplifiers
BA2904FC ROHM-BA2904FC Datasheet
471Kb / 30P
   Automotive Ground Sense Operational Amplifiers
BA2902YF-M ROHM-BA2902YF-M Datasheet
565Kb / 29P
   Automotive Ground Sense Operational Amplifiers
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com