Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA2904YF-C Datasheet(PDF) 9 Page - Rohm

Part # BA2904YF-C
Description  Automotive Operational Amplifiers: Ground Sense
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2904YF-C Datasheet(HTML) 9 Page - Rohm

Back Button BA2904YF-C Datasheet HTML 5Page - Rohm BA2904YF-C Datasheet HTML 6Page - Rohm BA2904YF-C Datasheet HTML 7Page - Rohm BA2904YF-C Datasheet HTML 8Page - Rohm BA2904YF-C Datasheet HTML 9Page - Rohm BA2904YF-C Datasheet HTML 10Page - Rohm BA2904YF-C Datasheet HTML 11Page - Rohm BA2904YF-C Datasheet HTML 12Page - Rohm BA2904YF-C Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Technical Note
9/16
BA2904YF-C,BA2904YFVM-C,BA2902YF-C,BA2902YFV-C
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Circuit Diagram
Test circuit1 NULL method
VCC,VEE,EK,Vicm Unit:[V]
Parameter
VF
S1
S2
S3
BA2904Y family
BA2902Y family
calculation
Vcc
VEE
EK
Vicm
Input Offset Voltage
VF1
ON
ON
OFF
5~30
0
-1.4
0
1
Input Offset Current
VF2 OFF OFF OFF
5
0
-1.4
0
2
Input Bias Current
VF3 OFF
ON
OFF
5
0
-1.4
0
3
VF4
ON
OFF
Large Signal Voltage Gain
VF5
ON
ON
ON
15
0
-1.4
0
4
VF6
15
0
-11.4
0
Common-mode Rejection Ratio
(Input common-mode Voltage Range)
VF7
ON
ON
OFF
5
0
-1.4
0
5
VF8
5
0
-1.4
3.5
Power Supply Rejection Ratio
VF9
ON
ON
OFF
5
0
-1.4
0
6
VF10
30
0
-1.4
0
- Calculation -
1. Input Offset Voltage (Vio)
2. Input Offset Current (Iio)
3. Input Bias Current (Ib)
4. Large Signal Voltage Gain (Av)
5. Common-mode Rejection Ration (CMRR)
6. Power supply rejection ratio (PSRR)
Fig. 49 Schematic Diagram (one channel only)
Fig. 50 Test circuit1 (one channel only)
| VF1 |
Vio =
1 + Rf / Rs
[V]
| VF2-VF1 |
Iio =
Ri ×(1 + Rf / Rs)
[A]
| VF4-VF3 |
Ib =
2×Ri× (1 + Rf / Rs)
[A]
ΔEK×(1+Rf /Rs)
Av = 20×Log
|VF5-VF6|
[dB]
ΔVicm×(1+Rf /Rs)
CMRR = 20×Log
|VF8-VF7|
[dB]
ΔVcc×(1+Rf /Rs)
PSRR = 20×Log
|VF10-VF9|
[dB]
VCC
C2
0.1[μF]
Rf
50[kΩ]
S1
Ri
Rs
10[kΩ]
50[Ω]
10[kΩ]
50[Ω]
Ri
Rs
S2
RL
S3
1000[pF]
C3
500[kΩ]
500[kΩ]
0.1[μF]
RK
EK
RK
C1
+15[V]
-15[V]
NULL
V VF
DUT
VEE
Vicm
BA2904Y / BA2902Y Schematic Diagram
+IN
-IN
VOUT
VCC
VEE


Similar Part No. - BA2904YF-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2904YF-CE2 ROHM-BA2904YF-CE2 Datasheet
471Kb / 30P
   Automotive Ground Sense Operational Amplifiers
More results

Similar Description - BA2904YF-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2904YF-M ROHM-BA2904YF-M Datasheet
565Kb / 29P
   Automotive Ground Sense Operational Amplifiers
BA2904FC ROHM-BA2904FC Datasheet
471Kb / 30P
   Automotive Ground Sense Operational Amplifiers
BA2902YF-M ROHM-BA2902YF-M Datasheet
565Kb / 29P
   Automotive Ground Sense Operational Amplifiers
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com