Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISLA112P50 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISLA112P50
Description  12-Bit, 500MSPS A/D Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA112P50 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISLA112P50_11 Datasheet HTML 5Page - Intersil Corporation ISLA112P50_11 Datasheet HTML 6Page - Intersil Corporation ISLA112P50_11 Datasheet HTML 7Page - Intersil Corporation ISLA112P50_11 Datasheet HTML 8Page - Intersil Corporation ISLA112P50_11 Datasheet HTML 9Page - Intersil Corporation ISLA112P50_11 Datasheet HTML 10Page - Intersil Corporation ISLA112P50_11 Datasheet HTML 11Page - Intersil Corporation ISLA112P50_11 Datasheet HTML 12Page - Intersil Corporation ISLA112P50_11 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
ISLA112P50
9
FN7604.2
August 1, 2011
Switching Specifications
PARAMETER
CONDITION
SYMBOL
MIN
TYP
MAX
UNITS
A/D OUTPUT
Aperture Delay
tA
375
ps
RMS Aperture Jitter
jA
90
fs
Input Clock to Output Clock Propagation
Delay
AVDD, OVDD = 1.8V, TA = +25°C
tCPD
2.6
2.9
3.3
ns
AVDD, OVDD = 1.7V to 1.9V,
TA = -40°C to +85°C
tCPD
2.0
2.6
3.6
ns
Relative Input Clock to Output Clock
Propagation Delay Matching (Note 16)
AVDD, OVDD = 1.7V to 1.9V,
TA = -40°C to +85°C
dtCPD
-450
450
ps
Input Clock to Data Propagation Delay,
LVDS Mode
tPD
1.74
2.6
3.83
ns
Output Clock to Data Propagation Delay
LVDS or CMOS Mode
tDC
-250
0
250
ps
Synchronous Clock Divider Reset Setup
Time (with respect to the positive edge of
CLKP)
tRSTS
300
75
ps
Synchronous Clock Divider Reset Hold Time
(with respect to the positive edge of CLKP)
tRSTH
450
150
ps
Synchronous Clock Divider Reset Recovery
Time
DLL recovery time after
Synchronous Reset
tRSTRT
52
µs
Latency (Pipeline Delay) (Note 17)
L
17
cycles
Overvoltage Recovery
tOVR
1cycles
SPI INTERFACE (Notes 18, 19)
SCLK Period
Write Operation
t
CLK
32
cycles
(Note 18)
Read Operation
tCLK
132
cycles
CSB
↓ to SCLK↑ Setup Time
Read or Write
tS
2cycles
CSB
↑ after SCLK↑ Hold Time
Read or Write
tH
11
cycles
Data Valid to SCLK
↑ Setup Time
Write
tDSW
2cycles
Data Valid after SCLK
↑ Hold Time
Write
tDHW
8cycles
Data Valid after SCLK
↓ Time
Read
tDVR
33
cycles
Data Invalid after SCLK
↑ Time
Read
tDHR
6cycles
Sleep Mode CSB
↓ to SCLK↑ Setup Time
(Note 20)
Read or Write in Sleep Mode
tS
150
µs
NOTES:
14. The Tri-Level Inputs internal switching thresholds are approximately 0.43V and 1.34V. It is advised to float the inputs, tie to ground or AVDD depending
on desired function.
15. The voltage is expressed in peak-to-peak differential swing. The peak-to-peak singled-ended swing is 1/2 of the differential swing.
16. The relative propagation delay is the timing of the output clock of any A/D with respect to the nominal timing of any other A/D, given that all devices
are clocked at the same time and are matched in temperature and voltage. It is specified over the full operating temperature and voltage range, and
is established by characterization and not production tested.
17. The pipeline latency of this converter is fixed.
18. SPI Interface timing is directly proportional to the A/D sample period (tSAMPLE).
19. The SPI may operate asynchronously with respect to the A/D sample clock.
20. The CSB setup time increases in sleep mode due to the reduced power state, CSB setup time in Nap mode is equal to normal mode CSB setup time
(4ns min).


Similar Part No. - ISLA112P50_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA112P50IRZ INTERSIL-ISLA112P50IRZ Datasheet
1Mb / 35P
   12-Bit, 500MSPS A/D Converter
ISLA112P50IRZ INTERSIL-ISLA112P50IRZ Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
August 1, 2011
logo
Renesas Technology Corp
ISLA112P50IRZ RENESAS-ISLA112P50IRZ Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
More results

Similar Description - ISLA112P50_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5512P-50_0910 INTERSIL-KAD5512P-50_0910 Datasheet
836Kb / 30P
   12-Bit, 500MSPS A/D Converter
ISLA112P50IRZ INTERSIL-ISLA112P50IRZ Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
August 1, 2011
KAD5512P-50 INTERSIL-KAD5512P-50_09 Datasheet
652Kb / 27P
   12-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
ISLA112P50 RENESAS-ISLA112P50 Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
KAD5512P-50 RENESAS-KAD5512P-50 Datasheet
1Mb / 29P
   12-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
KAD5512P-50 INTERSIL-KAD5512P-50 Datasheet
432Kb / 26P
   12-Bit, 500MSPS A/D Converter
logo
List of Unclassifed Man...
KAD5512P-50 ETC2-KAD5512P-50 Datasheet
664Kb / 28P
   12-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
ISLA112P50 INTERSIL-ISLA112P50 Datasheet
1Mb / 35P
   12-Bit, 500MSPS A/D Converter
ISLA118P50IRZ INTERSIL-ISLA118P50IRZ Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
July 25, 2011
ISLA110P50 INTERSIL-ISLA110P50 Datasheet
1,007Kb / 35P
   10-Bit, 500MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com