Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97646IRZ-TK Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL97646IRZ-TK
Description  Boost LDO VON Slice VCOM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97646IRZ-TK Datasheet(HTML) 3 Page - Intersil Corporation

  ISL97646IRZ-TK Datasheet HTML 1Page - Intersil Corporation ISL97646IRZ-TK Datasheet HTML 2Page - Intersil Corporation ISL97646IRZ-TK Datasheet HTML 3Page - Intersil Corporation ISL97646IRZ-TK Datasheet HTML 4Page - Intersil Corporation ISL97646IRZ-TK Datasheet HTML 5Page - Intersil Corporation ISL97646IRZ-TK Datasheet HTML 6Page - Intersil Corporation ISL97646IRZ-TK Datasheet HTML 7Page - Intersil Corporation ISL97646IRZ-TK Datasheet HTML 8Page - Intersil Corporation ISL97646IRZ-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
FN6265.1
December 14, 2007
Absolute Maximum Ratings
Thermal Information
Lx to GND, AGND and PGND . . . . . . . . . . . . . . . . . . . . -0.5 to +25V
VDD2, OUT, NEG and POS
to GND, AGND and PGND . . . . . . . . . . . . . . . . . . . . . -0.5 to +25V
VDD1, VGH and VGH_M
to GND, AGND and PGND . . . . . . . . . . . . . . . . . . . . . -0.5 to +32V
Differential Voltage Between POS and NEG . . . . . . . . . . . . . . . ±6V
Voltage Between GND, AGND and PGND . . . . . . . . . . . . . . . ±0.5V
All Other Pins to GND, AGND and PGND . . . . . . . . . . -0.5 to +6.5V
Input, Output, or I/O Voltage . . . . . . . . . . . GND -0.3V to VIN + 0.3V
Recommended Operating Conditions
Input Voltage Range, VS . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
Boost Output Voltage Range, AVDD . . . . . . . . . . . . . . . . . 8V to 20V
Input Capacitance, CIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22µF
Boost Inductor, L1 . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.3µH to 10µH
LDO Output Capacitance. . . . . . . . . . . . . . . . . . . . . . .2.2µF to 10µF
Output Capacitance, COUT . . . . . . . . . . . . . . . . . . . . . . . . . . 2x22µF
Operating Ambient Temperature Range . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . .-40°C to +125°C
Thermal Resistance
θ
JA (°C/W)
θ
JC (°C/W)
4x4 QFN Package (Notes 1, 2) . . . . . .
39
2.5
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Maximum Continuous Junction Temperature . . . . . . . . . . . +125°C
Power Dissipation
TA ≤ +25°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2.44W
TA = +70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.34W
TA = +85°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0.98W
TA = +100°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0.61W
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
2. For
θ
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
VIN1 =VIN2 = ENABLE = 5V, VDD1 = VDD2 = 14V, VGH = 25V, AVDD = 10V, TA = -40°C to +85°C
Unless Otherwise Noted.
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
GENERAL
VS
VIN1, VIN2 Input Voltage Range
See separate LDO specifications on
page 4
2.7
5.0
5.5
V
IS_DIS
Sum of VIN1, VIN2 Supply Currents
when Disabled
ENABLE = 0V
0.2
2
µA
IS
Sum of VIN1, VIN2 Supply Currents
ENABLE = 5V, LX not switching, LDO
not loaded
1mA
UVLO
Undervoltage Lockout Threshold
VIN2 Rising
2.3
2.45
2.6
V
VIN2 Falling
2.2
2.35
2.5
V
OTR
Thermal Shutdown Temperature
Temperature Rising
140
°C
OTF
Temperature Falling
100
°C
LOGIC INPUT CHARACTERISTICS - ENABLE, VFLK, FREQ, VDPM
VIL
Low Voltage Threshold
0.8
V
VIH
High Voltage Threshold
2.2
V
RIL
Pull-Down Resistor
Enabled, Input at VIN2
150
250
400
k
Ω
STEP-UP SWITCHING REGULATOR
AVDD
Output Voltage Range
VIN*1.25
20
V
ΔA
VDD/ΔIOUT
Load Regulation
50mA < ILOAD < 250mA
0.2
%
ΔA
VDD/ΔVIN
Line Regulation
ILOAD = 150mA, 3.0 < VIN1 < 5.5V
0.15
0.25
%/V
ACCAVDD
Overall Accuracy (Line, Load,
Temperature)
10mA < ILOAD < 300mA, 3.0 < VIN1
< 5.5V, 0°C < TA < +85°C
-3
3
%
ISL97646


Similar Part No. - ISL97646IRZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97646IRZ-TK INTERSIL-ISL97646IRZ-TK Datasheet
446Kb / 15P
   Boost LDO VON Slice VCOM
logo
Renesas Technology Corp
ISL97646IRZ-TK RENESAS-ISL97646IRZ-TK Datasheet
852Kb / 15P
   Boost LDO VON Slice VCOM
More results

Similar Description - ISL97646IRZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97644 INTERSIL-ISL97644_07 Datasheet
448Kb / 15P
   Boost LDO VON Slice VCOM
logo
Renesas Technology Corp
ISL97644 RENESAS-ISL97644 Datasheet
855Kb / 15P
   Boost LDO VON Slice VCOM
logo
Intersil Corporation
ISL97644 INTERSIL-ISL97644 Datasheet
548Kb / 15P
   Boost LDO VON Slice VCOM
ISL97646 INTERSIL-ISL97646 Datasheet
446Kb / 15P
   Boost LDO VON Slice VCOM
logo
Renesas Technology Corp
ISL97646 RENESAS-ISL97646 Datasheet
852Kb / 15P
   Boost LDO VON Slice VCOM
logo
Intersil Corporation
ISL97645 INTERSIL-ISL97645_07 Datasheet
439Kb / 14P
   Boost VON Slice VCOM
ISL97645 INTERSIL-ISL97645 Datasheet
539Kb / 14P
   Boost VON Slice VCOM
ISL97645A INTERSIL-ISL97645A Datasheet
523Kb / 15P
   Boost VON Slice VCOM
logo
Renesas Technology Corp
ISL97645 RENESAS-ISL97645 Datasheet
899Kb / 14P
   Boost VON Slice VCOM
December 14, 2007
logo
Intersil Corporation
ISL97645A INTERSIL-ISL97645A_10 Datasheet
534Kb / 16P
   Boost VON Slice VCOM Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com