Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97646 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL97646
Description  Boost LDO VON Slice VCOM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97646 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL97646_07 Datasheet HTML 1Page - Intersil Corporation ISL97646_07 Datasheet HTML 2Page - Intersil Corporation ISL97646_07 Datasheet HTML 3Page - Intersil Corporation ISL97646_07 Datasheet HTML 4Page - Intersil Corporation ISL97646_07 Datasheet HTML 5Page - Intersil Corporation ISL97646_07 Datasheet HTML 6Page - Intersil Corporation ISL97646_07 Datasheet HTML 7Page - Intersil Corporation ISL97646_07 Datasheet HTML 8Page - Intersil Corporation ISL97646_07 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN6265.1
December 14, 2007
ISC
Output Short Circuit Current
250
400
mA
SR
Slew Rate
50
V/µs
BW
Gain Bandwidth
-3dB gain point
30
MHz
GATE PULSE MODULATOR
VGH
VGH Voltage
7
30
V
IVGH
VGH Input Current
VFLK = 0
260
µA
RE = 33k
Ω, VFLK = VDD1
40
µA
VDD1
VDD1 Voltage
3
VGH - 2
V
IVDD1
VDD1 Input Current
-2
0.1
2
µA
RONVGH
VGH to VGH_M On Resistance
70
Ω
IDIS_VGH
VGH_M Discharge Current (Note 3) RE = 33k
Ω
8mA
TDEL
DELAY Time (Note 4)
CE = 470pF, RE = 33k
Ω
1.9
µs
NOTES:
3. Nominal discharge current = 300/(RE + 5k
Ω).
4. Nominal delay time = 4000*CE.
Electrical Specifications
VIN1 =VIN2 = ENABLE = 5V, VDD1 = VDD2 = 14V, VGH = 25V, AVDD = 10V, TA = -40°C to +85°C
Unless Otherwise Noted. (Continued)
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
ISL97646


Similar Part No. - ISL97646_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97646IRZ-T INTERSIL-ISL97646IRZ-T Datasheet
446Kb / 15P
   Boost LDO VON Slice VCOM
logo
Renesas Technology Corp
ISL97646IRZ-T RENESAS-ISL97646IRZ-T Datasheet
852Kb / 15P
   Boost LDO VON Slice VCOM
logo
Intersil Corporation
ISL97646IRZ-TK INTERSIL-ISL97646IRZ-TK Datasheet
446Kb / 15P
   Boost LDO VON Slice VCOM
logo
Renesas Technology Corp
ISL97646IRZ-TK RENESAS-ISL97646IRZ-TK Datasheet
852Kb / 15P
   Boost LDO VON Slice VCOM
More results

Similar Description - ISL97646_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97644 INTERSIL-ISL97644_07 Datasheet
448Kb / 15P
   Boost LDO VON Slice VCOM
logo
Renesas Technology Corp
ISL97644 RENESAS-ISL97644 Datasheet
855Kb / 15P
   Boost LDO VON Slice VCOM
logo
Intersil Corporation
ISL97644 INTERSIL-ISL97644 Datasheet
548Kb / 15P
   Boost LDO VON Slice VCOM
ISL97646 INTERSIL-ISL97646 Datasheet
446Kb / 15P
   Boost LDO VON Slice VCOM
logo
Renesas Technology Corp
ISL97646 RENESAS-ISL97646 Datasheet
852Kb / 15P
   Boost LDO VON Slice VCOM
logo
Intersil Corporation
ISL97645 INTERSIL-ISL97645_07 Datasheet
439Kb / 14P
   Boost VON Slice VCOM
ISL97645 INTERSIL-ISL97645 Datasheet
539Kb / 14P
   Boost VON Slice VCOM
ISL97645A INTERSIL-ISL97645A Datasheet
523Kb / 15P
   Boost VON Slice VCOM
logo
Renesas Technology Corp
ISL97645 RENESAS-ISL97645 Datasheet
899Kb / 14P
   Boost VON Slice VCOM
December 14, 2007
logo
Intersil Corporation
ISL97645A INTERSIL-ISL97645A_10 Datasheet
534Kb / 16P
   Boost VON Slice VCOM Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com