Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL84781 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL84781
Description  Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8-to-1 Analog Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84781 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL84781 Datasheet HTML 1Page - Intersil Corporation ISL84781 Datasheet HTML 2Page - Intersil Corporation ISL84781 Datasheet HTML 3Page - Intersil Corporation ISL84781 Datasheet HTML 4Page - Intersil Corporation ISL84781 Datasheet HTML 5Page - Intersil Corporation ISL84781 Datasheet HTML 6Page - Intersil Corporation ISL84781 Datasheet HTML 7Page - Intersil Corporation ISL84781 Datasheet HTML 8Page - Intersil Corporation ISL84781 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN6095.4
October 28, 2010
Absolute Maximum Ratings
Thermal Information
V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 4.7V
Input Voltages
INH, NO, ADD (Note 5) . . . . . . . . . . . . . . . . . -0.3 to (V+) + 0.3V
Output Voltages
COM (Note 5) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (V+) + 0.3V
Continuous Current NO or COM . . . . . . . . . . . . . . . . . . . . . ±300mA
Peak Current NO or COM
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . ±500mA
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >4kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >300V
Charged Device Model. . . . . . . . . . . . . . . . . . . . . . . . . . . >1000V
Thermal Resistance (Typical, Note 6)
θ
JA (°C/W)
16 Ld TSSOP Package . . . . . . . . . . . . . . . . . . . . . .
150
16 Ld 3x3 Thin QFN Package . . . . . . . . . . . . . . . . .
75
Maximum Junction Temperature (Plastic Package). . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
5. Signals on NO, COM, ADD, or INH exceeding V+ or GND are clamped by internal diodes. Limit forward diode current to maximum current
ratings.
6.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications - 3V Supply Test Conditions: V
SUPPLY = +2.7V to +3.3V, GND = 0V, VINH = 1.4V, VINL = 0.5V (Note 7),
Unless Otherwise Specified. Boldface limits apply over the operating temperature range,
-40°C to +85°C.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 8, 11)
TYP
MAX
(Notes 8, 11) UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON-resistance, rON
V+ = 2.7V, ICOM = 100mA, VNO = 0V to V+,
(See Figure 5)
25
-
0.41
0.75
Ω
Full
-
-
0.8
Ω
rON Matching Between Channels,
ΔrON
V+ = 2.7V, ICOM = 100mA, VNO = Voltage at max
rON, (Note 9)
25
-
0.12
0.2
Ω
Full
-
-
0.2
Ω
rON Flatness, RFLAT(ON)
V+ = 2.7V, ICOM = 100mA, VNO = 0V to V+,
(Note 10)
25
-
0.056
0.15
Ω
Full
-
-
0.15
Ω
NO OFF Leakage Current, INO(OFF) V+ = 3.3V, VCOM = 0.3V, 3V, VNO = 3V, 0.3V
25
-4
-
4
nA
Full
-40
-
40
nA
COM ON Leakage Current,
ICOM(ON)
V+ = 3.3V, VCOM = VNO = 0.3V, 3V
25
-15
-
15
nA
Full
-70
-
70
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH, VADDH
Full
1.4
--
V
Input Voltage Low, VINL, VADDL
Full
-
-
0.5
V
Input Current, IINH, IINL, IADDH,
IADDL
V+ = 3.6V, VINH = VADD = 0V or V+ (Note 12)
Full
-0.5
-
0.5
µA
DYNAMIC CHARACTERISTICS
Inhibit Turn-ON Time, tON
V+ = 2.7V, VNO = 1.5V, RL = 50Ω, CL = 35pF,
(See Figure 1, Note 12)
25
-
16
25
ns
Full
-
-
27
ns
Inhibit Turn-OFF Time, tOFF
V+ = 2.7V, VNO = 1.5V, RL = 50Ω, CL = 35pF,
(See Figure 1, Note 12)
25
-
14
23
ns
Full
-
-
25
ns
Address Transition Time, tTRANS
V+ = 2.7V, VNO = 1.5V, RL = 50Ω, CL = 35pF,
(See Figure 1, Note 12)
25
-
19
28
ns
Full
-
-
30
ns
Break-Before-Make Time, tBBM
V+ = 3.3V, VNO = 1.5V, RL = 50Ω, CL = 35pF,
(See Figure 3, Note 12)
25
-
4
-
ns
Full
1
--
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω, (See Figure 2)
25
-
-39
-
pC
Input OFF Capacitance, COFF
f = 1MHz, VNO = VCOM = 0V, (See Figure 6)
25
-
65
-
pF
ISL84781


Similar Part No. - ISL84781

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84781 INTERSIL-ISL84781 Datasheet
340Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8 to 1 Analog Multiplexer
ISL84781 INTERSIL-ISL84781 Datasheet
282Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8 to 1 Analog Multiplexer
ISL84781 INTERSIL-ISL84781 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL84781 RENESAS-ISL84781 Datasheet
617Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8-to-1 Analog Multiplexer
logo
Intersil Corporation
ISL84781 INTERSIL-ISL84781 Datasheet
279Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage Single Supply, 8-to-1 Analog Multiplexer
October 28, 2010
More results

Similar Description - ISL84781

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84781 INTERSIL-ISL84781_06 Datasheet
282Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8 to 1 Analog Multiplexer
ISL84781 INTERSIL-ISL84781 Datasheet
340Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8 to 1 Analog Multiplexer
ISL84781IVZ INTERSIL-ISL84781IVZ Datasheet
279Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage Single Supply, 8-to-1 Analog Multiplexer
October 28, 2010
logo
Renesas Technology Corp
ISL84781 RENESAS-ISL84781 Datasheet
617Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8-to-1 Analog Multiplexer
logo
Intersil Corporation
ISL54057 INTERSIL-ISL54057 Datasheet
264Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL43L840 INTERSIL-ISL43L840 Datasheet
334Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL43L841 RENESAS-ISL43L841 Datasheet
623Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782 RENESAS-ISL84782 Datasheet
628Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL54058 INTERSIL-ISL54058 Datasheet
249Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL43L841 INTERSIL-ISL43L841 Datasheet
307Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com