Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL80101 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL80101
Description  1A Ultra Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80101 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL80101 Datasheet HTML 1Page - Intersil Corporation ISL80101 Datasheet HTML 2Page - Intersil Corporation ISL80101 Datasheet HTML 3Page - Intersil Corporation ISL80101 Datasheet HTML 4Page - Intersil Corporation ISL80101 Datasheet HTML 5Page - Intersil Corporation ISL80101 Datasheet HTML 6Page - Intersil Corporation ISL80101 Datasheet HTML 7Page - Intersil Corporation ISL80101 Datasheet HTML 8Page - Intersil Corporation ISL80101 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
1A Ultra Low Dropout Linear Regulator with
Programmable Current Limiting
ISL80121-5
The ISL80121-5 is a low dropout voltage, single output LDO with
programmable current limiting. This LDO operates from input
voltages of 2.2V to 6V. The ISL80121-5 has a nominal output
voltage of 5V. Other custom voltage options are available upon
request.
A sub-micron BiCMOS process is utilized for this product family to
deliver the best in class analog performance and overall value.
The programmable current limiting improves system reliability of
end applications. An external capacitor on the soft-start pin
provides an adjustable soft-starting ramp. The ENABLE feature
allows the part to be placed into a low quiescent current
shutdown mode.
This CMOS LDO will consume significantly lower quiescent
current as a function of load compared to bipolar LDOs, which
translates into higher efficiency and packages with smaller
footprints. Quiescent current is modestly compromised to
achieve a very fast load transient response.
Features
•±1.8% VOUT Accuracy Guaranteed Over Line, Load and
TJ = -40°C to +125°C
• Very Low 130mV Dropout Voltage at VIN = 5.0V
• High Accuracy Current Limit Programmable up to 1.75A
• Very Fast Transient Response
• 210µVRMS Output Noise
• Power-Good Output
•Programmable Soft-Start
• Over-Temperature Protection
•Small 10 Ld DFN Package
Applications
•USB devices
• Telecommunications and Networking
•Medical Equipment
• Instrumentation Systems
•Routers and Switchers
•Gaming
TABLE 1. KEY DIFFERENCES BETWEEN FAMILY OF PARTS
PART NUMBER
ILIMIT (DEFAULT)
PROGRAMMABLE ISET
ISL80101
1.75A
No
ISL80101A
1.62A
Yes
ISL80121-5
0.75A
Yes
Typical Applications
ISL80121-5
VIN
10
VIN
9
ENABLE
7
SS
6
GND
CIN
10µF
CSS
5
PG
4
VOUT
1
VOUT
2
COUT
10µF
RPG
100kΩ
SENSE
3
ISET
8
ILIMIT 0.75A
=
(default)
5.4V ±10%
VIN
OFF
ON
VOUT
5.0V ±1.8%
ISL80121-5
VIN
10
VIN
9
ENABLE
7
SS
6
GND
5.4V ±10%
CIN
10µF
VIN
OFF
ON
CSS
5
PG
4
VOUT
1
2
VOUT
5.0V ±1.8%
COUT
10µF
RPG
100kΩ
3
ISET
8
RSET
10kΩ
ILIMIT 0.75
2.9
RSET kΩ
()
-------------------------------------
+
=
RSENSE
10Ω
VOUT
SENSE
April 22, 2011
FN7713.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas Inc. 2010, 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners


Similar Part No. - ISL80101

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80101 INTERSIL-ISL80101 Datasheet
544Kb / 15P
   High Performance 1A LDO
ISL80101 INTERSIL-ISL80101 Datasheet
570Kb / 12P
   High Performance 1A Linear Regulator with Programmable Current Limiting
ISL80101 INTERSIL-ISL80101 Datasheet
583Kb / 11P
   High Performance 1A LDO
ISL80101 INTERSIL-ISL80101 Datasheet
478Kb / 11P
   1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
ISL80101 INTERSIL-ISL80101 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Similar Description - ISL80101

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8901 A-POWER-APE8901_14 Datasheet
219Kb / 8P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3940 HTC-TJ3940 Datasheet
287Kb / 8P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8961 A-POWER-APE8961 Datasheet
456Kb / 9P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com