Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL80101 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL80101
Description  1A Ultra Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80101 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL80101 Datasheet HTML 2Page - Intersil Corporation ISL80101 Datasheet HTML 3Page - Intersil Corporation ISL80101 Datasheet HTML 4Page - Intersil Corporation ISL80101 Datasheet HTML 5Page - Intersil Corporation ISL80101 Datasheet HTML 6Page - Intersil Corporation ISL80101 Datasheet HTML 7Page - Intersil Corporation ISL80101 Datasheet HTML 8Page - Intersil Corporation ISL80101 Datasheet HTML 9Page - Intersil Corporation ISL80101 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ISL80121-5
6
FN7713.3
April 22, 2011
Typical Operating Performance Unless otherwise noted: V
IN = 5.4V, VOUT = 5.0V, CIN = COUT = 10µF,
TJ = +25°C, IL = 0A.
FIGURE 1. DROPOUT VOLTAGE vs LOAD
FIGURE 2. OUTPUT VOLTAGE vs TEMPERATURE
FIGURE 3. OUTPUT VOLTAGE vs OUTPUT CURRENTFIGURE 4. GROUND CURRENT vs LOAD CURRENT
FIGURE 5. SHUTDOWN CURRENT vs TEMPERATURE
FIGURE 6. ENABLE START-UP
0
30
60
90
120
150
0
0.2
0.4
0.6
0.8
1.0
LOAD CURRENT (A)
-40°C
+25°C
+125°C
-1.8
-1.2
-0.6
0
0.6
1.2
1.8
-50
-25
0
255075
100
125
150
JUNCTION TEMPERATURE (°C)
-1.8
-1.2
-0.6
0
0.6
1.2
1.8
0
0.25
0.50
0.75
1.00
OUTPUT CURRENT (A)
+125°C
+25°C
-40°C
2.85
2.90
2.95
3.00
3.05
3.10
3.15
3.20
3.25
3.30
00.2
0.4
0.6
0.8
1
LOAD CURRENT (A)
-40°C
+25°C
+125°C
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-40 -25 -10
5
20
35
50
65
80
95 110 125
TEMPERATURE (°C)
VIN = 6V
VOUT (5V/DIV)
PG (5V/DIV)
SS (2V/DIV)
ENABLE (2V/DIV)
TIME (2ms/DIV)


Similar Part No. - ISL80101

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80101 INTERSIL-ISL80101 Datasheet
544Kb / 15P
   High Performance 1A LDO
ISL80101 INTERSIL-ISL80101 Datasheet
570Kb / 12P
   High Performance 1A Linear Regulator with Programmable Current Limiting
ISL80101 INTERSIL-ISL80101 Datasheet
583Kb / 11P
   High Performance 1A LDO
ISL80101 INTERSIL-ISL80101 Datasheet
478Kb / 11P
   1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
ISL80101 INTERSIL-ISL80101 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Similar Description - ISL80101

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8901 A-POWER-APE8901_14 Datasheet
219Kb / 8P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3940 HTC-TJ3940 Datasheet
287Kb / 8P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8961 A-POWER-APE8961 Datasheet
456Kb / 9P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com