Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL78010 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL78010
Description  Automotive Grade TFT-LCD Power Supply
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78010 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL78010 Datasheet HTML 1Page - Intersil Corporation ISL78010 Datasheet HTML 2Page - Intersil Corporation ISL78010 Datasheet HTML 3Page - Intersil Corporation ISL78010 Datasheet HTML 4Page - Intersil Corporation ISL78010 Datasheet HTML 5Page - Intersil Corporation ISL78010 Datasheet HTML 6Page - Intersil Corporation ISL78010 Datasheet HTML 7Page - Intersil Corporation ISL78010 Datasheet HTML 8Page - Intersil Corporation ISL78010 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
FN6501.1
May 3, 2011
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
VDELB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24V
VDRVP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .36V
VDRVN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20V
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.5V
VLX. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24V
VDRVL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.5V
Thermal Resistance (Typical) (Notes 4, 5) ΘJA (°C/W) ΘJC (°C/W)
32 Ld 5x5 TQFP. . . . . . . . . . . . . . . . . .
71
25
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Power Dissipation . . . . .see “Typical Performance Curves” (page 5)
Maximum Continuous Junction Temperature . . . . . . . . . . . +125°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Ambient Operating Temperature . . . . . . . . . . . . . . .-40°C to +105°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
4. ΘJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5. For ΘJC, the “case temp” location is taken at the package top center.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA.
Electrical Specifications
VDD = 5V, VBOOST = 11V, ILOAD = 200mA, VON = 15V, VOFF = -5V, VLOGIC = 2.5V, limits over -40°C to
+105°C temperature range, unless otherwise specified. Boldface limits apply over the operating
temperature range, -40°C to +105°C.
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
SUPPLY
VS
Supply Voltage
35.5
V
IS
Quiescent Current
Enabled, LX not switching
1.7
2.5
mA
Disabled
750
900
µA
CLOCK
fOSC
Oscillator Frequency
900
1000
1100
kHz
BOOST
VBOOST
Boost Output Range
5.5
20
V
VFBB
Boost Feedback Voltage
TA = +25°C
1.192
1.205
1.218
V
1.188
1.205
1.222
V
VF_FBB
FBB Fault Trip Point
0.9
V
VREF
Reference Voltage
TA = +25°C
1.19
1.215
1.235
V
1.187
1.215
1.238
V
DMAX
Maximum Duty Cycle
85
%
ILXMAX
Current Switch
2.0
A
ILEAK
Switch Leakage Current
VLX = 16V
10
µA
rDS(ON)
Switch ON-Resistance
320
m
Ω
Eff
Boost Efficiency
See “Typical Performance Curves” (page 5)
85
92
%
I(VFBB)
Feedback Input Bias Current
Pl mode, VFBB = 1.35V
50
500
nA
ΔVBOOST/ΔVIN
Line Regulation
CINT = 4.7nF, IOUT = 100mA, VIN = 3V to 5.5V
0.05
%/V
ΔVBOOST/ΔIBOOST Load Regulation - “P” Mode
CINT pin strapped to VDD,
50mA < ILOAD < 250mA
3%
ΔVBOOST/ΔIBOOST Load Regulation - “PI” Mode
CINT = 4.7nF, 50mA < IO < 250mA
0.1
%
ISL78010


Similar Part No. - ISL78010

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78010 INTERSIL-ISL78010 Datasheet
393Kb / 18P
   Automotive Grade TFT-LCD Power Supply
logo
Renesas Technology Corp
ISL78010 RENESAS-ISL78010 Datasheet
885Kb / 19P
   Automotive Grade TFT-LCD Power Supply
logo
Intersil Corporation
ISL78010ANZ INTERSIL-ISL78010ANZ Datasheet
393Kb / 18P
   Automotive Grade TFT-LCD Power Supply
ISL78010ANZ INTERSIL-ISL78010ANZ Datasheet
460Kb / 19P
   Automotive Grade TFT-LCD Power Supply
December 4, 2013
logo
Renesas Technology Corp
ISL78010ANZ RENESAS-ISL78010ANZ Datasheet
885Kb / 19P
   Automotive Grade TFT-LCD Power Supply
More results

Similar Description - ISL78010

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78010ANZ INTERSIL-ISL78010ANZ Datasheet
460Kb / 19P
   Automotive Grade TFT-LCD Power Supply
December 4, 2013
ISL78010 INTERSIL-ISL78010 Datasheet
393Kb / 18P
   Automotive Grade TFT-LCD Power Supply
logo
Renesas Technology Corp
ISL78010 RENESAS-ISL78010 Datasheet
885Kb / 19P
   Automotive Grade TFT-LCD Power Supply
ISL78419 RENESAS-ISL78419 Datasheet
1Mb / 20P
   Integrated Automotive TFT-LCD Power Supply Regulator
logo
Intersil Corporation
ISL78419ARZ-T INTERSIL-ISL78419ARZ-T Datasheet
851Kb / 20P
   Integrated Automotive TFT-LCD Power Supply Regulator
logo
Maxim Integrated Produc...
MAX25520 MAXIM-MAX25520 Datasheet
2Mb / 23P
   Automotive 2-Channel TFT-LCD Power Supply
Rev 0; 1/21
logo
Intersil Corporation
ISL78419ARZ INTERSIL-ISL78419ARZ Datasheet
870Kb / 20P
   Integrated Automotive TFT-LCD Power Supply Regulator
June 27, 2014
ISL78419 INTERSIL-ISL78419 Datasheet
933Kb / 20P
   Integrated Automotive TFT-LCD Power Supply Regulator
logo
Renesas Technology Corp
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
   TFT-LCD Power Supply
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
   TFT-LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com