Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R0922501V9A Datasheet(PDF) 1 Page - Intersil Corporation

Part # 5962R0922501V9A
Description  Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962R0922501V9A Datasheet(HTML) 1 Page - Intersil Corporation

  5962R0922501V9A Datasheet HTML 1Page - Intersil Corporation 5962R0922501V9A Datasheet HTML 2Page - Intersil Corporation 5962R0922501V9A Datasheet HTML 3Page - Intersil Corporation 5962R0922501V9A Datasheet HTML 4Page - Intersil Corporation 5962R0922501V9A Datasheet HTML 5Page - Intersil Corporation 5962R0922501V9A Datasheet HTML 6Page - Intersil Corporation 5962R0922501V9A Datasheet HTML 7Page - Intersil Corporation 5962R0922501V9A Datasheet HTML 8Page - Intersil Corporation 5962R0922501V9A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Radiation Hardened and SEE Hardened 6A
Synchronous Buck Regulator with Integrated MOSFETs
ISL70001SRH
The ISL70001SRH is a radiation hardened and SEE hardened
high efficiency monolithic synchronous buck regulator with
integrated MOSFETs. This single chip power solution operates
over an input voltage range of 3V to 5.5V and provides a tightly
regulated output voltage that is externally adjustable from 0.8V
to ~85% of the input voltage. Output load current capacity is 6A
for TJ < +145°C.
The ISL70001SRH utilizes peak current-mode control with
integrated compensation and switches at a fixed frequency of
1MHz. Two ISL70001SRH devices can be synchronized 180°
out-of-phase to reduce input RMS ripple current. These attributes
reduce the number and size of external components required,
while providing excellent output transient response. The
internal synchronous power switches are optimized for high
efficiency and good thermal performance.
The chip features a comparator type enable input that provides
flexibility. It can be used for simple digital on/off control or,
alternately, can provide undervoltage lockout capability by
using two external resistors to precisely sense the level of an
external supply voltage. A power-good signal indicates when the
output voltage is within ±11% typical of the nominal output
voltage.
Regulator start-up is controlled by an analog soft-start circuit,
which can be adjusted from approximately 2ms to 200ms by
using an external capacitor.
The ISL70001SRH incorporates fault protection for the
regulator. The protection circuits include input undervoltage,
output undervoltage, and output overcurrent.
High integration makes the ISL70001SRH an ideal choice to
power many of today’s small form factor applications. Two
devices can be synchronized to provide a complete power
solution for large scale digital ICs, like field programmable gate
arrays (FPGAs), that require separate core and I/O voltages.
Specifications for Rad Hard QML devices are controlled by the
Defense Supply Center in Columbus (DSCC). The SMD numbers
listed in the Ordering Information table on page 2 must be used
when ordering.
Detailed Electrical Specifications for these devices are contained
in SMD 5962-09225. This link is also available on the
ISL70001SRH device information page on the Intersil web site.
Features
• Electrically Screened to DSCC SMD 5962-09225
• QML Qualified per MIL-PRF-38535 Requirements
• Full Mil-Temp Range Operation (TA = -55°C to +125°C)
•Radiation Hardness
- Total Dose [50-300rad(Si)/s] . . . . . . . . . . .100krad(Si) min
• SEE Hardness
- SEL and SEB LETeff . . . . . . . . . . . . 86.4MeV/mg/cm2 min
-SEFI X-section (LETeff = 86.4MeV/mg/cm2) 1.4 x 10-6 cm2
max
-SET LETeff (< 1 Pulse Perturbation) 86.4MeV/mg/cm2 min
• High Efficiency > 90%
• Fixed 1MHz Operating Frequency
• Operates from 3V to 5.5V Supply
• ±1% Reference Voltage over Line, Load, Temperature and
Radiation
• Adjustable Output Voltage
- Two External Resistors Set VOUT from 0.8V to ~85% of VIN
• Excellent Dynamic Response
• Bi-directional SYNC Pin Allows Two Devices to be Synchronized
180° Out-of-Phase
• Device Enable with Comparator Type Input
• Power-Good Output Voltage Monitor
•Adjustable Analog Soft-Start
• Input Undervoltage, Output Undervoltage and Output
Overcurrent Protection
• Starts Into Pre-Biased Load
Applications
• FPGA, CPLD, DSP, CPU Core or I/O Voltages
• Low-Voltage, High-Density Distributed Power Systems
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2009, 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
May 23, 2011
FN6947.1


Similar Part No. - 5962R0922501V9A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962R0922501V9A INTERSIL-5962R0922501V9A Datasheet
289Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
More results

Similar Description - 5962R0922501V9A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH Datasheet
289Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
ISL70003SEH INTERSIL-ISL70003SEH Datasheet
1Mb / 32P
   Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
May 12, 2016
logo
Renesas Technology Corp
ISL70003SEH RENESAS-ISL70003SEH Datasheet
1Mb / 32P
   Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
December 8, 2016
ISL70002SEH RENESAS-ISL70002SEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
ISL71001SLHM RENESAS-ISL71001SLHM Datasheet
771Kb / 27P
   Radiation Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
Aug 10, 2021
ISL70003ASEH RENESAS-ISL70003ASEH Datasheet
1Mb / 36P
   Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
Dec 12, 2019
logo
Intersil Corporation
ISL7457SRH INTERSIL-ISL7457SRH_11 Datasheet
642Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
logo
Renesas Technology Corp
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
logo
Intersil Corporation
ISL7457SRH INTERSIL-ISL7457SRH Datasheet
388Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com