Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R0922501QXC Datasheet(PDF) 4 Page - Intersil Corporation

Part # 5962R0922501QXC
Description  Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962R0922501QXC Datasheet(HTML) 4 Page - Intersil Corporation

  5962R0922501QXC Datasheet HTML 1Page - Intersil Corporation 5962R0922501QXC Datasheet HTML 2Page - Intersil Corporation 5962R0922501QXC Datasheet HTML 3Page - Intersil Corporation 5962R0922501QXC Datasheet HTML 4Page - Intersil Corporation 5962R0922501QXC Datasheet HTML 5Page - Intersil Corporation 5962R0922501QXC Datasheet HTML 6Page - Intersil Corporation 5962R0922501QXC Datasheet HTML 7Page - Intersil Corporation 5962R0922501QXC Datasheet HTML 8Page - Intersil Corporation 5962R0922501QXC Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ISL70001SRH
4
FN6947.1
May 23, 2011
12
SS
This pin is the soft-start input. Connect a ceramic capacitor from this pin to DGND to set the soft-start output
ramp time in accordance with Equation 1:
Where:
tSS = Soft-start output ramp time
CSS = Soft-start capacitor
VREF = Reference voltage (0.6V typical)
ISS = Soft-start charging current (23µA typical)
Soft-start time is adjustable from approximately 2ms to 200ms.
The range of the soft-start capacitor should be 82nF to 8.2µF, inclusive.
13, 14
DVDD
These pins are the bias supply inputs to the internal digital control circuitry. Connect these pins together at the
IC and locally filter them to DGND using a 1
Ω resistor and a 1µF ceramic capacitor. Locate both filter
components as close as possible to the IC.
15, 16
DGND
These pins are the digital ground associated with the internal digital control circuitry. Connect these pins
directly to the ground plane.
17, 18
AGND
These pins are the analog ground associated with the internal analog control circuitry. Connect these pins
directly to the ground plane.
19
AVDD
This pin is the bias supply input to the internal analog control circuitry. Locally filter this pin to AGND using a 1
Ω
resistor and a 1µF ceramic capacitor. Locate both filter components as close as possible to the IC.
20
REF
This pin is the internal reference voltage output. Bypass this pin to AGND with a 220nF ceramic capacitor
located as close as possible to the IC. The bypass capacitor is needed to mitigate SEE. No current (sourcing or
sinking) is available from this pin.
21
FB
This pin is the voltage feedback input to the internal error amplifier. Connect a resistor from FB to VOUT and
from FB to AGND to adjust the output voltage in accordance with Equation 2:
Where:
VOUT = Output voltage
VREF = Reference voltage (0.6V typical)
RT = Top divider resistor (Must be 1kΩ)
RB = Bottom divider resistor
The top divider resistor must be 1k
Ω to mitigate SEE. Connect a 4.7nF ceramic capacitor across RT to mitigate SEE
and to improve stability margins.
22
EN
This pin is the enable input to the IC. This is a comparator type input with a rising threshold of 0.6V and
programmable hysteresis. Driving this pin above 0.6V enables the IC. Bypass this pin to AGND with a 10nF
ceramic capacitor to mitigate SEE.
23
PORSEL
This pin is the input for selecting the rising and falling POR (Power-On-Reset) thresholds. For a nominal 5V
supply, connect this pin to DVDD. For a nominal 3.3V supply, connect this pin to DGND. For nominal supply
voltages between 5V and 3.3V, connect this pin to DGND.
Pin Descriptions (Continued)
PIN NUMBER
PIN NAME
DESCRIPTION
tSS
CSS VREF
ISS
=
(EQ. 1)
VOUT
VREF 1RT RB
()
+
[]
=
(EQ. 2)


Similar Part No. - 5962R0922501QXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962R0922501QXC INTERSIL-5962R0922501QXC Datasheet
289Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
More results

Similar Description - 5962R0922501QXC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH Datasheet
289Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
ISL70003SEH INTERSIL-ISL70003SEH Datasheet
1Mb / 32P
   Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
May 12, 2016
logo
Renesas Technology Corp
ISL70003SEH RENESAS-ISL70003SEH Datasheet
1Mb / 32P
   Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
December 8, 2016
ISL70002SEH RENESAS-ISL70002SEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
ISL71001SLHM RENESAS-ISL71001SLHM Datasheet
771Kb / 27P
   Radiation Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
Aug 10, 2021
ISL70003ASEH RENESAS-ISL70003ASEH Datasheet
1Mb / 36P
   Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
Dec 12, 2019
logo
Intersil Corporation
ISL7457SRH INTERSIL-ISL7457SRH_11 Datasheet
642Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
logo
Renesas Technology Corp
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
logo
Intersil Corporation
ISL7457SRH INTERSIL-ISL7457SRH Datasheet
388Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com