Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL70001SRH Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL70001SRH
Description  Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70001SRH Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL70001SRH_11 Datasheet HTML 2Page - Intersil Corporation ISL70001SRH_11 Datasheet HTML 3Page - Intersil Corporation ISL70001SRH_11 Datasheet HTML 4Page - Intersil Corporation ISL70001SRH_11 Datasheet HTML 5Page - Intersil Corporation ISL70001SRH_11 Datasheet HTML 6Page - Intersil Corporation ISL70001SRH_11 Datasheet HTML 7Page - Intersil Corporation ISL70001SRH_11 Datasheet HTML 8Page - Intersil Corporation ISL70001SRH_11 Datasheet HTML 9Page - Intersil Corporation ISL70001SRH_11 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ISL70001SRH
6
FN6947.1
May 23, 2011
FIGURE 2. 3.3V INPUT SUPPLY VOLTAGE WITH SLAVE MODE SYNCHRONIZATION
Typical Application Schematic (Continued)
PGOOD
FB
470µF
1µH
1.8V
3.3V
1µF
PVIN1
PVIN2
ISL70001SRH
3A
PVIN3
1
1kΩ
499Ω
PVIN4
PVIN5
PVIN6
EN
M/S
PORSEL
SYNC
AVDD
AGND
TDO
ZAP
TDI
0V TO 5.5V
VSENSE
10nF
1µF
DVDD
DGND
LX1
LX2
LX3
LX4
LX5
LX6
REF
220nF
SS
100nF
10nF
1µF
100µF
4.7nF
20V
6A
1µF
1


Similar Part No. - ISL70001SRH_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70001SRHEVAL1Z INTERSIL-ISL70001SRHEVAL1Z Datasheet
587Kb / 17P
   Rad Hard and SEE Hard 6A Synchronous Buck Regulator
ISL70001SRHF INTERSIL-ISL70001SRHF Datasheet
587Kb / 17P
   Rad Hard and SEE Hard 6A Synchronous Buck Regulator
ISL70001SRHF/PROTO INTERSIL-ISL70001SRHF/PROTO Datasheet
289Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
ISL70001SRHQF INTERSIL-ISL70001SRHQF Datasheet
289Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
ISL70001SRHVF INTERSIL-ISL70001SRHVF Datasheet
289Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
More results

Similar Description - ISL70001SRH_11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH Datasheet
289Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
ISL70003SEH INTERSIL-ISL70003SEH Datasheet
1Mb / 32P
   Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
May 12, 2016
logo
Renesas Technology Corp
ISL70003SEH RENESAS-ISL70003SEH Datasheet
1Mb / 32P
   Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
December 8, 2016
ISL70002SEH RENESAS-ISL70002SEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
ISL71001SLHM RENESAS-ISL71001SLHM Datasheet
771Kb / 27P
   Radiation Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
Aug 10, 2021
ISL70003ASEH RENESAS-ISL70003ASEH Datasheet
1Mb / 36P
   Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
Dec 12, 2019
logo
Intersil Corporation
ISL7457SRH INTERSIL-ISL7457SRH_11 Datasheet
642Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
logo
Renesas Technology Corp
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
logo
Intersil Corporation
ISL7457SRH INTERSIL-ISL7457SRH Datasheet
388Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com