Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL55110IRZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL55110IRZ
Description  Dual, High Speed MOSFET Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55110IRZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL55110IRZ Datasheet HTML 1Page - Intersil Corporation ISL55110IRZ Datasheet HTML 2Page - Intersil Corporation ISL55110IRZ Datasheet HTML 3Page - Intersil Corporation ISL55110IRZ Datasheet HTML 4Page - Intersil Corporation ISL55110IRZ Datasheet HTML 5Page - Intersil Corporation ISL55110IRZ Datasheet HTML 6Page - Intersil Corporation ISL55110IRZ Datasheet HTML 7Page - Intersil Corporation ISL55110IRZ Datasheet HTML 8Page - Intersil Corporation ISL55110IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
FN6228.4
March 17, 2011
DRIVER CHARACTERISTICS
rDS
Driver Output Resistance
OA, OB
3
6
Ω
IDC
Driver Output DC Current (>2s)
100
mA
IAC
Peak Output Current
Design Intent verified via
simulation.
3.5
A
VOH to VOL
Driver Output Swing Range
VH voltage to Ground
3
13.2
V
SUPPLY CURRENTS
IDD
Logic Supply Quiescent Current
PDN = Low
4.0
6.0
mA
IDD-PDN
Logic Supply Power-Down Current
PDN = High
12
µA
IH
Driver Supply Quiescent Current
PDN = Low, No resistive load
DOUT
15
µA
IH_PDN
Driver Supply Power-Down Current
PDN = High
1
µA
DC Electrical Specifications
VH = +12V, VDD = 2.7V to 5.5V, TA = +25°C, unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS
AC Electrical Specifications
VH = +12V, VDD = +3.6, TA = +25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS
SWITCHING CHARACTERISTICS
tR
Driver Rise Time
OA, OB: CL = 100pF/1k
10% to 90%, VOH - VOL = 12V
1.2
ns
tF
Driver Fall Time
OA, OB: CL = 100pF/1k
10% to 90%, VOH - VOL = 12V
1.4
ns
tR
Driver Rise Time
OA, OB CL = 1nF
10% to 90%, VOH-VOL = 12V
6.2
ns
tF
Driver Fall Time
OA, OB CL = 1nF
10% to 90%, VOH-VOL = 12V
6.9
ns
tpdR
Input to Output Propagation Delay
Figure 2, Load 100pF/1k
10.9
ns
tpdF
Input to Output Propagation Delay
10.7
ns
tpdR
Input to Output Propagation Delay
Figure 2, Load 330pF
12.8
ns
tpdF
Input to Output Propagation Delay
12.5
ns
tpdR
Input to Output Propagation Delay
Figure 2, Load 680pF
14.5
ns
tpdF
Input to Output Propagation Delay
14.1
ns
tSkewR
Channel-to-Channel tpdR Spread with
Same Loads Both Channels
Figure 2, All Loads
<0.5
ns
tSkewF
Channel-to-Channel tpdF Spread with
Same Loads Both Channels.
Figure 2, All Loads
<0.5
ns
FMAX
Maximum Operating Frequency
70
MHz
TMIN
Minimum Pulse Width
6
ns
PDEN*
Power-down to Power-on Time
650
ns
PDDIS*
Power-on to Power-down Time
40
ns
TEN*
ENABLE to ENABLE Time (HIZ Off)
40
ns
TDIS*
ENABLE to ENABLE TIme (HIZ On)
40
ns
NOTE:
8. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
ISL55110, ISL55111


Similar Part No. - ISL55110IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
305Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
311Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
   Dual, High Speed MOSFET Driver
January 29, 2015
logo
Renesas Technology Corp
ISL55110IRZ RENESAS-ISL55110IRZ Datasheet
815Kb / 18P
   Dual, High Speed MOSFET Driver
More results

Similar Description - ISL55110IRZ

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1213 SUTEX-MD1213 Datasheet
708Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IVZ-T INTERSIL-ISL55110IVZ-T Datasheet
434Kb / 18P
   Dual, High Speed MOSFET Driver
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
   Dual, High Speed MOSFET Driver
January 29, 2015
ISL55110_0712 INTERSIL-ISL55110_0712 Datasheet
305Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210 Datasheet
178Kb / 5P
   HIGH SPEED DUAL MOSFET DRIVER
logo
Renesas Technology Corp
ISL55110 RENESAS-ISL55110 Datasheet
815Kb / 18P
   Dual, High Speed MOSFET Driver
logo
Texas Instruments
TPS2811-Q1 TI1-TPS2811-Q1 Datasheet
998Kb / 30P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVER
logo
Supertex, Inc
MD1211 SUTEX-MD1211 Datasheet
377Kb / 4P
   High Speed, Dual MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com