Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54222AIRTZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL54222AIRTZ
Description  High-Speed USB 2.0 (480Mbps) Multiplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54222AIRTZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL54222AIRTZ Datasheet HTML 1Page - Intersil Corporation ISL54222AIRTZ Datasheet HTML 2Page - Intersil Corporation ISL54222AIRTZ Datasheet HTML 3Page - Intersil Corporation ISL54222AIRTZ Datasheet HTML 4Page - Intersil Corporation ISL54222AIRTZ Datasheet HTML 5Page - Intersil Corporation ISL54222AIRTZ Datasheet HTML 6Page - Intersil Corporation ISL54222AIRTZ Datasheet HTML 7Page - Intersil Corporation ISL54222AIRTZ Datasheet HTML 8Page - Intersil Corporation ISL54222AIRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
FN6902.1
February 4, 2010
Absolute Maximum Ratings
Thermal Information
VDD to GND. . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 3.5V
Input Voltages
HSD2x, HSD1x (Note 6) . . . . . . . . . . . . . . . . - 0.3V to 6V
SEL, OE (Note 6) . . . . . . . . . . . . . -0.3 to ((VDD) + 0.3V)
Output Voltages
D+, D- (Note 6) . . . . . . . . . . . . . . . . . . . . . -0.3V to 6V
Continuous Current (HSD2x, HSD1x) . . . . . . . . . . . ±40mA
Peak Current (HSD2x, HSD1x)
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . ±100mA
ESD Rating:
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . >8kV
Human Body Model, (I/O pins to GND). . . . . . . . . . >12kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . >500V
Charged Device Model . . . . . . . . . . . . . . . . . . . . .>2.2kV
Latch-up Tested per JEDEC; Class II Level A . . . . . at +85°C
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
10 Ld TDFN (Notes 8, 9) . . . . . . . .
55
18
10 Ld MSOP (Notes 7, 10) . . . . . . .
165
65
10 Ld 2.1x1.6 µTQFN (Notes 7, 10)
160
100
10 Ld 1.8x1.4 µTQFN (Notes 7, 10)
160
105
Maximum Junction Temperature (Plastic Package). . +150°C
Maximum Storage Temperature Range. . . . . -65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . -40°C to +85°C
VDD Supply Voltage Range . . . . . . . . . . . . . . . 1.8V to 3.3V
Logic Control Input Voltage . . . . . . . . . . . . . . . . 0V to VDD
Analog Signal Range . . . . . . . . . . . . . . . . . . . . . 0V to 3.3V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
6. Signals on HSD1x, HSD2x, D+,D- exceeding GND by specified amount are clamped. Signals on OE and SEL exceeding VDD or
GND by specified amount are clamped. Limit current to maximum current ratings.
7. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
8. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach”
features. See Tech Brief TB379.
9. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
10. For θJC, the “case temp” location is taken at the package top center.
Electrical Specifications - 1.8V to 3.3V Supply
Test Conditions: VDD = +3.3V, GND = 0V, VSELH = 1.4V, VSELL = 0.5V,
VOEH =1.4V, VOEL = 0.5V, (Note 11), Unless Otherwise Specified.
Boldface limits apply over the operating temperature range,
-40°C to +85°C.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 12, 13) TYP
MAX
(Notes 12, 13) UNITS
ANALOG SWITCH CHARACTERISTICS
ON-Resistance, rON (High-
Speed)
VDD = 1.8V, SEL = 0.5V or 1.4V,
OE = 0.5V, IDx = 40mA, VHSD1x or
VHSD2 x = 0V to 400mV (see Figure 3,
Note 16)
25
-
5.7
8
Ω
Full
-
-
10
Ω
rON Matching Between
Channels, ΔrON (High-Speed)
VDD = 1.8V, SEL = 0.5V or 1.4V,
OE = 0.5V, IDx = 40mA, VHSD1x or
VHSD2 x = Voltage at max rON,
(Notes 15, 16)
25
-
0.072
0.5
Ω
Full
-
-
0.55
Ω
rON Flatness, RFLAT(ON)
(High-Speed)
VDD = 1.8V, SEL = 0.5V or 1.4V,
OE = 0.5V, IDx = 40mA, VHSD1x or
VHSD2 x = 0V to 400mV, (Notes 14, 16)
25
-
0.60
0.9
Ω
Full
-
-
1
Ω
OFF Leakage Current,
IHSD1x(OFF)
VDD = 3.3V, SEL = VDD and OE = 0V or
OE = VDD, VDx = 0.3V, 3V, VHSD1X = 3V,
0.3V, VHSD2x = 0.3V, 3V
25
-15
0.35
15
nA
Full
-20
-
20
nA
ON Leakage Current,
IHSD1x(ON)
VDD = 3.3V, SEL = OE = 0V, VDx = 0.3V,
3V, VHSD1X =0.3V, 3V, VHSD2x = 3V,
0.3V
25
-20
5
20
nA
Full
-25
-
25
nA
OFF Leakage Current,
IHSD2x(OFF)
VDD = 3.3V, SEL = OE = 0V or OE = VDD,
VDx = 3V, 0.3V, VHSD2x = 0.3V, 3V,
VHSD1X = 3V, 0.3V
25
-15
0.26
15
nA
Full
-20
-
20
nA
ISL54222A


Similar Part No. - ISL54222AIRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54222AIRTZ INTERSIL-ISL54222AIRTZ Datasheet
891Kb / 17P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54222AIRTZ RENESAS-ISL54222AIRTZ Datasheet
1Mb / 19P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54222AIRTZ-T INTERSIL-ISL54222AIRTZ-T Datasheet
891Kb / 17P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54222AIRTZ-T RENESAS-ISL54222AIRTZ-T Datasheet
1Mb / 19P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results

Similar Description - ISL54222AIRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 RENESAS-ISL54223 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
logo
Intersil Corporation
ISL54222 INTERSIL-ISL54222 Datasheet
850Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 INTERSIL-ISL54223 Datasheet
780Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54221 INTERSIL-ISL54221 Datasheet
741Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54221 RENESAS-ISL54221 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54220 INTERSIL-ISL54220 Datasheet
841Kb / 18P
   High-Speed USB 2.0 480Mbps Multiplexer
ISL54222 INTERSIL-ISL54222_09 Datasheet
856Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54222A INTERSIL-ISL54222A Datasheet
891Kb / 17P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com