Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54066IRUZ-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL54066IRUZ-T
Description  Negative Signal Swing, High Off-Isolation, Dual SPST Single Supply Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54066IRUZ-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL54066IRUZ-T Datasheet HTML 1Page - Intersil Corporation ISL54066IRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL54066IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54066IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54066IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54066IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54066IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54066IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54066IRUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
FN6584.1
November 3, 2009
Electrical Specifications - 3V Supply
Test Conditions: V+ = +2.7V to +3.3V, GND = 0V, VCTL_H = 1.4V, VCTL_L = 0.5V (Note 9),
Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 10, 11) TYP
MAX
(Notes 10, 11) UNITS
ANALOG SWITCH CHARACTERISTICS
ON-Resistance, rON
V+ = 2.7V, IOUT = 100mA, VIN = (V+ - 6.5) to V+
(See Figure 4)
25
-
1.5
-
Ω
Full
-
1.9
-
Ω
rON Matching Between Channels,
Δr
ON
V+ = 2.7V, IOUT = 100mA, VIN = Voltage at max
rON, (Note 13)
25
-
10
-
m
Ω
Full
-
10
-
m
Ω
rON Flatness, RFLAT(ON)
V+ = 2.7V, IOUT = 100mA, VIN = (V+ - 6.5) to V+
(Notes 12, 14)
25
-
0.63
1
Ω
Full
-
0.68
1.35
Ω
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 2.7V, VIN = 1.5V, RL = 50Ω, CL = 35pF
(See Figure 1)
25
-
60
-
ns
Full
-
68
-
ns
Turn-OFF Time, tOFF
V+ = 2.7V, VIN = 1.5V, RL = 50Ω, CL = 35pF
(See Figure 1)
25
-
31
-
ns
Full
-
35
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω, (See Figure 2)
25
-
150
-
pC
OFF-Isolation
RL = 50Ω, CL = 5pF, f = 1MHz, VINx = 1VRMS
(See Figure 3)
25
-
70
-
dB
Crosstalk (Channel-to-Channel)
RL = 50Ω, CL = 5pF, f = 1MHz, VIN1 = 1VRMS
(See Figure 5)
25
-
-80
-
dB
Total Harmonic Distortion
f = 20Hz to 20kHz, VOUT = 2VP-P, RL = 32Ω
25
-
0.04
-
%
INx OFF Capacitance, COFF
f = 1MHz, GND1 = float (See Figure 6)
25
-
33
-
pF
OUTx ON Capacitance, COUT(ON)
f = 1MHz, GND2 = float (See Figure 6)
25
-
124
-
pF
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
V+ = +3.6V, VCTLx = 0V or V+
25
-
0.02
-
µ
A
Full
-
1.76
-
µ
A
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VCTLx_L
25
-
-
0.5
V
Input Voltage High, VCTLx_H
25
1.4
-
-
V
Input Current, ICTLx_H, ICTLx_L
V+ = 3.3V, VCTL x = 0V or V+
25
-0.5
-
0.5
µA
Full
-
0.55
-
µA
Electrical Specifications - 1.8V Supply Test Conditions: V+ = +1.8V, GND = 0V, VCTL_H = 1.0V, VCTL_L = 0.4V (Note 9),
Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 10, 11) TYP
MAX
(Notes 10, 11) UNITS
ANALOG SWITCH CHARACTERISTICS
ON-Resistance, rON
V+ = 1.8V, IOUT = 100mA, VIN = (V+ - 6.5V) to V+,
(See Figure 4)
25
-
3
-
Ω
Full
-
3.2
-
Ω
rON Matching Between Channels,
ΔR
ON
V+ = 1.8V, IOUT = 100mA, VIN = Voltage at max
rON, (Note 13)
25
-
20
-
m
Ω
Full
-
20
-
m
Ω
rON Flatness, RFLAT(ON)
V+ = 1.8V, IOUT = 100mA, VIN = (V+ - 6.5) to V+,
(Note 12)
25
-
2.3
-
Ω
Full
-
2.5
-
Ω
ISL54066


Similar Part No. - ISL54066IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54066IRUZ-T INTERSIL-ISL54066IRUZ-T Datasheet
389Kb / 14P
   1.8V to 6.5V, High Off-Isolation, Dual SPST Analog Switch
logo
Renesas Technology Corp
ISL54066IRUZ-T RENESAS-ISL54066IRUZ-T Datasheet
738Kb / 14P
   Negative Signal Swing, High Off-Isolation, Dual SPST Single Supply Switch
More results

Similar Description - ISL54066IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54066 RENESAS-ISL54066 Datasheet
738Kb / 14P
   Negative Signal Swing, High Off-Isolation, Dual SPST Single Supply Switch
ISL54060 RENESAS-ISL54060 Datasheet
744Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54060_0911 INTERSIL-ISL54060_0911 Datasheet
399Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
ISL54060IRTZ INTERSIL-ISL54060IRTZ Datasheet
402Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Swit
November 3, 2009
logo
Renesas Technology Corp
ISL54059 RENESAS-ISL54059 Datasheet
724Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
logo
Intersil Corporation
FN6579 INTERSIL-FN6579 Datasheet
640Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
ISL54059IRTZ INTERSIL-ISL54059IRTZ Datasheet
642Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
March 11, 2011
ISL54063_0911 INTERSIL-ISL54063_0911 Datasheet
409Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST
ISL54063IRTZ INTERSIL-ISL54063IRTZ Datasheet
412Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
November 3, 2009
logo
Renesas Technology Corp
ISL54063 RENESAS-ISL54063 Datasheet
752Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com