Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54065 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL54065
Description  Negative Signal Swing, Sub-ohm, Dual SPDT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54065 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL54065 Datasheet HTML 1Page - Intersil Corporation ISL54065 Datasheet HTML 2Page - Intersil Corporation ISL54065 Datasheet HTML 3Page - Intersil Corporation ISL54065 Datasheet HTML 4Page - Intersil Corporation ISL54065 Datasheet HTML 5Page - Intersil Corporation ISL54065 Datasheet HTML 6Page - Intersil Corporation ISL54065 Datasheet HTML 7Page - Intersil Corporation ISL54065 Datasheet HTML 8Page - Intersil Corporation ISL54065 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
FN6583.2
ISL54065
Negative Signal Swing, Sub-ohm, Dual
SPDT with Click and Pop Elimination
Single Supply Switch with Enable Pin
The Intersil ISL54065 device is a low ON-resistance, low
voltage, bi-directional, dual single-pole/double-throw (SPDT)
analog switch. It is designed to operate from a single +1.8V to
+6.5V supply and pass signals that swing down to 6.5V below
the positive supply rail. Targeted applications include battery
powered equipment that benefit from low rON (0.56Ω), low
power consumption (8nA) and fast switching speeds
(tON = 55ns, tOFF = 18ns). The digital inputs are 1.8V
logic-compatible up to a +3V supply. The ISL54065 also
features integrated circuitry to eliminate click and pop noise to
an audio speaker.
The ISL54065 is offered in a small form factor package,
alleviating board space limitations. It is available in a tiny
12 Ld 2.2x1.4mm µTQFN.
The ISL54065 is a committed dual single-pole/double-throw
(SPDT) that consist of two normally open (NO) and two
normally closed (NC) switches with independent logic control.
This configuration can be used as a dual 2-to-1 multiplexer.
Features
• Pb-Free (RoHS Compliant)
• Single Supply Operation . . . . . . . . . . . . . . . . .+1.8V to +6.5V
• Negative Signal Swing (Max 6.5V Below V+)
• Enable Pin to Disable All Switches
• Integrated Click and Pop Elimination Circuitry
• Click and Pop Circuitry Disable Pin
• ON-Resistance (rON)
- V+ = +4.5V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.52
Ω
- V+ = +4.3V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.65
Ω
- V+ = +2.7V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.9
Ω
- V+ = +1.8V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.8
Ω
•rON Matching Between Channels . . . . . . . . . . . . . . . . . 10mΩ
•rON Flatness Across Signal Range . . . . . . . . . . . . . . . . 0.33Ω
• Low THD+N @ 32
Ω Load . . . . . . . . . . . . . . . . . . . . . . .0.02%
• Low Power Consumption @ 3V (PD). . . . . . . . . . . . 24nW
• Fast Switching Action (V+ = +4.3V)
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23ns
• ESD HBM Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>6kV
• Guaranteed Break-Before-Make
• 1.8V Logic Compatible (+3V supply)
• Low I+ Current when VINH is not at the V+ Rail
• Available in 12 Ld 2.2mm x 1.4mm µTQFN Package
Applications
• Audio and Video Switching
• Battery powered, Handheld, and Portable Equipment
- MP3 and Multimedia Players
- Cellular/mobile Phones
- Pagers
- Laptops, Notebooks, Palmtops
• Portable Test and Measurement
• Medical Equipment
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Application Note AN557 “Recommended Test Procedures
for Analog Switches”
TABLE 1. FEATURES AT A GLANCE
ISL54065
Number of Switches
2
SW
SPDT or 2-1 MUX
4.3V rON
0.65
Ω
4.3V tON/tOFF
43ns/23ns
2.7V rON
0.9
Ω
2.7V tON/tOFF
55ns/18ns
1.8V rON
1.8
Ω
1.8V tON/tOFF
145ns/28ns
Packages
12 Ld µTQFN
VCOM (V)
0
12
3
4
5
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-1
-2
-3
-4
-5
-6
ICOM = 100mA
V+ = 1.8V
V+ = 2.7V
V+ = 4.5V
ON-RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
Data Sheet
November 3, 2009
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2008, 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL54065

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54065 INTERSIL-ISL54065 Datasheet
706Kb / 15P
   1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
ISL54065 INTERSIL-ISL54065 Datasheet
713Kb / 15P
   1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
ISL54065 INTERSIL-ISL54065 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54065 RENESAS-ISL54065 Datasheet
983Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch with Enable Pin
logo
Intersil Corporation
ISL54065 INTERSIL-ISL54065 Datasheet
719Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch with Enable Pin
November 3, 2009
More results

Similar Description - ISL54065

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54062_0911 INTERSIL-ISL54062_0911 Datasheet
751Kb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT
logo
Renesas Technology Corp
ISL54059 RENESAS-ISL54059 Datasheet
724Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
logo
Intersil Corporation
FN6579 INTERSIL-FN6579 Datasheet
640Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
ISL54059IRTZ INTERSIL-ISL54059IRTZ Datasheet
642Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
March 11, 2011
ISL54063_0911 INTERSIL-ISL54063_0911 Datasheet
409Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST
logo
Renesas Technology Corp
ISL54060 RENESAS-ISL54060 Datasheet
744Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54060IRTZ INTERSIL-ISL54060IRTZ Datasheet
402Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Swit
November 3, 2009
ISL54060_0911 INTERSIL-ISL54060_0911 Datasheet
399Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
ISL54062IRTZ INTERSIL-ISL54062IRTZ Datasheet
754Kb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
November 3, 2009
logo
Renesas Technology Corp
ISL54062 RENESAS-ISL54062 Datasheet
1Mb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com