Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD5V0M5 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # ESD5V0M5
Description  5 Volts ESD Protection Device
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ESD5V0M5 Datasheet(HTML) 2 Page - Micro Commercial Components

  ESD5V0M5 Datasheet HTML 1Page - Micro Commercial Components ESD5V0M5 Datasheet HTML 2Page - Micro Commercial Components ESD5V0M5 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted, V
F = 0.9 V Max. @ IF = 10mA for all types)
V
RWM (V)
I
R (μA)
@ V
RWM
V
BR (V)
@ I
T
I
T
V
C (V)
@Max
I
PP=1A
V
C (V)
@Max
I
PP=5A
I
PP(A)
C (pF)
Device*
Device
Marking
Max
Max
Min
Max
mA
Max
Max
Max
Max
ESD5V0M5
52
5.0
5
6.0
7.2
1.0
10.5
13.5
8
120
MCC
TM
Micro Commercial Components
www.mccsemi.com
2 of 3
Revision: A
2011/01/01


Similar Part No. - ESD5V0M5

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ESD5V0M5 MCC-ESD5V0M5 Datasheet
188Kb / 3P
   5 Volts ESD Protection Device
ESD5V0M5-TP MCC-ESD5V0M5-TP Datasheet
188Kb / 3P
   5 Volts ESD Protection Device
More results

Similar Description - ESD5V0M5

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ESD5V0K5 MCC-ESD5V0K5_11 Datasheet
408Kb / 3P
   5 Volts ESD Protection Device
SRV05-4 MCC-SRV05-4 Datasheet
183Kb / 3P
   5 Volts ESD Protection Device
SRV05-4L MCC-SRV05-4L Datasheet
210Kb / 3P
   5 Volts ESD Protection Device
ESD5V0K5 MCC-ESD5V0K5 Datasheet
335Kb / 3P
   5 Volts ESD Protection Device
ESD5V0M5 MCC-ESD5V0M5 Datasheet
188Kb / 3P
   5 Volts ESD Protection Device
ESDLC5V0L4 MCC-ESDLC5V0L4 Datasheet
477Kb / 3P
   5 Volts ESD Protection Device Excellent clamping capability
SRV05-4L MCC-SRV05-4L_13 Datasheet
272Kb / 3P
   5 Volts ESD Protection Device Low clamping voltage
ESD12VK4 MCC-ESD12VK4 Datasheet
465Kb / 4P
   12 Volts ESD Protection Device
ESD5V0J4 MCC-ESD5V0J4 Datasheet
219Kb / 4P
   5 Volts ESD Protection Devices
ESD5V0L4 MCC-ESD5V0L4 Datasheet
250Kb / 4P
   5 Volts ESD Protection Devices
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com