Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4774 Datasheet(PDF) 2 Page - Rohm

Part # 2SC4774
Description  High frequency amplifier transistor, RF switching (6V, 50mA)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC4774 Datasheet(HTML) 2 Page - Rohm

  2SC4774 Datasheet HTML 1Page - Rohm 2SC4774 Datasheet HTML 2Page - Rohm 2SC4774 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/2
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.C
Data Sheet
2SC4774 / 2SC4713K
Electrical characteristic curves
1
0
234
5
0
10
8
6
4
2
5mA
35mA
30mA
25mA
20mA
15mA
10mA
IB
=0μA
Ta
=25°C
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.1
Grounded emitter output
characteristics ( )
0.1
0
0.2
0.3
0.4
0.5
0
50
40
30
20
10
0.3mA
0.4mA
0.5mA
0.2mA
0.1mA
IB
=0mA
Ta
=25°C
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.2
Grounded emitter output
characteristics (
)
0.4
0
0.8
1.2
1.6
2.0
0
50
40
30
20
10
VCE
=5V
BASE TO EMITTER VOLTAGE : VBE (V)
Fig.3
Grounded emitter propagation
characteristics
50
0.1
20
0.2
10
0.5
5
12
20
10
50
100
200
500
1000
COLLECTOR CURRENT : IC (mA)
Fig.4
DC current gain vs. collector current
Ta
=25°C
VCE
=5V
50
0.1
20
0.2
10
0.5
5
12
20
10
5
50
100
200
500
1000
COLLECTOR CURRENT : IC (mA)
Fig.5
Collector-emitter saturation
voltage vs. collector current
Ta
=25°C
IC/IB
=10
50
0.1
20
0.2
10
0.5
5
12
50
20
100
200
500
1000
2000
COLLECTOR CURRENT : IC (mA)
Fig.6
Gain bandwidth product vs.
collector current
Ta
=25°C
VCE
=5V
50
0.1
20
0.2
10
0.5
5
12
0.5
0.2
1
2
5
10
20
COLLECTOR TO BASE VOLTAGE : VCB (V)
Fig.7
Collector output capacitance
vs. voltage
Ta
=25°C
f
=1MHz
50
0.1
20
0.2
10
0.5
5
12
0.5
0.2
1
2
5
10
20
COLLECTOR TO BASE VOLTAGE : VCB (V)
Fig.8 Back capacitance voltage
Ta
=25°C
f
=1MHz
50
0.1
20
0.2
10
0.5
5
12
1
2
5
10
20
50
BASS CURRENT : IB (mA)
Fig.9
Output-on resistance vs.
base current
Ta
=25°C
f
=500kHz
υi=100mVrms
RL
=1kΩ


Similar Part No. - 2SC4774

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4774 ROHM-2SC4774 Datasheet
70Kb / 3P
   High frequency amplifier transistor RF switching (6V, 50mA)
2SC4774 ROHM-2SC4774 Datasheet
37Kb / 1P
   FOR AUDIO TEMPERATUEE COMPENSATION CIRCUITS
logo
Unisonic Technologies
2SC4774 UTC-2SC4774 Datasheet
98Kb / 4P
   HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA)
logo
Guangdong Kexin Industr...
2SC4774 KEXIN-2SC4774 Datasheet
44Kb / 1P
   High Frequency Amplifier
logo
Unisonic Technologies
2SC4774 UTC-2SC4774 Datasheet
240Kb / 4P
   HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING 6V, 50mA)
More results

Similar Description - 2SC4774

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC4774 UTC-2SC4774_10 Datasheet
240Kb / 4P
   HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING 6V, 50mA)
2SC4774 UTC-2SC4774 Datasheet
98Kb / 4P
   HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA)
logo
Rohm
2SC4774 ROHM-2SC4774 Datasheet
70Kb / 3P
   High frequency amplifier transistor RF switching (6V, 50mA)
2SC4137 ROHM-2SC4137_09 Datasheet
162Kb / 3P
   High frequency amplifier transistor, RF switching (6V, 50mA)
logo
Unisonic Technologies
2SK508 UTC-2SK508_15 Datasheet
161Kb / 3P
   HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING
2SC4774 UTC-2SC4774_15 Datasheet
249Kb / 4P
   HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING
logo
Rohm
2SC4726 ROHM-2SC4726_1 Datasheet
74Kb / 3P
   High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz)
2SC5662 ROHM-2SC5662 Datasheet
64Kb / 2P
   High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC5661 ROHM-2SC5661_09 Datasheet
193Kb / 4P
   High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC3837KT146P ROHM-2SC3837KT146P Datasheet
128Kb / 5P
   High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com