Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54060IRTZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL54060IRTZ
Description  Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54060IRTZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL54060IRTZ Datasheet HTML 1Page - Intersil Corporation ISL54060IRTZ Datasheet HTML 2Page - Intersil Corporation ISL54060IRTZ Datasheet HTML 3Page - Intersil Corporation ISL54060IRTZ Datasheet HTML 4Page - Intersil Corporation ISL54060IRTZ Datasheet HTML 5Page - Intersil Corporation ISL54060IRTZ Datasheet HTML 6Page - Intersil Corporation ISL54060IRTZ Datasheet HTML 7Page - Intersil Corporation ISL54060IRTZ Datasheet HTML 8Page - Intersil Corporation ISL54060IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
FN6580.2
November 3, 2009
Absolute Maximum Ratings
Thermal Information
V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 7.0V
Input Voltages
NOx, NCx (Note 5) . . . . . . . . . . . . . . . . (V+ - 7V) to ((V+) + 0.5V)
INx (Note 5) . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to ((V+) + 0.5V)
Output Voltages
COMx (Note 5) . . . . . . . . . . . . . . . . . . . (V+ - 7V) to ((V+) + 0.5V)
Continuous Current NOx, NCx, or COMx . . . . . . . . . . . . . . ±300mA
Peak Current NOx, NCx, or COMx
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . . . ±500mA
ESD Rating:
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>6kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>400V
Charged Device Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . >1.5kV
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
10 Ld 3x3 TDFN Package (Notes 6 and 8)
52
18
10 Ld µTQFN Package (Note 7) . . . . .
154
N/A
Maximum Junction Temperature (Plastic Package). . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Power Supply Range . . . . . . . . . . . . . . . . . . . . . . . . +1.8V to +6.5V
AUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
5. Signals on NC, NO, IN, or COM exceeding V+ or GND by the specified amount are clamped by internal diodes. Limit forward diode current to
maximum current ratings.
6.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
7.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
8. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications - 5V Supply Test Conditions: V+ = +4.5V to +5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 9), Unless
Otherwise Specified.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 10, 11)
TYP
MAX
(Notes 10, 11) UNITS
ANALOG SWITCH CHARACTERISTICS
ON-Resistance, rON
V+ = 4.5V, ICOM = 100mA, VNO or VNC = (V+ -6.5)
to V+, (See Figure 4)
25
-
0.52
-
Ω
Full
-
0.68
-
Ω
rON Matching Between Channels,
ΔRON
V+ = 4.5V, ICOM = 100mA, VNO or VNC = Voltage
at max rON, (Note 13)
25
-
10
-
m
Ω
Full
-
13.1
-
m
Ω
rON Flatness, RFLAT(ON)
V+ = 4.5V, ICOM = 100mA, VNO or VNC = (V+ -6.5)
to V+, (Note 12)
25
-
0.11
-
Ω
Full
-
0.14
-
Ω
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 5V, VCOM = -1.5V, 5V, VNO or VNC = 5V,
-1.5V
25
-
-8.13
-
nA
Full
-
-0.4
-
µA
COM ON Leakage Current,
ICOM(ON)
V
+ = 5V, V
COM = -1.5V, 5V, VNO or VNC = Float
25
-
-4.42
-
nA
Full
-
-0.33
-
µA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 4.5V, VNO or VNC = 3.0V, RL = 50Ω,
CL = 35pF (see Figure 1)
25
-
35
-
ns
Full
-
30
-
ns
Turn-OFF Time, tOFF
V+ = 4.5V, VNO or VNC = 3.0V, RL = 50Ω,
CL = 35pF (see Figure 1)
25
-
10
-
ns
Full
-
15
-
ns
Charge Injection, Q
VG = 0V, RG = 0Ω, CL = 1.0nF (see Figure 2)
25
-
170
-
pC
OFF-Isolation
RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS
(see Figure 3)
25
-
60
-
dB
Crosstalk (Channel-to-Channel)
RL = 50Ω, CL = 5pF, f = 1MHz, VCOM = 1VRMS
(see Figure 5)
25
-
-75
-
dB
Total Harmonic Distortion
f = 20Hz to 20kHz, VCOM = 0.5VP-P, RL = 32Ω
25
-
0.02
-
%
-3dB Bandwidth
VCOM = 1VRMS, RL = 50Ω, CL = 5pF
25
-
60
-
MHz
NO x or NCx OFF Capacitance,
COFF
f = 1MHz (see Figure 6)
25
-
36
-
pF
COMx ON Capacitance, CCOM(ON) f = 1MHz (See Figure 6)
25
-
88
-
pF
ISL54060, ISL54061


Similar Part No. - ISL54060IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54060IRTZ INTERSIL-ISL54060IRTZ Datasheet
389Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
ISL54060IRTZ INTERSIL-ISL54060IRTZ Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
ISL54060IRTZ INTERSIL-ISL54060IRTZ Datasheet
402Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Swit
November 3, 2009
logo
Renesas Technology Corp
ISL54060IRTZ RENESAS-ISL54060IRTZ Datasheet
744Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54060IRTZ-T INTERSIL-ISL54060IRTZ-T Datasheet
389Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
More results

Similar Description - ISL54060IRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54060 RENESAS-ISL54060 Datasheet
744Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54060IRTZ INTERSIL-ISL54060IRTZ Datasheet
402Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Swit
November 3, 2009
ISL54063_0911 INTERSIL-ISL54063_0911 Datasheet
409Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST
logo
Renesas Technology Corp
ISL54059 RENESAS-ISL54059 Datasheet
724Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
logo
Intersil Corporation
FN6579 INTERSIL-FN6579 Datasheet
640Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
ISL54059IRTZ INTERSIL-ISL54059IRTZ Datasheet
642Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
March 11, 2011
ISL54063IRTZ INTERSIL-ISL54063IRTZ Datasheet
412Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
November 3, 2009
logo
Renesas Technology Corp
ISL54063 RENESAS-ISL54063 Datasheet
752Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
ISL54066 RENESAS-ISL54066 Datasheet
738Kb / 14P
   Negative Signal Swing, High Off-Isolation, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54066_0911 INTERSIL-ISL54066_0911 Datasheet
402Kb / 14P
   Negative Signal Swing, High Off-Isolation, Dual SPST Single Supply Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com