Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54048_0706 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL54048_0706
Description  Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPST Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54048_0706 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL54048_0706 Datasheet HTML 4Page - Intersil Corporation ISL54048_0706 Datasheet HTML 5Page - Intersil Corporation ISL54048_0706 Datasheet HTML 6Page - Intersil Corporation ISL54048_0706 Datasheet HTML 7Page - Intersil Corporation ISL54048_0706 Datasheet HTML 8Page - Intersil Corporation ISL54048_0706 Datasheet HTML 9Page - Intersil Corporation ISL54048_0706 Datasheet HTML 10Page - Intersil Corporation ISL54048_0706 Datasheet HTML 11Page - Intersil Corporation ISL54048_0706 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN6469.1
June 11, 2007
Typical Performance Curves TA = +25°C, Unless Otherwise Specified
FIGURE 9. ON-RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
FIGURE 10. ON-RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
FIGURE 11. ON-RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
FIGURE 12. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 13. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 14. ON-RESISTANCE vs SWITCH VOLTAGE
01
2345
VCOM (V)
ICOM = 100mA
0.25
0.26
0.27
0.28
0.29
0.30
V+ = 4.5V
V+ = 4.3V
V+ = 3.9V
VCOM (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
ICOM = 100mA
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
V+ = 3.3V
V+ = 3V
V+ = 2.7V
0
0.5
1.0
1.5
2.0
VCOM (V)
ICOM = 100mA
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
V+ = 2V
V+ = 1.65V
V+ = 1.8V
01
234
5
VCOM (V)
V+ = 4.3V
ICOM = 100mA
+85°C
-40°C
+25°C
0.20
0.25
0.30
0.35
0
0.5
1.01.5
2.02.5
3.03.5
VCOM (V)
+85°C
-40°C
V+ = 3.3V
ICOM = 100mA
+25°C
0.20
0.25
0.30
0.35
0.40
0
0.5
1.0
1.5
2.0
2.5
3.0
VCOM (V)
+85°C
-40°C
V+ = 2.7V
+25°C
ICOM = 100mA
0.25
0.30
0.35
0.40
ISL54048, ISL54049


Similar Part No. - ISL54048_0706

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54048IRUZ-T INTERSIL-ISL54048IRUZ-T Datasheet
326Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPST Analog Switch
logo
Renesas Technology Corp
ISL54048IRUZ-T RENESAS-ISL54048IRUZ-T Datasheet
591Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPST Analog Switch
More results

Similar Description - ISL54048_0706

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54048 INTERSIL-ISL54048 Datasheet
326Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPST Analog Switch
logo
Renesas Technology Corp
ISL54048 RENESAS-ISL54048 Datasheet
591Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPST Analog Switch
ISL54050 RENESAS-ISL54050 Datasheet
589Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
logo
Intersil Corporation
ISL54050IRUZ-T INTERSIL-ISL54050IRUZ-T Datasheet
290Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V,Single Supply, Dual SPDT Analog Switch
November 22, 2008
ISL8484 INTERSIL-ISL8484_07 Datasheet
330Kb / 15P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL54050_0706 INTERSIL-ISL54050_0706 Datasheet
290Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL8484 INTERSIL-ISL8484_06 Datasheet
326Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL8484 INTERSIL-ISL8484 Datasheet
323Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL8484IR INTERSIL-ISL8484IR Datasheet
320Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
May 12, 2008
ISL54050 INTERSIL-ISL54050 Datasheet
292Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com