Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28233SOICEVAL1Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL28233SOICEVAL1Z
Description  Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28233SOICEVAL1Z Datasheet(HTML) 5 Page - Intersil Corporation

  ISL28233SOICEVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL28233SOICEVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL28233SOICEVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL28233SOICEVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL28233SOICEVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL28233SOICEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL28233SOICEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL28233SOICEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL28233SOICEVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
ISL28233, ISL28433
5
FN7692.3
July 26, 2011
Absolute Maximum Ratings
Thermal Information
Max Supply Voltage V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6.5V
Max Voltage VIN to GND . . . . . . . . . . . . . . . . . . . . (V- - 0.3V) to (V+ + 0.3V)V
Max Input Differential Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.5V
Max Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Max Voltage VOUT to GND (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±3.0V
ESD Tolerance
Human Body Model (Tested per JESD22-A114F) . . . . . . . . . . . . . . 4000V
Machine Model (Tested per JESD22-A115B) . . . . . . . . . . . . . . . . . . 400V
Charged Device Model (Tested per JESD22-C110D) . . . . . . . . . . . 2000V
Latch-Up (Tested per JESD78B) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
14 Ld TSSOP (Notes 4, 7) . . . . . . . . . . . . . .
110
40
14 Ld SOIC (Notes 4, 7) . . . . . . . . . . . . . . . .
75
47
14 Ld TDFN (Notes 5, 6) . . . . . . . . . . . . . . .
TBD
TBD
8 Ld MSOP (Notes 4, 7) . . . . . . . . . . . . . . . .
180
65
8 Ld SOIC (Notes 4, 7) . . . . . . . . . . . . . . . . .
125
90
8 Ld DFN (Notes 5, 6). . . . . . . . . . . . . . . . . .
53
12
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
6. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
7. For
θJC, the “case temp” location is taken at the package top center.
Electrical Specifications V+ = 5V, V- = 0V, VCM = 2.5V, TA = +25°C, RL = 10kΩ, unless otherwise specified. Boldface limits apply over
the operating temperature range,-40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8) TYP
MAX
(Note 8)
UNIT
DC SPECIFICATIONS
VOS
Input Offset Voltage
-6
±2
6
µV
T = -40°C to +125°C
-11
-
11
µV
TCVOS
Input Offset Voltage Temperature Coefficient
T = -40°C to +125°C
-0.05
0.01
0.05
µV/°C
IOS
Input Offset Current
-10
-
pA
TCIOS
Input Offset Current Temperature Coefficient
T = -40°C to +85°C
-
0.11
-
pA/°C
IB
Input Bias Current
T = -40°C to +85°C
-180
-
180
pA
T = -40°C to +125°C
-600
-
600
pA
TCIB
Input Bias Current Temperature Coefficient
T = -40°C to +85°C
-
0.49
-
pA/°C
CMIR
V+ = 5.0V, V- = 0V
Guaranteed by CMRR
-0.1
-
5.1
V
CMRR
Common Mode Rejection Ratio
VCM = -0.1V to 5.1V
118
125
-
dB
115
--
dB
PSRR
Power Supply Rejection Ratio
Vs = 1.8V to 6.0V
110
138
-
dB
110
--
dB
VOH
Output Voltage, High
4.965 4.981
-
V
VOL
Output Voltage, Low
-18
35
mV
AOL
Open Loop Gain
RL = 1MΩ
-174
-
dB
V+
Supply Voltage
Guaranteed by PSRR
1.8
-
6.0
V
IS
Supply Current, Per Amplifier
RL = OPEN
-
18
25
µA
--
35
µA


Similar Part No. - ISL28233SOICEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28233SOICEVAL1Z INTERSIL-ISL28233SOICEVAL1Z Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
July 26, 2011
logo
Renesas Technology Corp
ISL28233SOICEVAL1Z RENESAS-ISL28233SOICEVAL1Z Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
More results

Similar Description - ISL28233SOICEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28233FUZ INTERSIL-ISL28233FUZ Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
July 26, 2011
ISL28233_1012 INTERSIL-ISL28233_1012 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233 RENESAS-ISL28233 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133_11 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Renesas Technology Corp
ISL28133 RENESAS-ISL28133 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com