Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL34340INZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL34340INZ
Description  WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL34340INZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL34340INZ Datasheet HTML 2Page - Intersil Corporation ISL34340INZ Datasheet HTML 3Page - Intersil Corporation ISL34340INZ Datasheet HTML 4Page - Intersil Corporation ISL34340INZ Datasheet HTML 5Page - Intersil Corporation ISL34340INZ Datasheet HTML 6Page - Intersil Corporation ISL34340INZ Datasheet HTML 7Page - Intersil Corporation ISL34340INZ Datasheet HTML 8Page - Intersil Corporation ISL34340INZ Datasheet HTML 9Page - Intersil Corporation ISL34340INZ Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
FN6255.1
June 23, 2008
ISL34340
Thin Plastic Quad Flatpack Exposed Pad Plastic Packages (EPTQFP)
D
D1
A2 A1
11o-13o
11o-13o
0o-7o
0.020
0.008 MIN
L
0o MIN
0.25
0.010
GAGE
PLANE
E E1
-A-
PIN 1
-B-
e
-D-
TOP VIEW
E2
BOTTOM VIEW
D2
PIN 1
EJECTOR PIN MARK
NOT PIN #1 ID
EJECTOR PIN MARK
NOT PIN #1 ID
EJECTOR PIN MARK
NOT PIN #1 ID
Q64.10x10B (JEDEC MS-026ACD-HU ISSUE D)
64 LEAD THIN PLASTIC QUAD FLATPACK EXPOSED
PAD PACKAGE
SYMBOL
MILLIMETERS
NOTES
MIN
MAX
A-
1.20
-
A1
0.05
0.15
-
A2
0.95
1.05
-
b
0.16
0.28
6
b1
0.17
0.23
-
D
11.80
12.20
3
D1
9.90
10.10
4, 5
D2
3.46
3.76
-
E
11.80
12.20
3
E1
9.90
10.10
4, 5
E2
3.46
3.76
-
L
0.45
0.75
-
N64
7
e
0.50 BSC
-
Rev. 2 4/08
NOTES:
1. Controlling dimension: MILLIMETER. Converted inch
dimensions are not necessarily exact.
2. All dimensions and tolerances per ANSI Y14.5M-1982.
3. Dimensions D and E to be determined at seating plane
.
4. Dimensions D1 and E1 to be determined at datum plane
.
5. Dimensions D1 and E1 do not include mold protrusion.
Allowable protrusion is 0.25mm (0.010 inch) per side.
6. Dimension b does not include dambar protrusion. Allowable
dambar protrusion shall not cause the lead width to exceed
the maximum b dimension by more than 0.08mm (0.003
inch).
7. “N” is the number of terminal positions.
-C-
-H-
A
PLANE
b
0.004/0.008
0.09/0.20
WITH PLATING
BASE METAL
SEATING
0.004/0.006
0.09/0.16
b1
0.003
0.08
A-B
S
D
S
C
M
0.08
0.003
-C-
-H-


Similar Part No. - ISL34340INZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL34340INZ INTERSIL-ISL34340INZ Datasheet
183Kb / 10P
   WSVGA 24-Bit Long-Reach Video Serdes with Bidirectional Side-Channel
logo
Renesas Technology Corp
ISL34340INZ RENESAS-ISL34340INZ Datasheet
609Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
More results

Similar Description - ISL34340INZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL34340 RENESAS-ISL34340 Datasheet
609Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
logo
Intersil Corporation
ISL34340 INTERSIL-ISL34340 Datasheet
183Kb / 10P
   WSVGA 24-Bit Long-Reach Video Serdes with Bidirectional Side-Channel
ISL34341 INTERSIL-ISL34341 Datasheet
190Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL34341INZ INTERSIL-ISL34341INZ Datasheet
369Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
October 8, 2010
ISL34341 INTERSIL-ISL34341 Datasheet
371Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
logo
Renesas Technology Corp
ISL34341 RENESAS-ISL34341 Datasheet
616Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
logo
Intersil Corporation
ISL34321 INTERSIL-ISL34321 Datasheet
376Kb / 13P
   16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
logo
Renesas Technology Corp
ISL34321 RENESAS-ISL34321 Datasheet
659Kb / 13P
   16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL76321 RENESAS-ISL76321 Datasheet
633Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
logo
Intersil Corporation
ISL76321 INTERSIL-ISL76321 Datasheet
514Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com