Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL29030AIROZ-EVALZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL29030AIROZ-EVALZ
Description  Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29030AIROZ-EVALZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL29030AIROZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 10Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 11Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 12Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ISL29030A
9
FN7722.1
March 31, 2011
Principles of Operation
I2C Interface
The ISL29030A I2C interface slave address is internally hardwired
as 0b1000100.
Figure 2 shows a sample one-byte read. The I2C bus master
always drives the SCL (clock) line, while either the master or the
slave can drive the SDA (data) line. Every I2C transaction begins
with the master asserting a start condition (SDA falling while SCL
remains high). The first transmitted byte is initiated by the
master and includes seven address bits and a R/W bit. The slave
is responsible for pulling SDA low during the ACK bit after every
transmitted byte.
Each I2C transaction ends with the master asserting a stop
condition (SDA rising while SCL remains high).
For more information about the I2C standard, please consult the
PhilipsI2C specification documents.
Photodiodes and ADCs
The ISL29030A contains two photodiode arrays that convert
photons (light) into current. The ALS photodiodes are constructed to
mimic the human eye wavelength response curve to visible light
(see Figure 7). The ALS photodiode current output is digitized by a
12-bit ADC in 100ms. These 12 bits can be accessed by reading
from I2C registers 0x9 and 0xA when the ADC conversion is
completed.
The ALS converter is a charge-balancing, integrating, 12-bit ADC.
Charge-balancing is best for converting small current signals in the
presence of periodic AC noise. Integrating over 100ms highly rejects
both 50Hz and 60Hz light flicker by picking the lowest-integer
number of cycles for both 50Hz/60Hz frequencies.
The proximity sensor is an 8-bit ADC that operates in a similar
fashion. When proximity sensing is enabled, the IRDR pin drives
a user-supplied infrared LED, the emitted IR reflects off an object
(i.e., a human head) back into the ISL29030A, and a sensor
converts the reflected IR wave to a current signal in 0.54ms. The
ADC subtracts the IR reading before and after the LED is driven
(to remove ambient IR such as sunlight) and converts this value
to a digital count stored in Register 0x8.
The ISL29030A is designed to run two conversions concurrently: a
proximity conversion, and an ALS (or IR) conversion. Please note
that because of the conversion times, the user must let the ADCs
perform one full conversion first before reading from I2C
Registers PROX_DATA (wait 0.54ms) or ALSIR_DT1/2 (wait
100ms). The timing between ALS and Prox conversions is
arbitrary, as shown in Figure 3. The ALS runs continuously, with
new data available every 100ms. The proximity sensor runs
continuously, with a time between conversions decided by
PROX_SLP (Register 1 Bits [6:4]).
Ambient Light and IR Sensing
The ISL29030A is set for ambient light sensing when Register bit
ALSIR_MODE = 0 and ALR_EN = 1. The light-wavelength response of
the ALS appears as shown in Figure 6. ALS measuring mode (as
opposed to IR measuring mode) is set by default.
When the part is programmed for infrared (IR) sensing
(ALSIR_MODE = 1; ALS_EN = 1), infrared light is converted into a
current and is digitized by the same ALS ADC. The result of an IR
conversion is strongly related to the amount of IR energy incident
on the sensor, but it is unitless and is referred to in digital counts.
Proximity Sensing
When proximity sensing is enabled (PROX_EN = 1), the external
IR LED is driven through the IRDR pin for 0.1ms by the built-in IR
LED driver. The amplitude of the IR LED current depends on
Register 1 bit 3: PROX_DR. If this bit is low, the load sees a fixed
ALS
ACTIVE
100ms
100ms
100ms
PROX
SENSOR
ACTIVE
IRDR
(CURRENT
DRIVER)
ALS CONVERSION
TIME = 100ms
(FIXED)
0.54ms FOR
PROX
CONVERSION
SERIES OF
CURRENT PULSES
TOTALING 0.1ms
SLEEP TIME
(PROX_SLP)
100ms
100ms
SEVERAL µs BETWEEN
CONVERSIONS
TIME
TIME
TIME
FIGURE 3. TIMING DIAGRAM FOR PROX/ALS EVENTS - NOT TO SCALE


Similar Part No. - ISL29030AIROZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29030AIROZ-EVALZ INTERSIL-ISL29030AIROZ-EVALZ Datasheet
601Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29030AIROZ-EVALZ INTERSIL-ISL29030AIROZ-EVALZ Datasheet
502Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
November 12, 2012
logo
Renesas Technology Corp
ISL29030AIROZ-EVALZ RENESAS-ISL29030AIROZ-EVALZ Datasheet
824Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
More results

Similar Description - ISL29030AIROZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29028IROZ INTERSIL-ISL29028IROZ Datasheet
624Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 4, 2011
logo
Renesas Technology Corp
ISL29028 RENESAS-ISL29028 Datasheet
820Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
600Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
January 29, 2014
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
logo
Renesas Technology Corp
ISL29028A RENESAS-ISL29028A Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29029 RENESAS-ISL29029 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29028A_1103 INTERSIL-ISL29028A_1103 Datasheet
745Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29030IROZ-T7 INTERSIL-ISL29030IROZ-T7 Datasheet
538Kb / 17P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digita Out
November 12, 2012
logo
Renesas Technology Corp
ISL29030 RENESAS-ISL29030 Datasheet
853Kb / 17P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
ISL29030A RENESAS-ISL29030A Datasheet
824Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com