Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL29028A_1103 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL29028A_1103
Description  Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29028A_1103 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL29028A_1103 Datasheet HTML 1Page - Intersil Corporation ISL29028A_1103 Datasheet HTML 2Page - Intersil Corporation ISL29028A_1103 Datasheet HTML 3Page - Intersil Corporation ISL29028A_1103 Datasheet HTML 4Page - Intersil Corporation ISL29028A_1103 Datasheet HTML 5Page - Intersil Corporation ISL29028A_1103 Datasheet HTML 6Page - Intersil Corporation ISL29028A_1103 Datasheet HTML 7Page - Intersil Corporation ISL29028A_1103 Datasheet HTML 8Page - Intersil Corporation ISL29028A_1103 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Low Power Ambient Light and Proximity Sensor with
Intelligent Interrupt and Sleep Modes
ISL29028A
The ISL29028A is an integrated ambient and infrared light-to-
digital converter with a built-in IR LED driver and I2C Interface
(SMBus Compatible). This device uses two independent ADCs for
concurrently measuring ambient light and proximity in parallel.
The flexible interrupt scheme is designed for minimal
microcontroller utilization.
For ambient light sensor (ALS) data conversions, an ADC converts
photodiode current (with a light sensitivity range up to 2000 Lux)
in 100ms per sample. The ADC rejects 50Hz/60Hz flicker noise
caused by artificial light sources.
For proximity sensor (Prox) data conversions, the built-in driver
turns on an external infrared LED and the proximity sensor ADC
converts the reflected IR intensity to digital. This ADC rejects
ambient IR noise (such as sunlight) and has a 540μs conversion
time.
The ISL29028A provides low power operation of ALS and proximity
sensing with a typical 138μA normal operation current (110μA for
sensors and internal circuitry, ~28μA for external LED) with 220mA
current pulses for a net 100μs, repeating every 800ms (or under).
The ISL29028A uses both a hardware pin and software bits to
indicate an interrupt event has occurred. An ALS interrupt is
defined as a measurement which is outside a set window. A
proximity interrupt is defined as a measurement over a threshold
limit. The user may also require that both ALS/prox interrupts
occur at once, up to 16 times in a row before activating the
interrupt pin.
The ISL29028A is designed to operate from 2.25V to 3.63V over the
-40°C to +85°C ambient temperature range. It is packaged in a
clear, lead-free 8 lead ODFN package.
Applications
• Display and Keypad Dimming Adjustment and Proximity Sensing
for:
- Mobile Devices: Smart Phone, PDA, GPS
- Computing Devices: Laptop PC, Netbook
- Consumer Devices: LCD-TV, Digital Picture Frame, Digital
Camera
• Industrial and Medical Light and Proximity Sensing
Features
• Works Under All Light Sources Including Sunlight
• Dual ADCs Measure ALS/Prox Concurrently
• Intelligent Interrupt Scheme Simplifies μC Code
•0.5% Typical Nonlinearity
Ambient Light Sensing
• Simple Output Code Directly Proportional to lux
• 50Hz/60Hz Flicker Noise and IR Rejection
• Light Sensor Close to Human Eye Response
• Selectable 125/2000 Lux Range
Proximity Sensing
• Proximity Sensor with Broad IR Spectrum
- Can Use 850nm and 950nm External IR LEDs
•IR LED Driver with I2C Programmable Sink Currents
-Net 100μs Pulse with 110mA or 220mA Amplitudes
- Periodic Sleep Time up to 800ms Between Pulses
• Ambient IR Noise Cancellation (Including Sunlight)
Intelligent and Flexible Interrupts
• Independent ALS/Prox Interrupt Thresholds
• Adjustable Interrupt Persistency
- 1/4/8/16 Consecutive Triggers Required Before Interrupt
Ultra Low Power
•138μA DC Typical Supply Current for ALS/Prox Sensing
-110μA for Sensors and Internal Circuitry
-28μA Typical Current for External IR LED (Assuming 220mA
for 100μs Every 800ms)
•<1.0μA Supply Current When Powered Down
Easy to Use
• Set Registers; Wait for Interrupt
•I2C (SMBus Compatible) Output
• Temperature Compensated
• Tiny ODFN8 2.0x2.1x0.7 (mm) Package
Additional Features
• 1.7V to 3.63V Supply for I2C Interface
• 2.25V to 3.63V Sensor Power Supply
• Pb-Free (RoHS Compliant)
•I2C Address Selection Pin
March 24, 2011
FN7721.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2010, 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL29028A_1103

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
753Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
600Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
January 29, 2014
logo
Renesas Technology Corp
ISL29028AIROZ-T7 RENESAS-ISL29028AIROZ-T7 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results

Similar Description - ISL29028A_1103

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29028IROZ INTERSIL-ISL29028IROZ Datasheet
624Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 4, 2011
logo
Renesas Technology Corp
ISL29028 RENESAS-ISL29028 Datasheet
820Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29030A INTERSIL-ISL29030A_11 Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
600Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
January 29, 2014
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
logo
Renesas Technology Corp
ISL29028A RENESAS-ISL29028A Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29029 RENESAS-ISL29029 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29030IROZ-T7 INTERSIL-ISL29030IROZ-T7 Datasheet
538Kb / 17P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digita Out
November 12, 2012
logo
Renesas Technology Corp
ISL29030 RENESAS-ISL29030 Datasheet
853Kb / 17P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
ISL29030A RENESAS-ISL29030A Datasheet
824Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com