Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28108_1107 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL28108_1107
Description  40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28108_1107 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL28108_1107 Datasheet HTML 3Page - Intersil Corporation ISL28108_1107 Datasheet HTML 4Page - Intersil Corporation ISL28108_1107 Datasheet HTML 5Page - Intersil Corporation ISL28108_1107 Datasheet HTML 6Page - Intersil Corporation ISL28108_1107 Datasheet HTML 7Page - Intersil Corporation ISL28108_1107 Datasheet HTML 8Page - Intersil Corporation ISL28108_1107 Datasheet HTML 9Page - Intersil Corporation ISL28108_1107 Datasheet HTML 10Page - Intersil Corporation ISL28108_1107 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
ISL28108, ISL28208, ISL28408
7
FN6935.2
July 1, 2011
TRANSIENT RESPONSE
SR
Slew Rate, VOUT 20% to 80%
AV = 1, RL = 2kΩ, VO = 4VP-P
0.4
V/µs
tr, tf, Small
Signal
Rise Time, VOUT 10% to 90%
AV = 1, VOUT = 100mVP-P, Rf = 0Ω, RL =2kΩ to
VCM
264
ns
Fall Time, VOUT 90% to 10%
AV = 1, VOUT = 100mVP-P, Rf = 0Ω, RL = 2kΩ to
VCM
254
ns
ts
Settling Time to 0.01%
4V Step; 10% to VOUT
AV= -1, VOUT= 4VP-P, Rg = Rf =10k, RL =2kΩ to
VCM
14.4
µs
NOTE:
8. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Typical Performance Curves
VS = ±15V, VCM = 0V, RL = Open, unless otherwise specified.
FIGURE 3. ISL28208 INPUT OFFSET VOLTAGE DISTRIBUTION,
VS = ±15V
FIGURE 4. ISL28208 INPUT OFFSET VOLTAGE DISTRIBUTION,
VS = ±5V
FIGURE 5. ISL28208 SOIC TCVOS vs NUMBER OF AMPLIFIERS,
VS = ±15V
FIGURE 6. ISL28208 SOIC TCVOS vs NUMBER OF AMPLIFIERS,
VS = ±5V
Electrical Specifications V
S ±5V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply over the
operating temperature range, -40°C to +125°C. Temperature data established by characterization. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT
VOS (µV)
0
50
100
150
200
250
300
VS = ±15V
VOS (µV)
0
50
100
150
200
250
300
VS = ±5V
TCVOS (µV/C)
0
2
4
6
8
10
12
14
16
18
20
22
24
VS = ±15V
TCVOS (µV/C)
0
2
4
6
8
10
12
14
16
18
20
22
24
VS = ±5V


Similar Part No. - ISL28108_1107

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
More results

Similar Description - ISL28108_1107

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108 INTERSIL-ISL28108 Datasheet
1Mb / 25P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
logo
Intersil Corporation
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
ISL28118 INTERSIL-ISL28118_11 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
logo
Texas Instruments
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com