Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL22414WMU10Z Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL22414WMU10Z
Description  Single Digitally Controlled Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22414WMU10Z Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL22414WMU10Z Datasheet HTML 4Page - Intersil Corporation ISL22414WMU10Z Datasheet HTML 5Page - Intersil Corporation ISL22414WMU10Z Datasheet HTML 6Page - Intersil Corporation ISL22414WMU10Z Datasheet HTML 7Page - Intersil Corporation ISL22414WMU10Z Datasheet HTML 8Page - Intersil Corporation ISL22414WMU10Z Datasheet HTML 9Page - Intersil Corporation ISL22414WMU10Z Datasheet HTML 10Page - Intersil Corporation ISL22414WMU10Z Datasheet HTML 11Page - Intersil Corporation ISL22414WMU10Z Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
FN6424.1
December 16, 2010
Typical Performance Curves
FIGURE 1. WIPER RESISTANCE vs TAP POSITION
[ I(RW) = VCC/RTOTAL ] FOR 10kΩ (W)
FIGURE 2. STANDBY ICC AND IV- vs TEMPERATURE
FIGURE 3. DNL vs TAP POSITION IN VOLTAGE DIVIDER
MODE FOR 10k
Ω (W)
FIGURE 4. INL vs TAP POSITION IN VOLTAGE DIVIDER
MODE FOR 10k
Ω (W)
FIGURE 5. ZS ERROR vs TEMPERATURE
FIGURE 6. FS ERROR vs TEMPERATURE
0
10
20
30
40
50
60
70
80
0
50
100
150
200
250
TAP POSITION (DECIMAL)
T = +25ºC
T = -40ºC
T = +125ºC
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-40
0
40
80
120
TEMPERATURE (°C)
ICC
IV-
-0.50
-0.25
0
0.25
0.50
0
50
100
150
200
250
TAP POSITION (DECIMAL)
T = +25ºC
VCC = 2.25V
VCC = 5.5V
-0.50
-0.25
0
0.25
0.50
0
50
100
150
200
250
TAP POSITION (DECIMAL)
T = +25ºC
VCC = 5.5V
VCC = 2.25V
0
0.4
0.8
1.2
1.6
2.0
-40
0
40
80
120
TEMPERATURE (ºC)
VCC = 2.25V
VCC = 5.5V
50k
10k
-5
-4
-3
-2
-1
0
-40
0
40
80
120
TEMPERATURE (ºC)
VCC = 5.5V
10k
50k
VCC = 2.25V
ISL22414


Similar Part No. - ISL22414WMU10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22414WMU10Z INTERSIL-ISL22414WMU10Z Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
logo
Renesas Technology Corp
ISL22414WMU10Z RENESAS-ISL22414WMU10Z Datasheet
1Mb / 17P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
September 21, 2015
logo
Intersil Corporation
ISL22414WMU10Z-T7A INTERSIL-ISL22414WMU10Z-T7A Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
logo
Renesas Technology Corp
ISL22414WMU10Z-T7A RENESAS-ISL22414WMU10Z-T7A Datasheet
1Mb / 17P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
September 21, 2015
More results

Similar Description - ISL22414WMU10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com