Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL22414WFU10Z Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL22414WFU10Z
Description  Single Digitally Controlled Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22414WFU10Z Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL22414WFU10Z Datasheet HTML 7Page - Intersil Corporation ISL22414WFU10Z Datasheet HTML 8Page - Intersil Corporation ISL22414WFU10Z Datasheet HTML 9Page - Intersil Corporation ISL22414WFU10Z Datasheet HTML 10Page - Intersil Corporation ISL22414WFU10Z Datasheet HTML 11Page - Intersil Corporation ISL22414WFU10Z Datasheet HTML 12Page - Intersil Corporation ISL22414WFU10Z Datasheet HTML 13Page - Intersil Corporation ISL22414WFU10Z Datasheet HTML 14Page - Intersil Corporation ISL22414WFU10Z Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
FN6424.1
December 16, 2010
is closest to its “Low” terminal (RL). When the WR register of
a DCP contains all ones (WR[7:0]= FFh), its wiper terminal
(RW) is closest to its “High” terminal (RH). As the value of
the WR increases from all zeroes (0) to all ones (255
decimal), the wiper moves monotonically from the position
closest to RL to the closest to RH. At the same time, the
resistance between RW and RL increases monotonically,
while the resistance between RH and RW decreases
monotonically.
While the ISL22414 is being powered up, the WR is reset to
80h (128 decimal), which locates RW roughly at the center
between RL and RH. After the power supply voltage
becomes large enough for reliable non-volatile memory
reading, the WR will be reloaded with the value stored in a
non-volatile Initial Value Register (IVR).
The WR and IVR can be read or written to directly using the
SPI serial interface as described in the following sections.
Memory Description
The ISL22414 contains one non-volatile 8-bit Initial Value
Register (IVR), fourteen non-volatile 8-bit General Purpose
(GP) registers, volatile 8-bit Wiper Register (WR), and
volatile 8-bit Access Control Register (ACR). The memory
map of ISL22414 is in Table 1.
The non-volatile register (IVR) at address 0, contains initial
wiper position and volatile register (WR) contains current
wiper position.
The register at address 0Fh is a read-only reserved register.
Information read from this register should be ignored.
The non-volatile IVR and volatile WR registers are
accessible with the same address.
The Access Control Register (ACR) contains information
and control bits described below in Table 2.
The VOL bit (ACR[7]) determines whether the access to
wiper registers WR or initial value registers IVR.
If VOL bit is 0, the non-volatile IVR register is accessible. If
VOL bit is 1, only the volatile WR is accessible. Note, value
is written to IVR register also is written to the WR. The
default value of this bit is 0.
The SHDN bit (ACR[6]) disables or enables Shutdown
mode. When this bit is 0, DCP is in Shutdown mode, i.e.
DCP is forced to end-to-end open circuit and RW is shorted
to RL as shown on Figure 15. Default value of SHDN bit is 1.
Setting SHDN bit to 1 is returned wiper to prior to Shutdown
Mode position.
The WIP bit (ACR[5]) is a read-only bit. It indicates that non-
volatile write operation is in progress. The WIP bit can be
read repeatedly after a non-volatile write to determine if the
write has been completed. It is impossible to write or read to
the WR or ACR while WIP bit is 1.
The SDO bit (ACR[1]) configures type of SDO output pin.
The default value of SDO bit is 0 for Push - Pull output. SDO
pin can be configured as Open Drain output for some
application. In this case, an external pull up resistor is
required. See “Applications Information” on page 13.
SPI Serial Interface
The ISL22414 supports an SPI serial protocol, mode 0. The
device is accessed via the SDI input and SDO output with
data clocked in on the rising edge of SCK, and clocked out
on the falling edge of SCK. CS must be LOW during
communication with the ISL22414. SCK and CS lines are
controlled by the host or master. The ISL22414 operates
only as a slave device.
TABLE 1. MEMORY MAP
ADDRESS
(hex)
NON-VOLATILE
VOLATILE
10
N/A
ACR
F
Reserved
E
General Purpose
N/A
D
General Purpose
N/A
C
General Purpose
N/A
B
General Purpose
N/A
A
General Purpose
N/A
9
General Purpose
N/A
8
General Purpose
N/A
7
General Purpose
N/A
6
General Purpose
N/A
5
General Purpose
N/A
4
General Purpose
N/A
3
General Purpose
N/A
2
General Purpose
N/A
1
General Purpose
N/A
0IVR
WR
TABLE 2. ACCESS CONTROL REGISTER (ACR)
BIT #
7
6
5
432
1
0
BIT
NAME
VOL SHDN WIP
000
SDO
0
RL
RW
RH
FIGURE 15. DCP CONNECTION IN SHUTDOWN MODE
ISL22414


Similar Part No. - ISL22414WFU10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22414WFU10Z INTERSIL-ISL22414WFU10Z Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
logo
Renesas Technology Corp
ISL22414WFU10Z RENESAS-ISL22414WFU10Z Datasheet
1Mb / 17P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
September 21, 2015
logo
Intersil Corporation
ISL22414WFU10Z-T7A INTERSIL-ISL22414WFU10Z-T7A Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
logo
Renesas Technology Corp
ISL22414WFU10Z-T7A RENESAS-ISL22414WFU10Z-T7A Datasheet
1Mb / 17P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
September 21, 2015
logo
Intersil Corporation
ISL22414WFU10Z-TK INTERSIL-ISL22414WFU10Z-TK Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
More results

Similar Description - ISL22414WFU10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com