Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL12028IVAZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL12028IVAZ
Description  Real Time Clock/Calendar with I2C Bus??and EEPROM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12028IVAZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL12028IVAZ Datasheet HTML 2Page - Intersil Corporation ISL12028IVAZ Datasheet HTML 3Page - Intersil Corporation ISL12028IVAZ Datasheet HTML 4Page - Intersil Corporation ISL12028IVAZ Datasheet HTML 5Page - Intersil Corporation ISL12028IVAZ Datasheet HTML 6Page - Intersil Corporation ISL12028IVAZ Datasheet HTML 7Page - Intersil Corporation ISL12028IVAZ Datasheet HTML 8Page - Intersil Corporation ISL12028IVAZ Datasheet HTML 9Page - Intersil Corporation ISL12028IVAZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
FN8233.9
November 30, 2010
tAA
SCL Falling Edge to SDA Output
Data Valid
SCL falling edge crossing 30% of VDD,
until SDA exits the 30% to 70% of VDD
window.
900
ns
tBUF
Time the bus must be free before
the start of a new transmission
SDA crossing 70% of VDD during a
STOP condition, to SDA crossing 70%
of VDD during the following START
condition.
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of VDD crossing.
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of VDD crossing.
600
ns
tSU:STA
START Condition Setup Time
SCL rising edge to SDA falling edge.
Both crossing 70% of VDD.
600
ns
tHD:STA
START Condition Hold Time
From SDA falling edge crossing 30%
of VDD to SCL falling edge crossing
70% of VDD.
600
ns
tSU:DAT
Input Data Setup Time
From SDA exiting the 30% to 70% of
VDD window, to SCL rising edge
crossing 30% of VDD
100
ns
tHD:DAT
Input Data Hold Time
From SCL falling edge crossing 70%
of VDD to SDA entering the 30% to
70% of VDD window.
0
ns
tSU:STO
STOP Condition Setup Time
From SCL rising edge crossing 70% of
VDD, to SDA rising edge crossing 30%
of VDD.
600
ns
tHD:STO
STOP Condition Hold Time for
Read, or Volatile Only Write
From SDA rising edge to SCL falling
edge. Both crossing 70% of VDD.
600
ns
tDH
Output Data Hold Time
From SCL falling edge crossing 30%
of VDD, until SDA enters the 30% to
70% of VDD window.
0
ns
Cb
Capacitive Loading of SDA or SCL Total on-chip and off-chip
10
400
pF
Cpin
SDA, and SCL Pin Capacitance
10
pF
tWC
Non-volatile Write Cycle Time
12
20
ms
14
tR
SDA and SCL Rise Time
From 30% to 70% of VDD
20 + 0.1 x Cb
250
ns
15
tF
SDA and SCL Fall Time
From 70% to 30% of VDD
20 + 0.1 x Cb
250
ns
15
Cb
Capacitive Loading of SDA or SCL Total on-chip and off-chip
10
400
pF
15
RPU
SDA and SCL Bus Pull-up Resistor
Off-chip
Maximum is determined by tR and tF.
For Cb = 400pF, max is about
2k
Ω~2.5kΩ.
For Cb = 40pF, max is about
15k
Ω~20kΩ
1
k
Ω
15
NOTES:
7. IRQ/FOUT Inactive (no frequency output and no alarms).
8. VIL = VDD x 0.1, VIH = VDD x 0.9, fSCL = 400kHz.
9. VRESET = 2.63V (VDD must be greater than VRESET), VBAT = 0V.
10. Bit BSW = 0 (Standard Mode), ATR = 00h, VBAT ≥ 1.8V.
11. Specified at +25°C.
12. In order to ensure proper timekeeping, the VDD SR- specification must be followed.
13. Parameter is not 100% tested.
14. tWC is the minimum cycle time to be allowed for any non-volatile Write by the user, it is the time from valid STOP condition at the end of Write
sequence of a serial interface Write operation, to the end of the self-timed internal non-volatile write cycle.
15. These are I2C specific parameters and are not directly tested, however they are used during device testing to validate device specification.
16. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Serial Interface (I2C) Specifications Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 16)
TYP
MAX
(Note 16)
UNITS
NOTES
ISL12028, ISL12028A


Similar Part No. - ISL12028IVAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12028IVAZ INTERSIL-ISL12028IVAZ Datasheet
423Kb / 28P
   Real Time Clock/Calendar with EEPROM
ISL12028IVAZ INTERSIL-ISL12028IVAZ Datasheet
584Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12028IVAZ-T INTERSIL-ISL12028IVAZ-T Datasheet
423Kb / 28P
   Real Time Clock/Calendar with EEPROM
More results

Similar Description - ISL12028IVAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12025 INTERSIL-ISL12025 Datasheet
423Kb / 27P
   Real-Time Clock/Calendar with I2C Bus and EEPROM
ISL12029_1012 INTERSIL-ISL12029_1012 Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_08 Datasheet
389Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12028 RENESAS-ISL12028 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028_10 Datasheet
584Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_10 Datasheet
560Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12026 RENESAS-ISL12026 Datasheet
1,002Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12029 INTERSIL-ISL12029_10 Datasheet
580Kb / 30P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12025 RENESAS-ISL12025 Datasheet
1Mb / 28P
   Real-Time Clock/Calendar with I2C Bus??and EEPROM
ISL12029 RENESAS-ISL12029 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus™ and EEPROM
December 16, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com