Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA2088 Datasheet(PDF) 3 Page - Rohm

Part # 2SA2088
Description  Medium power transistor (-60V, -0.5A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SA2088 Datasheet(HTML) 3 Page - Rohm

  2SA2088_11 Datasheet HTML 1Page - Rohm 2SA2088_11 Datasheet HTML 2Page - Rohm 2SA2088_11 Datasheet HTML 3Page - Rohm 2SA2088_11 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/3
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.03 - Rev.B
Data Sheet
2SA2088
−0
−0.5
−1
−1.5
−0.01
−0.1
−1
VCE
= −2V
BASE TO EMITTER VOLTAGE : VBE (V)
Fig.7 Grounded Emitter
Propagation Characteristics
Ta
=125°C
Ta
=25°C
Ta
= −40°C
EMITTER CURRENT : IE (A)
Fig.8 Transition Frequency
0.001
0.01
0.1
1
10
100
1000
Ta
=25°C
VCE
= −10V
−0.1
−1
−10
−100
1
10
100
COLLECTOR TO BASE VOLTAGE : VCB (V)
Fig.9 Collector Output Capacitance
Ta
=25°C
f
=1MHz
Switching characteristics measurement circuits
PW
VIN
RL
=50Ω
IC
IB1
IB2
PW
50
μs
DUTY CYCLE
≤ 1%
VCC
−25V
Ton
Tstg
Tf
IC
IB2
IB1
10%
90%
BASE CURRENT
WAVEFORM
COLLECTOR CURRENT
WAVEFORM


Similar Part No. - 2SA2088_11

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA2088U3 ROHM-2SA2088U3 Datasheet
1Mb / 10P
   Medium power transistor (-60V, -0.5A)
2SA2088U3HZG ROHM-2SA2088U3HZG Datasheet
1Mb / 10P
   Medium power transistor (-60V, -0.5A)
More results

Similar Description - 2SA2088_11

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5868 ROHM-2SC5868_11 Datasheet
935Kb / 4P
   Medium power transistor (60V, 0.5A)
2SC5876 ROHM-2SC5876_11 Datasheet
934Kb / 4P
   Medium power transistor (60V, 0.5A)
2SA2090 ROHM-2SA2090_11 Datasheet
942Kb / 4P
   Medium power transistor (-60V, -0.5A)
2SA2088 ROHM-2SA2088 Datasheet
97Kb / 4P
   Medium power transistor (-60V, -0.5A)
2SC5876 ROHM-2SC5876_1 Datasheet
68Kb / 4P
   Medium power transistor (60V, 0.5A)
2SA2088U3 ROHM-2SA2088U3 Datasheet
1Mb / 10P
   Medium power transistor (-60V, -0.5A)
2SC5876T106R ROHM-2SC5876T106R Datasheet
934Kb / 4P
   Medium power transistor (60V, 0.5A)
2SA2089S ROHM-2SA2089S Datasheet
97Kb / 4P
   Medium power transistor (-60V, -0.5A)
2SC5876 ROHM-2SC5876 Datasheet
44Kb / 4P
   Medium power transistor (60V, 0.5A)
2SC5868 ROHM-2SC5868 Datasheet
59Kb / 4P
   Medium power transistor (60V, 0.5A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com