Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFHS9301PBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRFHS9301PBF
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHS9301PBF Datasheet(HTML) 8 Page - International Rectifier

  IRFHS9301PBF Datasheet HTML 1Page - International Rectifier IRFHS9301PBF Datasheet HTML 2Page - International Rectifier IRFHS9301PBF Datasheet HTML 3Page - International Rectifier IRFHS9301PBF Datasheet HTML 4Page - International Rectifier IRFHS9301PBF Datasheet HTML 5Page - International Rectifier IRFHS9301PBF Datasheet HTML 6Page - International Rectifier IRFHS9301PBF Datasheet HTML 7Page - International Rectifier IRFHS9301PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRFHS9301TR/TR2PbF
8
www.irf.com
PQFN Tape and Reel
Qualification standards can be found at International Rectifier’s web site
http://www.irf.com/product-info/reliability
††
Higher qualification ratings may be available should the user have such requirements.
Please contact your International Rectifier sales representative for further information:
http://www.irf.com/whoto-call/salesrep/
††† Applicable version of JEDEC standard at the time of product release.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.11/2010
Data and specifications subject to change without notice.
CORE
TAPE
COVER
TAPE
(WIDTH)
5.4 mm
TOLERANCE
+/- 0.1 mm
9.5 mm
+/- 0.1 mm
Width
Remark:
- Dimension above are typical dimensions.
- Cover tape thickness is 0.048mm +/- 0.005mm.
- Surface resistivity 10E5 < Rs <10E9.
Table 2:
MSL1
(per IPC/JEDEC J-STD-020D††† )
RoHS compliant
Yes
PQFN 2mm x 2mm
Qualification information
Moisture Sensitivity Level
Qualification level
Consumer
††
(per JEDEC JESD47F ††† guidelines )


Similar Part No. - IRFHS9301PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFHS9301PBF IRF-IRFHS9301PBF Datasheet
255Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHS9301PBF IRF-IRFHS9301PBF_15 Datasheet
255Kb / 9P
   Compatible with Existing Surface Mount Techniques
More results

Similar Description - IRFHS9301PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com