Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR1155SPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IR1155SPBF
Description  PROGRAMMABLE FREQUENCY, ONE CYCLE CONTROL PFC IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1155SPBF Datasheet(HTML) 2 Page - International Rectifier

  IR1155SPBF Datasheet HTML 1Page - International Rectifier IR1155SPBF Datasheet HTML 2Page - International Rectifier IR1155SPBF Datasheet HTML 3Page - International Rectifier IR1155SPBF Datasheet HTML 4Page - International Rectifier IR1155SPBF Datasheet HTML 5Page - International Rectifier IR1155SPBF Datasheet HTML 6Page - International Rectifier IR1155SPBF Datasheet HTML 7Page - International Rectifier IR1155SPBF Datasheet HTML 8Page - International Rectifier IR1155SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
IR1155S
www.irf.com
2
© 2011 International Rectifier
Qualification Information
Industrial
Qualification Level
Comments: This family of ICs has passed JEDEC’s Industrial
qualification.
IR’s Consumer qualification level is granted by
extension of the higher Industrial level.
Moisture Sensitivity Level
MSL2 260°C
(per IPC/JEDEC J-STD-020)
Machine Model
Class A
(per JEDEC standard JESD22-A115)
ESD
Human Body Model
Class 1B (passes 500V)
(per EIA/JEDEC standard EIA/JESD22-A114)
IC Latch-Up Test
Class I, Level A
(per JESD78)
RoHS Compliant
Yes
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Remarks
VCC Voltage
VCC
-0.3
20
V
FREQ Voltage
VFREQ
-0.3
6.5
V
ISNS Voltage
VISNS
-10
0.3
V
VFB, OVP Voltage
VFB, VOVP
-0.3
6.5
V
COMP Voltage
VCOMP
-0.3
6.5
V
GATE Voltage
VGATE
-0.3
18
V
ISNS Current
IISNS
-2
2
mA
Junction Temperature
TJ
-40
150
°C
Storage Temperature
TS
-55
150
°C
Thermal Resistance
Junction to Ambient
RθJA
128
°C/W
Package Power Dissipation
PD
976
mW
TAMB = 25°C
Recommended Operating Conditions
Recommended operating conditions for reliable operation with margin
Parameter
Symbol
Min.
Typ.
Max.
Units
Remarks
Supply Voltage
VCC
12
19
V
Junction Temperature
TJ
-25
125
°C
Switching Frequency
FSW
48
200
kHz


Similar Part No. - IR1155SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1155S IRF-IR1155S Datasheet
394Kb / 21P
   PROGRAMMABLE FREQUENCY, ONE CYCLE CONTROL PFC IC
IR1155S IRF-IR1155S_15 Datasheet
394Kb / 21P
   PROGRAMMABLE FREQUENCY, ONE CYCLE CONTROL PFC IC
More results

Similar Description - IR1155SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1155S IRF-IR1155S_15 Datasheet
394Kb / 21P
   PROGRAMMABLE FREQUENCY, ONE CYCLE CONTROL PFC IC
IR1150 IRF-IR1150_15 Datasheet
925Kb / 16P
   PFC ONE CYCLE CONTROL PFC IC
IR1150 IRF-IR1150 Datasheet
925Kb / 16P
   UPFC ONE CYCLE CONTROL PFC IC
IR1150IS IRF-IR1150IS Datasheet
247Kb / 16P
   UPFC ONE CYCLE CONTROL PFC IC
IR1152S IRF-IR1152S Datasheet
298Kb / 20P
   FIXED 66kHz FREQUENCY, 關PFC ONE CYCLE CONTROL PFC IC WITH BROWN-OUT PROTECTION
AN-1077 IRF-AN-1077 Datasheet
449Kb / 20P
   PFC Converter Design with IR1150 One Cycle Control IC
IRAC1152-350W IRF-IRAC1152-350W Datasheet
965Kb / 24P
   PFC IC with IR proprietary ?쏰ne Cycle Control
IRS2580DSPBF IRF-IRS2580DSPBF_15 Datasheet
32Kb / 1P
   PFC, ballast control and half-bridge driver in one IC
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com