Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR1155S Datasheet(PDF) 5 Page - International Rectifier

Part # IR1155S
Description  PROGRAMMABLE FREQUENCY, ONE CYCLE CONTROL PFC IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1155S Datasheet(HTML) 5 Page - International Rectifier

  IR1155S Datasheet HTML 1Page - International Rectifier IR1155S Datasheet HTML 2Page - International Rectifier IR1155S Datasheet HTML 3Page - International Rectifier IR1155S Datasheet HTML 4Page - International Rectifier IR1155S Datasheet HTML 5Page - International Rectifier IR1155S Datasheet HTML 6Page - International Rectifier IR1155S Datasheet HTML 7Page - International Rectifier IR1155S Datasheet HTML 8Page - International Rectifier IR1155S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
IR1155S
www.irf.com
5
© 2011 International Rectifier
Internal Voltage Reference Section
Voltage Error Amplifier Section
Parameter
Symbol
Min.
Typ.
Max.
Units
Remarks
Transconductance
gm
35
50
65
µS
30
44
58
TAMB = 25°C
Source Current
IOVEA(SRC)
20
44
90
µA
-25°C ≤TAMB≤ 125°C
-57
-43
-30
TAMB = 25°C
Sink Current
IOVEA(SNK)
-90
-43
-20
µA
-25°C ≤TAMB≤ 125°C
Soft Start Delay Time
tSS
35
msec RGAIN = 1kΩ, CZERO = 0.33uF,
CPOLE = 0.01uF
VCOMP Voltage (Fault)
VCOMP FLT
1
1.4
V
@ 100µA steady state
current
Effective VCOMP Voltage
VCOMP EFF
4.6
4.9
5.2
V
VFB Input Bias Current
IIB(Bias)
-0.2
µA
VFB=4.9V
Output Low Voltage
VOL
0.25
V
Output High Voltage
VOH
5
5.4
V
VCOMP Start Voltage
VCOMP START
240
340
460
mV
Parameter
Symbol
Min.
Typ.
Max.
Units
Remarks
Reference Voltage
VREF
4.9
5
5.1
V
TA = 25°C
Line Regulation
RREG
10
20
mV
14 V < VCC < 19V
Temp Stability
TSTAB
0.4
%
-25°C ≤ TAMB ≤ 125°C
Total Variation
ΔVTOT
4.85
5.1
V
Line & Temperature


Similar Part No. - IR1155S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1155S IRF-IR1155S Datasheet
394Kb / 21P
   PROGRAMMABLE FREQUENCY, ONE CYCLE CONTROL PFC IC
IR1155S IRF-IR1155S_15 Datasheet
394Kb / 21P
   PROGRAMMABLE FREQUENCY, ONE CYCLE CONTROL PFC IC
More results

Similar Description - IR1155S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1155S IRF-IR1155S_15 Datasheet
394Kb / 21P
   PROGRAMMABLE FREQUENCY, ONE CYCLE CONTROL PFC IC
IR1150 IRF-IR1150_15 Datasheet
925Kb / 16P
   PFC ONE CYCLE CONTROL PFC IC
IR1150 IRF-IR1150 Datasheet
925Kb / 16P
   UPFC ONE CYCLE CONTROL PFC IC
IR1150IS IRF-IR1150IS Datasheet
247Kb / 16P
   UPFC ONE CYCLE CONTROL PFC IC
IR1152S IRF-IR1152S Datasheet
298Kb / 20P
   FIXED 66kHz FREQUENCY, 關PFC ONE CYCLE CONTROL PFC IC WITH BROWN-OUT PROTECTION
AN-1077 IRF-AN-1077 Datasheet
449Kb / 20P
   PFC Converter Design with IR1150 One Cycle Control IC
IRAC1152-350W IRF-IRAC1152-350W Datasheet
965Kb / 24P
   PFC IC with IR proprietary ?쏰ne Cycle Control
IRS2580DSPBF IRF-IRS2580DSPBF_15 Datasheet
32Kb / 1P
   PFC, ballast control and half-bridge driver in one IC
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com