Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3282EMRTEP-TK Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL3282EMRTEP-TK
Description  RS-485/RS-422 Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3282EMRTEP-TK Datasheet(HTML) 7 Page - Intersil Corporation

  ISL3282EMRTEP-TK Datasheet HTML 1Page - Intersil Corporation ISL3282EMRTEP-TK Datasheet HTML 2Page - Intersil Corporation ISL3282EMRTEP-TK Datasheet HTML 3Page - Intersil Corporation ISL3282EMRTEP-TK Datasheet HTML 4Page - Intersil Corporation ISL3282EMRTEP-TK Datasheet HTML 5Page - Intersil Corporation ISL3282EMRTEP-TK Datasheet HTML 6Page - Intersil Corporation ISL3282EMRTEP-TK Datasheet HTML 7Page - Intersil Corporation ISL3282EMRTEP-TK Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ISL3282EMRTEP
7
FN7595.1
February 15, 2011
FIGURE 10. RECEIVER OUTPUT CURRENT vs RECEIVER OUTPUT
VOLTAGE
FIGURE 11. RECEIVER PROPAGATION DELAY vs TEMPERATURE
FIGURE 12. RECEIVER SKEW vs TEMPERATURE
FIGURE 13. RECEIVER PROPAGATION DELAY vs TEMPERATURE
FIGURE 14. RECEIVER SKEW vs TEMPERATURE
FIGURE 15. RECEIVER WAVEFORMS
Typical Performance Curves C
L = 15pF, TA = +25°C; Unless Otherwise Specified. (Continued)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4 1.5
RECEIVER OUTPUT VOLTAGE (V)
VOH, +25°C
VOL, +25°C
VOL, +85°C
VCC = 5V or 3.3V, VL = 1.5V
VOH, +125°C
VOL, +125°C
VOH, +85°C
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
20
25
30
35
40
45
-55
-35
-15
5
25
45
65
85
105
125
TEMPERATURE (°C)
VCC = 5.5V, TPLH
VCC = 5.5V, TPHL
0.0
0.5
1.0
1.5
2.0
2.5
-55
-35
-15
5
25
45
65
85
105
125
TEMPERATURE (°C)
VCC = 3.3V, SKEW
20
25
30
35
40
45
50
-55
-35
-15
5
25
45
65
85
105
125
TEMPERATURE (°C)
VCC = 3.3V, TPLH
VCC = 3.3V, TPHL
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
-55
-35
-15
5
25
45
65
85
105
125
TEMPERATURE (°C)
VCC = 5.0V, SKEW
TIME (20ns/DIV)
2.0
-2.0
0
0
1.0
A - B
2.0
3.0
4.0
5.0
VL = 1.5V
VL = 2.5V
VL = 5V
VCC = 5V


Similar Part No. - ISL3282EMRTEP-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3282EMRTEP-TK RENESAS-ISL3282EMRTEP-TK Datasheet
520Kb / 9P
   ±16.5kV ESD Protected, 16Mbps, with Active Low Rx EN, RS-485/422 Receiver
June 17, 2016
More results

Similar Description - ISL3282EMRTEP-TK

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
   EIA RS-485/RS-422 Transceiver
Rev. D
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
   Multipoint RS-485/RS-422 Transceivers
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
   RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
ADAM-4510 ADVANTECH-ADAM-4510_15 Datasheet
236Kb / 1P
   RS-422/485 Repeater
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com