Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR1152SPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IR1152SPBF
Description  FIXED 66kHz FREQUENCY, 關PFC ONE CYCLE CONTROL PFC IC WITH BROWN-OUT PROTECTION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1152SPBF Datasheet(HTML) 1 Page - International Rectifier

  IR1152SPBF Datasheet HTML 1Page - International Rectifier IR1152SPBF Datasheet HTML 2Page - International Rectifier IR1152SPBF Datasheet HTML 3Page - International Rectifier IR1152SPBF Datasheet HTML 4Page - International Rectifier IR1152SPBF Datasheet HTML 5Page - International Rectifier IR1152SPBF Datasheet HTML 6Page - International Rectifier IR1152SPBF Datasheet HTML 7Page - International Rectifier IR1152SPBF Datasheet HTML 8Page - International Rectifier IR1152SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
www.irf.com
© 2011 International Rectifier
Feb 21, 2011
IR1152S
FIXED 66kHz FREQUENCY, µPFC ONE CYCLE CONTROL PFC
IC WITH BROWN-OUT PROTECTION
Features
Description
Package
IR1152 Application Diagram
VOUT
RTN
ACIN1
ACIN2
COM
1
BOP
4
VFB
6
VCC
7
GATE
8
ISNS
3
COMP
2
OVP/EN
5
IR1152
-+
VCC
+
• PFC IC with IR proprietary “One Cycle Control”
• Continuous conduction mode boost type PFC
• Fixed 66kHz switching frequency
• Average current mode control
• Input line sensed brownout protection
• Output overvoltage protection
• Open loop protection
• Cycle by cycle peak current limit
• VCC under voltage lockout
• Programmable soft start
• Micropower startup
• User initiated micropower “Sleep Mode”
• 750mA peak gate drive
• Latch immunity and ESD protection
µPFC IR1152 power factor correction IC, based on IR proprietary "One
Cycle Control" (OCC) technique, provides for high PF and excellent DC
Bus regulation while enabling drastic reduction in component count,
PCB area and design time as compared to traditional solutions. The IC
is designed to operate in 85-264VAC universal input, continuous
conduction mode Boost PFC at fixed 66kHz switching frequency.
IR1152 features include input-line sensed brown-out protection,
overvoltage protection, cycle by cycle peak current limit, open loop
protection, VCC UVLO, soft-start and micropower startup current of less
than 75µA. In addition, for standby power requirements, the IC can be
driven into a micropower sleep mode by pulling the OVP/EN pin low
where the current consumption is less than 75uA. The IR1152 is
available in SO-8 packages.


Similar Part No. - IR1152SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1152S IRF-IR1152S Datasheet
298Kb / 20P
   FIXED 66kHz FREQUENCY
IR1152S IRF-IR1152S_15 Datasheet
298Kb / 20P
   FIXED 66kHz FREQUENCY
More results

Similar Description - IR1152SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1150 IRF-IR1150_15 Datasheet
925Kb / 16P
   PFC ONE CYCLE CONTROL PFC IC
IR1155S IRF-IR1155S_15 Datasheet
394Kb / 21P
   PROGRAMMABLE FREQUENCY, ONE CYCLE CONTROL PFC IC
IR1155S IRF-IR1155S Datasheet
394Kb / 21P
   PROGRAMMABLE FREQUENCY, ONE CYCLE CONTROL PFC IC
IR1150 IRF-IR1150 Datasheet
925Kb / 16P
   UPFC ONE CYCLE CONTROL PFC IC
IR1150IS IRF-IR1150IS Datasheet
247Kb / 16P
   UPFC ONE CYCLE CONTROL PFC IC
AN-1077 IRF-AN-1077 Datasheet
449Kb / 20P
   PFC Converter Design with IR1150 One Cycle Control IC
IRAC1152-350W IRF-IRAC1152-350W Datasheet
965Kb / 24P
   PFC IC with IR proprietary ?쏰ne Cycle Control
logo
Infineon Technologies A...
ICE2PCS04 INFINEON-ICE2PCS04 Datasheet
507Kb / 19P
   Standalone PFC Controller in CCM with Input Brown-Out Protection
Version 2.0, 10 Oct 2007
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com