Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR1152S Datasheet(PDF) 9 Page - International Rectifier

Part # IR1152S
Description  FIXED 66kHz FREQUENCY, 關PFC ONE CYCLE CONTROL PFC IC WITH BROWN-OUT PROTECTION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1152S Datasheet(HTML) 9 Page - International Rectifier

Back Button IR1152S Datasheet HTML 5Page - International Rectifier IR1152S Datasheet HTML 6Page - International Rectifier IR1152S Datasheet HTML 7Page - International Rectifier IR1152S Datasheet HTML 8Page - International Rectifier IR1152S Datasheet HTML 9Page - International Rectifier IR1152S Datasheet HTML 10Page - International Rectifier IR1152S Datasheet HTML 11Page - International Rectifier IR1152S Datasheet HTML 12Page - International Rectifier IR1152S Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
IR1152S
www.irf.com
9
© 2011 International Rectifier
IR1152 General Description
Programmable Soft Start
The soft start process controls the rate of rise of the
voltage feedback loop error signal thus providing a
linear increase of the RMS input current that the
PFC converter will admit. The soft start time is
essentially controlled by voltage error amplifier
compensation
components
selected
and
is
therefore user programmable to some degree
based on desired voltage feedback loop crossover
frequency.
Gate Drive Capability
The gate drive output stage of the IC is a totem
pole driver with 750mA peak current drive
capability. The gate drive is internally clamped at
13V (Typ). Gate drive buffer circuits can be easily
driven with the GATE pin of the IC to suit any
system power level.
System Protection Features
IR1152 protection features include Brown-out
protection (BOP), Open-loop protection (OLP),
Overvoltage protection (OVP), Cycle-by-cycle peak
current limit (IPK LIMIT), Soft-current limit and VCC
under voltage lock-out (UVLO).
- BOP is based on direct input line sensing using a
resistor divider/RC filter network. If BOP pin falls
below the Brown-out protection threshold VBOP, a
Brown-out situation is immediately detected and
the following response is executed - the gate drive
pulse is disabled, VCOMP is actively discharged
and IC is pushed into Stand-by Mode. The IC re-
enters normal operation only after BOP pin
exceeds VBOP(EN). During start-up the IC is held in
Stand-by Mode until this pin exceeds VBOP(EN).
- OLP is activated whenever the VFB pin voltage
falls below VOLP threshold. Once open loop is
detected the following response is immediately
executed - the gate drive is immediately disabled,
VCOMP is actively discharged and the IC is
pushed into Stand-by mode. There is no voltage
hysteresis associated with this feature. During
start-up the IC is held in Stand-by Mode until VFB
exceeds VOLP.
- OVP feature in IR1152 is "dual" and "dedicated".
There are 2 overvoltage comparators in IR1152 -
marked OVP(OVP) and OVP(VFB) in the block
diagram. Both these are identical in design, reference
the exact same thresholds and thus identical in
operation. The non-inverting input of OVP(VFB)
comparator is on the VFB pin while that of the
OVP(OVP) comparator is on the OVP/EN pin. When
either or both of the pin voltages exceeds VOVP, an
overvoltage situation is detected and the gate drive is
immediately terminated. The gate drive is re-enabled
only after both pin voltages are below VOVP(RST). The
redundancy offered by the 2 comparators and use of
a dedicated OVP/EN pin ensures the best possible
system overvoltage protection against extremes of
situations such as component failures, pin-to-pin
shorts etc.
- Soft-current limit is an output voltage fold-back type
protection feature encountered when the PFC
converter input current exceeds to a point where the
Vm voltage saturates. As mentioned earlier, the
amplitude of input current is directly proportional to
Vm, the error voltage of the feedback loop. Vm is
clamped to a certain maximum voltage inside the IC
(given by VCOMP,EFF parameter in datasheet). If the
input current causes the Vm voltage to saturate at its
maximum value, then any further increase in input
current will cause the duty cycle to droop which
immediately forces the VOUT voltage of the PFC
converter to fold-back. Since the highest current is at
the peak of the AC sinusoid, the droop in duty cycle
commences at the peak of the AC sinusoid when the
soft-current limit is encountered. In most converters,
the design of the current sense resistor is performed
based on soft-current limit (i.e. Vm saturation) and at
the system condition which demands highest input
current (minimum VAC & maximum POUT).
- Cycle-by-cycle peak current limit protection
instantaneously turns-off the gate output whenever
the ISNS pin voltage exceeds VISNS(PK) threshold in
magnitude. The gate drive is held in the low state as
long as the overcurrent condition persists. The gate
drive is re-enabled when the magnitude of ISNS pin
voltage falls below the VISNS(PK) threshold. This
protection feature incorporates a leading edge
blanking circuit to improve noise immunity.


Similar Part No. - IR1152S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1152S IRF-IR1152S Datasheet
298Kb / 20P
   FIXED 66kHz FREQUENCY
IR1152S IRF-IR1152S_15 Datasheet
298Kb / 20P
   FIXED 66kHz FREQUENCY
More results

Similar Description - IR1152S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1150 IRF-IR1150_15 Datasheet
925Kb / 16P
   PFC ONE CYCLE CONTROL PFC IC
IR1155S IRF-IR1155S_15 Datasheet
394Kb / 21P
   PROGRAMMABLE FREQUENCY, ONE CYCLE CONTROL PFC IC
IR1155S IRF-IR1155S Datasheet
394Kb / 21P
   PROGRAMMABLE FREQUENCY, ONE CYCLE CONTROL PFC IC
IR1150 IRF-IR1150 Datasheet
925Kb / 16P
   UPFC ONE CYCLE CONTROL PFC IC
IR1150IS IRF-IR1150IS Datasheet
247Kb / 16P
   UPFC ONE CYCLE CONTROL PFC IC
AN-1077 IRF-AN-1077 Datasheet
449Kb / 20P
   PFC Converter Design with IR1150 One Cycle Control IC
IRAC1152-350W IRF-IRAC1152-350W Datasheet
965Kb / 24P
   PFC IC with IR proprietary ?쏰ne Cycle Control
logo
Infineon Technologies A...
ICE2PCS04 INFINEON-ICE2PCS04 Datasheet
507Kb / 19P
   Standalone PFC Controller in CCM with Input Brown-Out Protection
Version 2.0, 10 Oct 2007
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com