Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDH6016 Datasheet(PDF) 4 Page - Nihon Inter Electronics Corporation

Part # PDH6016
Description  60A Avg 1200~1600 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PDH6016 Datasheet(HTML) 4 Page - Nihon Inter Electronics Corporation

  PDH6016 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PDH6016 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PDH6016 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PDH6016 Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
─ 182 ─


Similar Part No. - PDH6016

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDH6016 NIEC-PDH6016 Datasheet
273Kb / 5P
   THYRISTOR MODULE 60A / 1200 to 1600V
More results

Similar Description - PDH6016

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC6012 NIEC-PC6012_1 Datasheet
151Kb / 2P
   60A Avg 1200 1600 Volts
PDT10012 NIEC-PDT10012_1 Datasheet
261Kb / 4P
   100A Avg 1200~1600 Volts
PT200S12 NIEC-PT200S12_1 Datasheet
123Kb / 2P
   200A Avg 1200~1600 Volts
PT76S12 NIEC-PT76S12_1 Datasheet
117Kb / 2P
   75A Avg 1200 1600 Volts
PC3012 NIEC-PC3012_1 Datasheet
151Kb / 2P
   30A Avg 1200 1600 Volts
PC20012 NIEC-PC20012_1 Datasheet
153Kb / 2P
   200A Avg 1200 1600 Volts
PD60KN16 NIEC-PD60KN16 Datasheet
155Kb / 2P
   DIODE 60A Avg 1600 Volts
PDT40012 NIEC-PDT40012_1 Datasheet
242Kb / 4P
   400A Avg 1200~1600 Volts
PDT3012 NIEC-PDT3012_1 Datasheet
251Kb / 4P
   30A Avg 1200~1600 Volts
PHT40012 NIEC-PHT40012_1 Datasheet
236Kb / 4P
   400A Avg 1200~1600 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com