Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL214099611E3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MAL214099611E3
Description  Aluminum Capacitors SMD (Chip), High Temperature
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL214099611E3 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button MAL214099611E3 Datasheet HTML 3Page - Vishay Siliconix MAL214099611E3 Datasheet HTML 4Page - Vishay Siliconix MAL214099611E3 Datasheet HTML 5Page - Vishay Siliconix MAL214099611E3 Datasheet HTML 6Page - Vishay Siliconix MAL214099611E3 Datasheet HTML 7Page - Vishay Siliconix MAL214099611E3 Datasheet HTML 8Page - Vishay Siliconix MAL214099611E3 Datasheet HTML 9Page - Vishay Siliconix MAL214099611E3 Datasheet HTML 10Page - Vishay Siliconix MAL214099611E3 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Document Number: 28396
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 09-May-11
7
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
140 CRH
Aluminum Capacitors
SMD (Chip), High Temperature
Vishay BCcomponents
Note
• Unless otherwise specified, all electrical values in Table 6 apply
at Tamb = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %
ORDERING EXAMPLE
Electrolytic capacitor 140 CRH series
220 μF/50 V; ± 20 %
Nominal case size: 12.5 mm x 12.5 mm x 13 mm; taped on
reel
Ordering code: MAL214099111E3
Table 6
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 100 Hz, tolerance ± 20 %
IR
Rated RMS ripple current at 100 kHz, 125 °C
IL2
Max. leakage current after 2 min at UR
tan
Max. dissipation factor at 100 Hz
Z
Max. impedance at 100 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
(μF)
NOMINAL
CASE SIZE
LxWxH
(mm)
IR
100 kHz
125 °C
(mA)
IL2
2min
(μA)
tan
100 Hz
Z
100 kHz
20 °C
(
)
ORDERING
CODE (1)
MAL2140...
ORDERING
CODE (2)
MAL2140...
6.3
330
8 x 8 x 10
180
21
0.30
0.40
97303E3
-
470
10 x 10 x 10
300
30
0.30
0.25
97301E3
99301E3
680
10 x 10 x 14
430
43
0.30
0.20
97302E3
-
10
220
8 x 8 x 10
180
22
0.26
0.40
97403E3
-
330
10 x 10 x 10
300
33
0.26
0.25
97401E3
99401E3
470
10 x 10 x 14
430
47
0.26
0.20
97402E3
-
680
12.5 x 12.5 x 13
750
68
0.22
0.12
97411E3
99411E3
1000
12.5 x 12.5 x 16
900
100
0.22
0.09
97412E3
99412E3
2200
16 x 16 x 16
1000
220
0.24
0.08
-
99413E3
3300
16 x 16 x 21
1200
330
0.24
0.06
-
99414E3
3300
18 x 18 x 16
1200
330
0.26
0.08
-
99415E3
4700
18 x 18 x 21
1550
470
0.28
0.06
-
99416E3
16
150
8 x 8 x 10
180
24
0.22
0.40
97502E3
-
330
10 x 10 x 14
430
53
0.22
0.20
97501E3
-
470
12.5 x 12.5 x 13
750
75
0.18
0.12
97511E3
99511E3
680
12.5 x 12.5 x 16
900
108
0.18
0.09
97512E3
99512E3
1000
16 x 16 x 16
1100
160
0.18
0.08
-
99513E3
1000
16 x 16 x 21
1200
160
0.18
0.06
-
99514E3
1500
16 x 16 x 16
1100
240
0.18
0.08
-
99515E3
1500
18 x 18 x 16
1200
240
0.18
0.08
-
99516E3
2200
16 x 16 x 21
1200
352
0.20
0.06
-
99517E3
2200
18 x 18 x 21
1550
352
0.20
0.06
-
99518E3
3300
18 x 18 x 21
1550
528
0.22
0.06
-
99519E3
25
100
8 x 8 x 10
180
25
0.18
0.40
97602E3
-
220
10 x 10 x 10
300
55
0.18
0.25
97601E3
99601E3
330
12.5 x 12.5 x 13
750
82
0.16
0.12
97611E3
99611E3
470
12.5 x 12.5 x 16
900
117
0.16
0.09
97612E3
99612E3
1000
16 x 16 x 16
1100
250
0.16
0.08
-
99613E3
1000
16 x 16 x 21
1200
250
0.16
0.06
-
99614E3
1500
16 x 16 x 21
1200
375
0.16
0.06
-
99615E3
1500
18 x 18 x 16
1200
375
0.16
0.08
-
99616E3
2200
18 x 18 x 21
1550
550
0.18
0.06
-
99617E3
Notes
(1) Standard reflow soldering profile, see Fig. 4 and Table 4
(2) Advanced reflow soldering profile, according to JEDEC J-STD-020, see Fig. 5 and Table 5


Similar Part No. - MAL214099611E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL214095001E3 VISHAY-MAL214095001E3 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
MAL214095002E3 VISHAY-MAL214095002E3 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
MAL214095003E3 VISHAY-MAL214095003E3 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
MAL214095101E3 VISHAY-MAL214095101E3 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
MAL214095102E3 VISHAY-MAL214095102E3 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
More results

Similar Description - MAL214099611E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140CRH VISHAY-140CRH Datasheet
607Kb / 9P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 24-Oct-08
140CRH VISHAY-140CRH_13 Datasheet
147Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 26-Apr-13
140CLH VISHAY-140CLH_08 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
140CLH VISHAY-140CLH Datasheet
209Kb / 6P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 23-Jun-05
140CRH VISHAY-140CRH_17 Datasheet
157Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
Revision: 31-Jan-17
140CRH VISHAY-140CRH_V01 Datasheet
154Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
01-Jan-2023
140-CRH VISHAY-140-CRH Datasheet
156Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
Revision: 31-Jan-17
146CTI VISHAY-146CTI_13 Datasheet
137Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 23-Apr-13
146CTI VISHAY-146CTI Datasheet
116Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 19-Jul-10
160CLA VISHAY-160CLA Datasheet
127Kb / 10P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 04-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com