Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL214099601E3 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # MAL214099601E3
Description  Aluminum Capacitors SMD (Chip), High Temperature
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL214099601E3 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button MAL214099601E3 Datasheet HTML 5Page - Vishay Siliconix MAL214099601E3 Datasheet HTML 6Page - Vishay Siliconix MAL214099601E3 Datasheet HTML 7Page - Vishay Siliconix MAL214099601E3 Datasheet HTML 8Page - Vishay Siliconix MAL214099601E3 Datasheet HTML 9Page - Vishay Siliconix MAL214099601E3 Datasheet HTML 10Page - Vishay Siliconix MAL214099601E3 Datasheet HTML 11Page - Vishay Siliconix MAL214099601E3 Datasheet HTML 12Page - Vishay Siliconix MAL214099601E3 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28396
10
Revision: 09-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
140 CRH
Vishay BCcomponents
Aluminum Capacitors
SMD (Chip), High Temperature
EQUIVALENT SERIES RESISTANCE (ESR)
Fig. 8 - Typical multiplier of ESR as a function of frequency
IMPEDANCE (Z)
Fig. 9 - Typical impedance as a function of frequency
Fig. 10 - Typical impedance as a function of frequency
RIPPLE CURRENT AND USEFUL LIFE
Table 8
T
amb = 20 °C
ESR0 = Typical ESR at 20 °C, 100 Hz
0.1
10
10
4
10
3
10
2
10
5
1
10
f (Hz)
ESR
ESR0
Curve 1: 100-25-0810
Curve 2: 220-25-1010
Curve 3: 330-25-1213
Curve 4: 470-25-1216
Curve 5: 1000-25-1616
Curve 6: 2200-25-1821
T
amb = 20 °C
10
10
2
10
3
10
4
10
5
f (Hz)
Z
(
Ω)
0.01
0.1
1
10
100
10
2
1
2
3
4
5
6
T
amb = 20 °C
10
10
2
10
3
10
4
10
5
f (Hz)
Z
(
Ω)
0.01
0.1
1
10
100
10
2
Curve 1: 22-63-0810
Curve 2: 47-63-1010
Curve 3: 68-63-1014
Curve 4: 100-63-1213
Curve 5: 220-63-1216
Curve 6: 330-63-1616
Curve 7: 680-63-1821
1
2
3
4
5
6
7
ENDURANCE TEST DURATION AND USEFUL LIFE
NOMINAL
CASE SIZE
D x L
(mm)
CASE
CODE
MAL214097...
MAL214099...
ENDURANCE
AT 125 °C
(h)
USEFUL LIFE
AT 125 °C
(h)
USEFUL LIFE
AT 40 °C
1.8 x IR APPLIED
(h)
ENDURANCE
AT 125 °C
(h)
USEFUL LIFE
AT 125 °C
(h)
USEFUL LIFE
AT 40 °C
1.8 x IR APPLIED
(h)
8 x 8 x 10
0810
1000
1500
150 000
-
-
-
10 x 10 x 10
1010
1000
1500
150 000
1000
1500
150 000
10 x 10 x 14
1014
1000
1500
150 000
-
-
-
12.5 x 12.5 x 13
1213
2000
3000
300 000
3000
3500
350 000
12.5 x 12.5 x 16
1216
2000
3000
300 000
4000
5000
400 000
16 x 16 x 16
1616
-
-
-
5000
6000
500 000
16 x 16 x 21
1621
-
-
-
5000
6000
500 000
18 x 18 x 16
1816
-
-
-
5000
6000
500 000
18 x 18 x 21
1821
-
-
-
5000
6000
500 000


Similar Part No. - MAL214099601E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL214095001E3 VISHAY-MAL214095001E3 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
MAL214095002E3 VISHAY-MAL214095002E3 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
MAL214095003E3 VISHAY-MAL214095003E3 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
MAL214095101E3 VISHAY-MAL214095101E3 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
MAL214095102E3 VISHAY-MAL214095102E3 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
More results

Similar Description - MAL214099601E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140CRH VISHAY-140CRH Datasheet
607Kb / 9P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 24-Oct-08
140CRH VISHAY-140CRH_13 Datasheet
147Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 26-Apr-13
140CLH VISHAY-140CLH_08 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
140CLH VISHAY-140CLH Datasheet
209Kb / 6P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 23-Jun-05
140CRH VISHAY-140CRH_17 Datasheet
157Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
Revision: 31-Jan-17
140CRH VISHAY-140CRH_V01 Datasheet
154Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
01-Jan-2023
140-CRH VISHAY-140-CRH Datasheet
156Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
Revision: 31-Jan-17
146CTI VISHAY-146CTI_13 Datasheet
137Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 23-Apr-13
146CTI VISHAY-146CTI Datasheet
116Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 19-Jul-10
160CLA VISHAY-160CLA Datasheet
127Kb / 10P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 04-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com