Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SR154-400 Datasheet(PDF) 3 Page - Rohm

Part # 1SR154-400
Description  Rectifier diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

1SR154-400 Datasheet(HTML) 3 Page - Rohm

  1SR154-400 Datasheet HTML 1Page - Rohm 1SR154-400 Datasheet HTML 2Page - Rohm 1SR154-400 Datasheet HTML 3Page - Rohm 1SR154-400 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
1SR154-400
 
0
0.5
1
1.5
2
2.5
3
0
25
50
75
100
125
150
Sin(θ=180)
D=1/2
DC
T
Tj=150℃
D=t/T
t
VR
Io
VR=200V
0A
0V
0
0.5
1
1.5
2
2.5
3
0
25
50
75
100
125
150
Sin(θ=180)
D=1/2
DC
TTj=150℃
D=t/T
t
VR
Io
VR=200V
0A
0V
0
0.002
0.004
0.006
0.008
0.01
0
100
200
300
400
D=1/2
DC
Sin(θ=180)
REVERSE VOLTAGE:VR(V)
VR-PR CHARACTERISTICS
AMBIENT TEMPERATURE:Ta(℃)
Derating Curve"(Io-Ta)"
CASE TEMPARATURE:Tc(℃)
Derating Curve"(Io-Tc)"
ESD DISPERSION MAP
0
5
10
15
20
25
30
C=200pF
R=0Ω
C=100pF
R=1.5kΩ
AVE:5.00kV
AVE:18.6V
3/3
2011.06 - Rev.E


Similar Part No. - 1SR154-400

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400 Datasheet
158Kb / 4P
   Rectifier diode
logo
EIC discrete Semiconduc...
1SR154-400 EIC-1SR154-400 Datasheet
32Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Rohm
1SR154-400 ROHM-1SR154-400 Datasheet
136Kb / 4P
   Rectifier diode
logo
Bruckewell Technology L...
1SR154-400 BWTECH-1SR154-400 Datasheet
358Kb / 5P
   SURFACE MOUNT RECTIFIERS
logo
Rohm
1SR154-400 ROHM-1SR154-400 Datasheet
360Kb / 4P
   Rectifier diode
More results

Similar Description - 1SR154-400

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com