Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDT1518 Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part # PDT1518
Description  150A Avg 800 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PDT1518 Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  PDT1518 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PDT1518 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PDT1518 Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
─ 232 ─


Similar Part No. - PDT1518

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT1518 NIEC-PDT1518 Datasheet
323Kb / 9P
   THYRISTOR MODULE 150A / 800V
logo
Kyocera Kinseki Corpota...
PDT1518 KSS-PDT1518 Datasheet
1Mb / 4P
   Thyristor
logo
National Instruments Co...
PDT1518 NI-PDT1518_15 Datasheet
372Kb / 3P
   THYRISTOR
More results

Similar Description - PDT1518

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PC1508 NI-PC1508_15 Datasheet
162Kb / 2P
   150A Avg 800 Volts
logo
Nihon Inter Electronics...
PDT20116 NIEC-PDT20116_1 Datasheet
378Kb / 3P
   150A Avg 800 Volts
PE1508N NIEC-PE1508N_1 Datasheet
159Kb / 2P
   150A Avg 800 Volts
PT151S8 NIEC-PT151S8_1 Datasheet
286Kb / 2P
   150A Avg 800 Volts
logo
National Instruments Co...
PAT1508 NI-PAT1508_15 Datasheet
260Kb / 4P
   150A Avg 800 Volts
logo
Nihon Inter Electronics...
PT150S8 NIEC-PT150S8_1 Datasheet
281Kb / 2P
   150A Avg 800 Volts
PD150S8 NIEC-PD150S8 Datasheet
127Kb / 2P
   150A Avg 800 Volts
PC1508 NIEC-PC1508_1 Datasheet
162Kb / 2P
   150A Avg 800 Volts
PD1518 NIEC-PD1518_1 Datasheet
26Kb / 1P
   150A Avg 800 Volts
PH1503 NIEC-PH1503_1 Datasheet
165Kb / 2P
   150A Avg 300~800 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com